Part Number Hot Search : 
3652HV 7N600 EL817 74ALVC1 NAS6218 HD74H B65821 TC7S04F
Product Description
Full Text Search
 

To Download BFP620E7764 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFP620_E7764
NPN Silicon Germanium RF Transistor High gain low noise RF transistor Provides outstanding performance for a wide range of wireless applications Ideal for CDMA and WLAN applications Outstanding noise figure F = 0.7 dB at 1.8 GHz Outstanding noise figure F = 1.3 dB at 6 GHz Maximum stable gain Gms = 21.5 dB at 1.8 GHz Gma = 11 dB at 6 GHz Gold metallization for extra high reliability
3 4
Junction temperature Ambient temperature Storage temperature
Thermal Resistance Parameter
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
Junction - soldering point2)

2 1
VPS05605
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Pin Configuration Package
BFP620_E7764
Maximum Ratings Parameter
R2s
1=B
2=E
3=C
4=E
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg Symbol RthJS
-
-
SOT343
Value Unit
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation1)
TS
2.3 7.5 7.5 1.2 80 3 185 150 -65 ... 150 -65 ... 150
Value
V
mA mW C
95C
Unit
300
K/W
Jul-03-2003
BFP620_E7764
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 7.5 V, VBE = 0 Collector-base cutoff current VCB = 5 V, IE = 0 Emitter-base cutoff current VEB = 0.5 V, IC = 0 DC current gain IC = 50 mA, VCE = 1.5 V hFE 100 180 320 IEBO 3 A ICBO 100 nA ICES 10 A V(BR)CEO 2.3 2.8 V Symbol min. Values typ. max. Unit
2
Jul-03-2003
BFP620_E7764
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. typ. max. AC Characteristics (verified by random sampling) Transition frequency fT I C = 50 mA, VCE = 1.5 V, f = 1 GHz Collector-base capacitance VCB = 2 V, f = 1 MHz Collector emitter capacitance VCE = 2 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure I C = 5 mA, V CE = 1.5 V, f = 1.8 GHz, ZS = ZSopt I C = 5 mA, V CE = 1.5 V, f = 6 GHz, ZS = ZSopt Power gain, maximum stable 1) I C = 50 mA, VCE = 1.5 V, ZS = Z Sopt, Z L = ZLopt , f = 1.8 GHz Power gain, maximum available1) I C = 50 mA, VCE = 1.5 V, ZS = Z Sopt, Z L = ZLopt, f = 6 GHz Transducer gain f = 1.8 GHz I C = 50 mA, VCE = 1.5 V, ZS = Z L = 50 f = 6 GHz Third order intercept point at output 2) VCE = 2 V, IC = 50 mA, f = 1.8 GHz, 1dB Compression point at output f = 1.8 GHz Z S = ZL = 50 |S21e|2 , , IP3 9.5 25 dBm 20 dB I C = 50 mA, VCE = 1.5 V, ZS = Z L = 50 Gma 11 dB Gms F 0.7 1.3 21.5 dB dB Ceb 0.46 Cce 0.22 Ccb 0.12 0.2 pF 65 -
Unit
GHz
1G 1/2 ma = |S21e / S12e | (k-(k-1) ), Gms = |S21e / S12e| 2IP3 value depends on termination of all intermodulation frequency components. Termination used for this measurement is 50 from 0.1 MHz to 6 GHz
I C = 50 mA, VCE = 2 V, Z S = Z L = 50
,

P-1dB
-
15
-
3
Jul-03-2003
BFP620_E7764
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax): Transitor Chip Data:
IS = VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI = AF = TITF1 0.22 1000 2 2 2 2.707 250.7 1.43 2.4 0.6 0.2 0.5 3 2 -0.0065 fA V V fF ps A V ns BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = NK = FC = KF = TITF2 425 0.25 50 10 3.129 0.6 0.75 10 0 0.5 128.1 -1.42 0.8 7.291E-11 1.0E-5 A mA V deg fF NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM 1.025 21 1 18 1.522 2.364 0.3 1.5 124.9 1 0.52 1.078 298 fA pA mA V fF V eV K
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
RCBS
CBCC C B F P 6 2 0 _ C h ip S B E RCES
LCC
B
LBB
LBC
CBEC
RCCS
LCB
C
LEC
CBEI LEB CBEO T= 2 5 C CCEO
CCEI
Itf = 2 4 0 0 * ( 1 - 6 .5 e -3 * (T -2 5 ) + 1 .0 e -5 * (T -2 5 )^ 2 )
E
1200 300
Valid up to 6GHz
4
Jul-03-2003

For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http//www.infineon.com/silicondiscretes
LBC = LCC = LEC = LBB = LCB = LEB = CBEC = CBCC = CES = CBS = CCS = CCEO = CBEO = CCEI = CBEI = RBS = RCS = RES =
60 50 15 764.5 725.4 259.6 98.4 55.9 140 54 50 106.5 106.7 132.4 99.6 1200
pH pH pH pH pH pH fF fF fF fF fF fF fF fF fF
BFP620_E7764
Total power dissipation Ptot = (TS ) Permissible Pulse Load RthJS =
(tp )
200
mW
160
RthJS
140
P tot
120 100 80 60 40 20 0 0 120 C
20
40
60
80
100
10 1
Ptotmax/ PtotDC
CCB
D=0 0.005 0,01 0,02 0,05 0,1 0,2 0,5
10 0 -7 10
10
-6
10
Ptotmax/PtotDC =
(tp)
f = 1MHz
0.4
pF
0.3
0.25
0.2
0.15
0.1
0.05
-5
10
-4
10
-3
10
-2
C
10
0
0 0
1
2
3
4
5
V
tp
5
Jul-03-2003
Permissible Pulse Load
10 3
K/W
10 2
D = 0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
150
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
C
10
0
TS
tp
Collector-base capacitance Ccb = (VCB )
7
VCB
BFP620_E7764
Third order Intercept Point IP3=(IC)
(Output, ZS=ZL=50)
Transition frequency fT= (IC) f = 1GHz VCE = Parameter in V
65 GHz 55 50 45
1 1.3 to 2.3
VCE = parameter, f = 900MHz 27
dBm 2.3V
21 18 15 12
0.8V
1.8V
IP3
1.3V
fT
40 35 30 25 20 15 10
0.3 0.5 0.8
9 6 3 0 0
5 10 20 30 40 50 60 70 80 mA 100 0 0 10 20 30 40 50 60 70 80 mA 100
IC
IC
VCE = 1.5V f = Parameter in GHz
30
dB
|S21| = f (f)
VCE = 1.5V, IC = 50mA
55
dB 0.9
26 24 22
45 40
G
20 30 18 16 14 12 10 8 0 10 20 30 40 50 60 70 mA
2.4 3 4 5 6 Gms
G
1.8
35
25 20 15 10 5 0
GHz |S21| Gma
90
1
2
3
IC
6
Power gain Gma, Gms = (IC )
Power Gain Gma, Gms =
(f),
4
6
f
Jul-03-2003
BFP620_E7764
Power gain Gma, Gms = IC = 50mA f = Parameter in GHz
30
dB 1.8 0.9
(VCE )
20
2.4 3
G
15
4 5 6
10
5
0
-5 0.2
0.6
1
1.4
1.8
V
2.6
VCE
7
Jul-03-2003


▲Up To Search▲   

 
Price & Availability of BFP620E7764

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X