Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download BD746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD746, BD746A, BD746B, BD746C PNP SILICON POWER TRANSISTORS

Designed for Complementary Use with the BD745 Series 115 W at 25C Case Temperature 20 A Continuous Collector Current 25 A Peak Collector Current Customer-Specified Selections Available
C B
SOT-93 PACKAGE (TOP VIEW) 1
2
E
3 Pin 2 is in electrical contact with the mounting base.
MDTRAAA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BD746 Collector-base voltage (IE = 0) BD746A BD746B BD746C BD746 Collector-emitter voltage (IB = 0) BD746A BD746B BD746C Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating free air temperature range Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. VEBO IC ICM IB Ptot Ptot 1/2LIC2 TA Tj Tstg TL VCEO V CBO SYMBOL VALUE -50 -70 -90 -110 -45 -60 -80 -100 -5 -20 -25 -7 115 3.5 90 -65 to +150 -65 to +150 -65 to +150 260 V A A A W W mJ C C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.92 W/C. Derate linearly to 150C free air temperature at the rate of 28 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -0.4 A, RBE = 100 , VBE(off) = 0, RS = 0.1 , VCC = -20 V.
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
1
BD746, BD746A, BD746B, BD746C PNP SILICON POWER TRANSISTORS
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER Collector-emitter breakdown voltage TEST CONDITIONS BD746 V(BR)CEO IC = -30 mA IB = 0 (see Note 5) BD746A BD746B BD746C VCE = -50 V VCE = -70 V VCE = -90 V ICBO Collector cut-off current VCE = -110 V VCE = -50 V VCE = -70 V VCE = -90 V VCE = -110 V ICEO IEBO Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Small signal forward current transfer ratio Small signal forward current transfer ratio VCE = -30 V VCE = -60 V VEB = VCE = VCE = VCE = IB = IB = VCE = VCE = -5 V -4 V -4 V -4 V -0.5 A -5 A -4 V -4 V VBE = 0 VBE = 0 VBE = 0 VBE = 0 VBE = 0 VBE = 0 VBE = 0 VBE = 0 IB = 0 IB = 0 IC = 0 IC = -1 A IC = -5 A IC = -20 A IC = -5 A IC = -20 A IC = -5 A IC = -20 A IC = -1 A IC = -1 A (see Notes 5 and 6) (see Notes 5 and 6) f = 1 kHz f = 1 MHz 25 5 (see Notes 5 and 6) 40 20 5 -1 -3 -1 -3 V V 150 TC = 125C TC = 125C TC = 125C TC = 125C BD746 BD746A BD746B BD746C BD746 BD746A BD746B BD746C BD746/746A BD746B/746C MIN -45 -60 -80 -100 -0.1 -0.1 -0.1 -0.1 -5 -5 -5 -5 -0.1 -0.1 -0.5 mA mA mA V TYP MAX UNIT
hFE
VCE(sat) VBE hfe
VCE = -10 V VCE = -10 V
|hfe |
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 1.1 35.7 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER td tr ts tf
TEST CONDITIONS IC = -5 A VBE(off) = 4.2 V IB(on) = -0.5 A RL = 6
MIN IB(off) = 0.5 A tp = 20 s, dc 2%
TYP 20 120 600 300
MAX
UNIT ns ns ns ns
Delay time Rise time Storage time Fall time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
2
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD746, BD746A, BD746B, BD746C PNP SILICON POWER TRANSISTORS
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
1000
TCS636AE
COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V -10 IC = 10 IB tp = 300s, duty cycle < 2%
TCS636AF
TC = 125C TC = 25C TC = -55C hFE - DC Current Gain
-1*0
100
-0*1
VCE = -4 V tp = 300 s, duty cycle < 2% 10 -0*1 -1*0 -10 -100
TC = -55C TC = 25C TC = 125C -0*01 -0*1 -1*0 -10 -100
IC - Collector Current - A
IC - Collector Current - A
Figure 1.
Figure 2.
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
-100
SAS635AC
IC - Collector Current - A
-10
tp = 1 ms, d = 0.1 = 10% tp = 10 ms, d = 0.1 = 10% tp = 50 ms, d = 0.1 = 10% DC Operation
-1*0
-0*1 BD746 BD746A BD746B BD746C -0*01 -1*0 -10 -100 -1000
VCE - Collector-Emitter Voltage - V
Figure 3.
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
3
BD746, BD746A, BD746B, BD746C PNP SILICON POWER TRANSISTORS
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
120 Ptot - Maximum Power Dissipation - W
TIS635AB
100
80
60
40
20
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 4.
4
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD746, BD746A, BD746B, BD746C PNP SILICON POWER TRANSISTORS
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70 o 4,1 4,0 15,2 14,7 1,37 1,17
3,95 4,15
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
5


▲Up To Search▲   

 
Price & Availability of BD746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X