|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BCM94201 PRODUCT (R) Brief OF BENEFITS BCM94201 SATELLITE RECEIVER EVALUATION SYSTEM BCM94201 universal satellite receiver FEATURES SUMMARY * Reference design based on the Broadcom BCM4201 * BCM3440 CMOS satellite tuner * Standard MPEG-2 output in DIRECTV or DVB format * 25-pin output connector with on-board line drivers * I C bus interface to PC parallel port for system control * On-chip Bit Error Rate Tester (BERT) to simplify (R) 2 * The BCM94201 demonstrates the operation of the (R) * Fully-compliant with DIRECTV , DigicipherTM II and DVB specifications tuner/receiver front-end combination operating modes and data rates BCM4201 satellite receiver using the BCM3440 CMOS tuner * Simplified design is optimized to provide the lowest cost * Highly integrated system software enables evaluation of all * Supports full 2-85 Mbps, BCM4201 operation * Complete reference design documentation support package * I C bus interface card operates with standard IBM 2 lab tests * * Low-power operation * Low Noise Block (LNB) control * Easy to use Broadband Studio Software provided for Glueless interface to external BERT system evaluation provided including Broadband Studio Software compatible computers * The system provides a performance benchmark for application design and software development BCM94201 Satellite Receiver Evaluation System Reference Design |
Price & Availability of BCM94201 |