Part Number Hot Search : 
RLPBF LM334AZT Z5238B LIMITED XC2289H PCD5090 7C135 40102
Product Description
Full Text Search
 

To Download AME125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME125 Series
125 Watt (Enclosed) AC/DC Converter
* * * *
ENCLOSED SWITCHING POWER SUPPLY UNIVERSAL INPUT RANGE 90...264 VAC, 47...63HZ OR 120...370VDC ULTRA COMPACT SIZE 3000 VAC INPUT-OUTPUT ISOLATION
* * * *
REGULATED OUTPUT 125W WITH 18CFM FAN EFFICIENCY UP TO 75% PFC FUNCTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25C after warm-up time unless otherwise stated.
Model No. (Single Output) Max. Output Wattage (Convection) Max. Output Wattage (18CFM Fan)
AME125-3.3S AME125-5S AME125-12S AME125-15S AME125-24S AME125-48S
52W
82.5W
80W 125W
95W 120W
95W 125W
95W 125W
95W 125W
Voltage Frequency (Hz) Input Current (Full Load) Inrush Current (<2ms) Leakage Current Power Factor Voltage (VDC) Voltage Accuracy Max. Current (Convection) Max. Current (18CFM Fan) Line Regulation (LL-HL) (typ.) Output Load Regulation (5-100%) (typ.) Minimum Load Maximum Capacitive Load Ripple & Noise Efficiency Hold-up Time Switching Frequency Over Power Protection Protection Over Voltage Protection Short Circuit Protection Input-Output (VAC) Isolation Input-FG (VAC) Output-FG (VAC) Operating Temperature (Conv) Operating Temperature (Fan) Environment Storage Temperature Temperature Coefficient Humidity MTBF Physical Dimensions (LxWxH) Weight Cooling Method EMI (Conducted & Radiated Emission) EMC EMS (Noise Immunity)
90-260 VAC or 120-370 VDC 47-63 Hz 3A Max. (115VAC) / 1.5A Max. (230VAC) 30A Max. (115VAC) / 60A Max. (230VAC) 3.5mA max. PF>0.97 (115VAC) / PF>0.93 (230 VAC) at Full Load 3.3V 5V 12V 15V 24V 48V 2% 16A 16A 7.9A 6.33A 3.95A 1.98A 25A 25A 10.4A 8.33A 5.2A 2.6A 1% 1% 0% 470-23,000F Depending on model. 100mV max. 1% max. 68% 70% 75% 75% 75% 75% 18ms min. 67kHz Auto Recovery Auto Recovery Auto Recovery 3000V 1500V 500V -25C ... +40C (without derating) -25C ... +50C (without derating) -40C ... +85C 0.02% / C (0...50C) 95% RH > 100,000 hrs @ 25C (MIL-HDBK-217F) 5.00 x 3.24 x 1.50 Inches (127.0 x 82.2 x 38.1mm) Tolerance 0.5mm 470g Free Air Convection / 18CFM Forced Air EN55022 Class B EN55024
Continued on next page
Specifications are subject to change without notification.
VISIT US AT WWW.AIMTEC.CA
AC-DC CONVERTERS
AME125 Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View) DERATING
Pin 1 2 3 4, 5 6, 7
BLOCK DIAGRAM
Single FG AC Input (N) AC Input (L) +DC Output -DC Output
AC-DC CONVERTERS
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AME125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X