Part Number Hot Search : 
BCR189F HC1G0 VC060318 MPF10 SS8012G HMC45109 FH007B12 MMBTA
Product Description
Full Text Search
 

To Download AM8T-1203SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM8T-C Series
8 watt dc-dc converters
* * * *
24PIN DIP PACKAGE PLASTIC ENCAPSULATED CASE POWER MODULES FOR PCB MOUNTING 2:1 WIDE INPUT RANGE
* * *
REGULATED OUTPUT LOW RIPPLE & NOISE OPERATING TEMPERATURE : -25...+71C
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM8T-C series is a family of cost effective 8W single and dual output DC-DC converters. These converters are shielded on all six sides and aluminum encapsulated, have a non-conductive base and retain an anodized black DIP24 compatible plastic case and dimensions of 31.8x20.3x10.2mm. The high performance features of our AM8T-C components include short circuit protection with current limit auto recovery, tight line regulation and a high efficiency operation coefficient up to 82%. Twenty four models operate from an input voltage range of 12, 24 & 48VDC producing output voltages of 3,3, 5, 12, 15, 24, 5, 12 & 15VDC. The normal operation is specified over the full operating temperature range of -25C to +71C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range Output Specifications: Voltage accuracy Ripple Noise Short circuit protection Over current protection
Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency
12VDC, 9~18VDC 24VDC, 18~36VDC 48 VDC, 36~75VDC p (Pi) Network 1500VDC >1000 Mohms 1000pF, typ. 78% to 82% 300KHz, typ. 100% load
2%, max. <0.2% Vout +20mVmax (Vp-p) <0.5% Vout +50mVmax (Vp-p) Current limit, auto-recovery Works over 120% of rating and recovers automatically Line regulation (HL-LL) 0.5%, typ. Load regulation (10-100%) 2%, typ. Temperature coefficient 0.02%/C, typ. Physical Specifications: Dimensions 31.8x20.3x10.2mm, tolerance 0.5mm 1.25x0.8x0.4inches Weight 13g Case material Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Environmental Specifications: Operating temperature -25C ...+71C Storage temperature -55C ...+105C Case temperature +95C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
Specifications are subject to change without notification
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
70 Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM8T-C Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View) DERATING
Pin Single 1500VDC Dual
BLOCK DIAGRAM
Single Output
Dual Output
MODELS
Single output Input Voltage Ouput Voltage 3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC Ouput Voltage 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC Ouput Current max. 2000mA 1500mA 660mA 530mA 330mA 2000mA 1500mA 660mA 530mA 330mA 2000mA 1500mA 660mA 530mA 330mA
Ouput Current max. 800mA 330mA 260mA 800mA 330mA 260mA 800mA 330mA 260mA
Models AM8T-1203SC AM8T-1205SC AM8T-1212SC AM8T-1215SC AM8T-1224SC AM8T-2403SC AM8T-2405SC AM8T-2412SC AM8T-2415SC AM8T-2424SC AM8T-4803SC AM8T-4805SC AM8T-4812SC AM8T-4815SC AM8T-4824SC Dual output Models AM8T-1205DC AM8T-1212DC AM8T-1215DC AM8T-2405DC AM8T-2412DC AM8T-2415SC AM8T-4805DC AM8T-4812DC AM8T-4815DC
9VDC - 18VDC
18VDC - 36VDC
36VDC - 75VDC
Input Voltage 9VDC - 18VDC
18VDC - 36VDC
36VDC - 75VDC
71
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
2 3 9 10 11 14 15 16 22 23
-V Input -V Input N.C. N.C. N.C. +V Output N.C. -V Output +V Input +V Input
-V Input -V Input Common N.C. -V Output +V Output N.C. Common +V Input +V Input


▲Up To Search▲   

 
Price & Availability of AM8T-1203SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X