Part Number Hot Search : 
SM8505 UPD4722 MCH6542 DM74L SN431BS TDA7360 SN75150P U200029
Product Description
Full Text Search
 

To Download AM5TW-2407D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM5TW Series
5 watt dc-dc converters
* * * *
24-PIN DIP PACKAGE LOW PROFILE METAL PACKAGE HIGH EFFICIENCY UP TO 80% WIDE 4:1 INPUT RANGE
* * * *
INPUT/OUTPUT ISOLATION: 1500 & 3500 VDC OPERATING TEMPERATURE: -40C ... +85C PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS CONTINUOUS SHORT CIRCUIT PROTECTION
Our AM5TW series is a family of cost effective 5W single and dual output DC-DC converters. These converters combine nickel-coated copper package in a 24-pin DIP compatible case with high performance features such as 1500VDC & 3500VDC input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation. Wide range devices operate over 4:1 input voltage range providing stable output voltage. Devices are encapsulated using flame retardant resin.
Input voltages of 24 & 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15, 18, 24, 3.3, 5, 7.2, 9, 12, 15, 18 & 24VDC. High performance features include high efficiency operation up to 80% and output voltage accuracy of 1% maximum. All models are packaged in a low profile 31.75x20.32x10.16mm 24 pin DIP nickel-coated copper case. Operation is specified over the full operating temperature range of -40C to +85C with no derating required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25C, normal input voltage, rated output current unless otherwise specified. Output Specifications: Input Specifications: Voltage range 24VDC, 9~36VDC Voltage accuracy 1% max. 48VDC, 18~72VDC Voltage balance (Dual Output) 1% Filter p (Pi)Network Ripple & Noise (at 20MHz BW) 60m Vp-p, max. Short circuit protection Continuous Isolation Specifications: Short circuit restart Automatic Rated voltage 1500 & 3500VDC Line voltage regulation 0.5%, max. Resistance > 1000MOhm Load voltage regulation 0.5%, max. Capacitance 80pF, typ. Temperature Coefficient 0.2% /C, typ. General Specifications: Environmental Specifications: Efficiency 74% to 80% Switching Frequency 250KHz, typ. 100% load Operating temperature (ambient) -40C ... +85C Storage temperature -55C ... +125C Physical Specifications: Case temperature +100C, max. Dimensions 31.75x20.32x10.16mm Derating None required 1.25x0.8x0.4 inches Humidity (non-condensing) Up to 90% Weight 26g Cooling Free-air Convection Case material Nickel-Coated Copper MTBF: > 1,112,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Pin 1500VDC Single Dual 3500VDC Single Dual
Specifications are subject to change without notification
OUTLINE DIMENSIONS & PIN CONNECTIONS
1 +V Input 2 N.C. 3 N.C. 9 Omitted 10 -V Output 11 +V Output 12/13 -V Input 14 +V Output 15 -V Output 16 Omitted 22 N.C. 23 N.C. 24 +V Input
+V Input -V Output Common Omitted Common +V Output -V Input +V Output Common Omitted Common -V Output +V Input
Omitted Omitted -V Input -V Input -V Input -V Input N.C. Common Omitted Omitted N.C. -V Output Omitted Omitted + V Output + V Output Omitted Omitted -V Output Common +V Input +V Input +V Input +V Input Omitted Omitted
Continued on next page
61
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
GENERAL DESCRIPTION
AM5TW Series
MODELS
Single output Models Isolation 1500VDC AM5TW-2403S AM5TW-2405S AM5TW-2407S AM5TW-2409S AM5TW-2412S AM5TW-2415S AM5TW-2418S AM5TW-2424S AM5TW-4803S AM5TW-4805S AM5TW-4807S AM5TW-4809S AM5TW-4812S AM5TW-4815S AM5TW-4818S AM5TW-4824S Isolation 3500VDC AM5TW-2403SH35 AM5TW-2405SH35 AM5TW-2407SH35 AM5TW-2409SH35 AM5TW-2412SH35 AM5TW-2415SH35 AM5TW-2418SH35 AM5TW-2424SH35 AM5TW-4803SH35 AM5TW-4805SH35 AM5TW-4807SH35 AM5TW-4809SH35 AM5TW-4812SH35 AM5TW-4815SH35 AM5TW-4818SH35 AM5TW-4824SH35 Input Voltage Ouput Voltage 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC Ouput Current max. 1200mA 1000mA 694mA 556mA 417mA 333mA 278mA 208mA 1200mA 1000mA 694mA 556mA 417mA 333mA 278mA 208mA
DC-DC CONVERTERS
9VDC - 36VDC
18VDC - 72VDC
Dual output Models Isolation 1500VDC AM5TW-2403D AM5TW-2405D AM5TW-2407D AM5TW-2409D AM5TW-2412D AM5TW-2415D AM5TW-2418D AM5TW-2424D AM5TW-4803D AM5TW-4805D AM5TW-4807D AM5TW-4809D AM5TW-4812D AM5TW-4815D AM5TW-4818D AM5TW-4824D Isolation 3500VDC AM5TW-2403DH35 AM5TW-2405DH35 AM5TW-2407DH35 AM5TW-2409DH35 AM5TW-2412DH35 AM5TW-2415DH35 AM5TW-2418DH35 AM5TW-2424DH35 AM5TW-4803DH35 AM5TW-4805DH35 AM5TW-4807DH35 AM5TW-4809DH35 AM5TW-4812DH35 AM5TW-4815DH35 AM5TW-4818DH35 AM5TW-4824DH35 Input Voltage Ouput Voltage 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC Ouput Current max. 600mA 500mA 347mA 278mA 209mA 167mA 139mA 104mA 600mA 500mA 347mA 278mA 209mA 167mA 139mA 104mA
9VDC - 36VDC
18VDC - 72VDC
62
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM5TW-2407D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X