Part Number Hot Search : 
MTP2N20 V38CP20 6047611 CY8C241 MPW2033 LH1056A 06PBF 66101
Product Description
Full Text Search
 

To Download ADUM1210BRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual-Channel Digital Isolator ADuM1210
FEATURES
Narrow body, 8-lead SOIC Low power operation 5 V operation 1.1 mA per channel maximum @ 0 Mbps to 2 Mbps 3.7 mA per channel maximum @ 10 Mbps 3 V operation 0.8 mA per channel maximum @ 0 Mbps to 2 Mbps 2.2 mA per channel maximum @ 10 Mbps 3 V/5 V level translation High temperature operation: 105C High data rate: dc to 25 Mbps (NRZ) Precise timing characteristics 3 ns maximum pulse width distortion 3 ns maximum channel-to-channel matching High common-mode transient immunity: >25 kV/s Safety and regulatory approvals UL recognition 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE certificate of conformity DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 DIN EN 60950 (VDE 0805): 2001-12; DIN EN 60950: 2000 VIORM = 560 V peak
GENERAL DESCRIPTION
The ADuM1210 1 is a dual-channel, digital isolator based on Analog Devices' iCoupler(R) technology. Combining high speed CMOS and monolithic transformer technology, this isolation component provides outstanding performance characteristics superior to alternatives such as optocoupler devices. By avoiding the use of LEDs and photodiodes, iCoupler devices remove the design difficulties commonly associated with optocouplers. The concerns of the typical optocoupler regarding uncertain current transfer ratios, nonlinear transfer functions, and temperature and lifetime effects are eliminated with the simple, iCoupler digital interfaces and stable performance characteristics. The need for external drivers and other discrete components is eliminated with iCoupler products. Furthermore, iCoupler devices consume one-tenth to one-sixth the power of optocouplers at comparable signal data rates. The ADuM1210 isolator provides two independent isolation channels operable with the supply voltage on either side ranging from 2.7 V to 5.5 V. This provides compatibility with lower voltage systems as well as enabling a voltage translation functionality across the isolation barrier. In addition, the ADuM1210 provides low pulse-width distortion (<3 ns) and tight channel-to-channel matching (<3 ns). Unlike other optocoupler alternatives, the ADuM1210 isolator has a patented refresh feature that ensures dc correctness in the absence of input logic transitions and during power-up/power-down conditions. Furthermore, as an alternative to the ADuM1200 dual-channel, digital isolator that defaults to an output high condition, the ADuM1210's outputs default to a logic low state when input power is off.
1
APPLICATIONS
Size-critical multichannel isolation SPI(R) interface/data converter isolation RS-232/RS-422/RS-485 transceiver isolation Digital field bus isolation
Protected by U.S. Patents 5,952,849; 6,873,065; and other pending patents.
FUNCTIONAL BLOCK DIAGRAM
VDD1 1 VIA 2 VIB 3 GND1 4 ENCODE ENCODE DECODE DECODE
8
VDD2 VOA VOB GND2
05459-001
7
6
5
Figure 1.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2006 Analog Devices, Inc. All rights reserved.
ADuM1210 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Electrical Characteristics--5 V Operation................................ 3 Electrical Characteristics--3 V Operation................................ 5 Electrical Characteristics--Mixed 5 V/3 V or 3 V/5 V Operation....................................................................................... 7 Package Characteristics ............................................................... 9 Regulatory Information............................................................... 9 Insulation and Safety-Related Specifications............................ 9 DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation Characteristics ............................................................................ 10 Recommended Operating Conditions .................................... 10 Absolute Maximum Ratings ......................................................... 11 ESD Caution................................................................................ 11 Pin Configuration and Function Descriptions........................... 12 Typical Performance Characteristics ........................................... 13 Application Information................................................................ 14 PC Board Layout ........................................................................ 14 Propagation Delay-Related Parameters................................... 14 DC Correctness and Magnetic Field Immunity........................... 14 Power Consumption .................................................................. 15 Outline Dimensions ....................................................................... 16 Ordering Guide .......................................................................... 16
REVISION HISTORY
2/06--Rev. 0 to Rev. A Updated Format..................................................................Universal Added Note 1 .................................................................................... 1 Changes to Absolute Maximum Ratings ..................................... 11 Changes to DC Correctness and Magnetic Field Immunity Section ........................................................................... 14 7/05--Revision 0: Initial Version
Rev. A | Page 2 of 16
ADuM1210 SPECIFICATIONS
ELECTRICAL CHARACTERISTICS--5 V OPERATION
All voltages are relative to their respective ground. 4.5 V VDD1 5.5 V, 4.5 V VDD2 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C, VDD1 = VDD2 = 5 V. Table 1.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent Output Supply Current, per Channel, Quiescent Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps VDD1 Supply Current VDD2 Supply Current Input Currents Logic High Input Threshold Logic Low Input Threshold Logic High Output Voltages Symbol IDDI (Q) IDDO (Q) Min Typ 0.50 0.19 Max 0.60 0.25 Unit mA mA Test Conditions
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IIA, IIB VIH VIL VOAH VOBH VDD1/ VDD2 - 0.1 VDD1/ VDD2 - 0.5
1.1 0.5 4.3 1.3 +0.01
1.4 0.8 5.5 2.0 +10
mA mA mA mA A V V V V
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 0 VIA, VIB VDD1 or VDD2
-10 0.7 VDD1, VDD2
0.3 VDD1, VDD2 5.0 4.8 0.0 0.04 0.2 0.1 0.1 0.4 100 10 20 5 50 3 15 3 15 2.5 35 35 1.2 0.19 0.05
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
Logic Low Output Voltages
VOAL VOBL
V V V ns Mbps ns ns ps/C ns ns ns ns kV/s kV/s Mbps mA/Mbps mA/Mbps
SWITCHING SPECIFICATIONS Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew 5 Channel-to-Channel Matching, Codirectional Channels 6 Channel-to-Channel Matching, OpposingDirectional Channels6 Output Rise/Fall Time (10% to 90%) Common-Mode Transient Immunity at Logic High Output 7 Common-Mode Transient Immunity at Logic Low Output7 Refresh Rate Input Dynamic Supply Current, per Channel 8 Output Dynamic Supply Current, per Channel8
PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF |CMH| |CML| fr IDDI (D) IDDO (D)
25 25
Rev. A | Page 3 of 16
ADuM1210
1
Supply current values are for both channels running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 7 through Figure 8 for total IDD1 and IDD2 supply currents as a function of data rate. 2 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. A | Page 4 of 16
ADuM1210
ELECTRICAL CHARACTERISTICS--3 V OPERATION
All voltages are relative to their respective ground. 2.7 V VDD1 3.6 V, 2.7 V VDD2 3.6 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C, VDD1 = VDD2 = 3.0 V. Table 2.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent Output Supply Current, per Channel, Quiescent Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps VDD1 Supply Current VDD2 Supply Current Input Currents Logic High Input Threshold Logic Low Input Threshold Logic High Output Voltages Symbol IDDI (Q) IDDO (Q) Min Typ 0.26 0.11 Max 0.35 0.20 Unit mA mA Test Conditions
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IIA, IIB VIH VIL VOAH VOBH VDD1/ VDD2 - 0.1 VDD1/ VDD2 - 0.5
0.6 0.2 2.2 0.7 +0.01
1.0 0.6 3.4 1.1 +10
mA mA mA mA A V V V V
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 0 VIA, VIB, VDD1 or VDD2
-10 0.7 VDD1, VDD2
0.3 VDD1, VDD2 3.0 2.8 0.0 0.04 0.2 0.1 0.1 0.4 100 10 20 5 60 3 22 3 22 3.0 35 35 1.1 0.10 0.03
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
Logic Low Output Voltages
VOAL VOBL
V V V ns Mbps ns ns ps/C ns ns ns ns kV/s kV/s Mbps mA/Mbps mA/Mbps
SWITCHING SPECIFICATIONS Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew 5 Channel-to-Channel Matching, Codirectional Channels 6 Channel-to-Channel Matching, OpposingDirectional Channels6 Output Rise/Fall Time (10% to 90%) Common-Mode Transient Immunity at Logic High Output 7 Common-Mode Transient Immunity at Logic Low Output7 Refresh Rate Input Dynamic Supply Current, per Channel 8 Output Dynamic Supply Current, per Channel8
PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF |CMH| |CML| fr IDDI (D) IDDO (D)
25 25
Rev. A | Page 5 of 16
ADuM1210
1
The supply current values are for both channels combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 7 and Figure 8 for total IDD1 and IDD2 supply currents as a function of data rate. 2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. A | Page 6 of 16
ADuM1210
ELECTRICAL CHARACTERISTICS--MIXED 5 V/3 V OR 3 V/5 V OPERATION
All voltages are relative to their respective ground. 5 V/3 V operation: 4.5 V VDD1 5.5 V, 2.7 V VDD2 3.6 V. 3 V/5 V operation: 2.7 V VDD1 3.6 V, 4.5 V VDD2 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C; VDD1 = 3.0 V, VDD2 = 5.0 V; or VDD1 = 5.0 V, VDD2 = 3.0 V. Table 3.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent 5 V/3 V Operation 3 V/5 V Operation Output Supply Current, per Channel, Quiescent 5 V/3 V Operation 3 V/5 V Operation Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation 10 Mbps VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation Input Currents Logic High Input Threshold Logic Low Input Threshold 5 V/3 V Operation 3 V/5 V Operation Logic High Output Voltages Symbol IDDI (Q) 0.50 0.26 IDDO (Q) 0.11 0.19 0.20 0.25 0.6 0.35 Min Typ Max Unit mA mA mA mA mA mA Test Conditions
IDD1 (Q) 1.1 0.6 IDD2 (Q) 0.2 0.5 IDD1 (10) 4.3 2.2 IDD2 (10) 0.7 1.3 +0.01 1.1 2.0 +10 mA mA A V V V V V V 0.1 0.1 0.4 100 10 15 5 tPSK tPSKCD tPSKOD 22 3 22 55 3 V V V ns Mbps ns ns ps/C ns ns ns 5 MHz logic signal freq. 5 MHz logic signal freq. 0 VIA, VIB VDD1 or VDD2 5.5 3.4 mA mA 5 MHz logic signal freq. 5 MHz logic signal freq. 0.6 0.8 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 1.4 1.0 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq.
IIA, IIB VIH VIL
-10 0.7 VDD1, VDD2
0.3 VDD1, VDD2 0.8 0.4 VDD1/ VDD2 - 0.1 VDD1/ VDD2 - 0.5
VOAH, VOBH
Logic Low Output Voltages
VOAL, VOBL
VDD1, VDD2 VDD1, VDD2 - 0.2 0.0 0.04 0.2
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
SWITCHING SPECIFICATIONS Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew 5 Channel-to-Channel Matching, Codirectional Channels 6 Channel-to-Channel Matching, OpposingDirectional Channels6
PW tPHL, tPLH PWD
Rev. A | Page 7 of 16
ADuM1210
Parameter Output Rise/Fall Time (10% to 90%) 5 V/3 V Operation 3 V/5 V Operation Common-Mode Transient Immunity at Logic High Output 7 Common-Mode Transient Immunity at Logic Low Output7 Refresh Rate 5 V/3 V Operation 3 V/5 V Operation Input Dynamic Supply Current, per Channel 8 5 V/3 V Operation 3 V/5 V Operation Output Dynamic Supply Current, per Channel8 5 V/3 V Operation 3 V/5 V Operation
1
Symbol tR/tf
Min
Typ 3.0 2.5 35 35
Max
Unit ns ns kV/s kV/s
Test Conditions CL = 15 pF, CMOS signal levels
|CMH| |CML| fr
25 25
VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
1.2 1.1 IDDI (D) 0.19 0.10 IDDO (D) 0.03 0.05
Mbps Mbps mA/Mbps mA/Mbps mA/Mbps mA/Mbps
The supply current values are for both channels combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 7 and Figure 8 for total IDD1 and IDD2 supply currents as a function of data rate. 2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 4 through Figure 6 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. A | Page 8 of 16
ADuM1210
PACKAGE CHARACTERISTICS
Table 4.
Parameter Resistance (Input-to-Output) 1 Capacitance (Input-to-Output)1 Input Capacitance IC Junction-to-Case Thermal Resistance, Side 1 IC Junction-to-Case Thermal Resistance, Side 2
1
Symbol RI-O CI-O CI JCI JCO
Min
Typ 1012 1.0 4.0 46 41
Max
Unit pF pF C/W C/W
Test Conditions f = 1 MHz Thermocouple located at center of package underside
The device is considered a 2-terminal device; Pin 1, Pin 2, Pin 3, and Pin 4 are shorted together, and Pin 5, Pin 6, Pin 7, and Pin 8 are shorted together.
REGULATORY INFORMATION
The ADuM1210 is approved by the following organizations: Table 5.
UL Recognized under 1577 Component Recognition Program 1 2500 V rms isolation voltage CSA Approved under CSA Component Acceptance Notice #5A VDE Certified according to DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 2 Basic insulation, 560 V peak Complies with DIN EN 60747-5-2 (VDE 0884 Part 2):2003-01, DIN EN 60950 (VDE 0805):2001-12; EN 60950:2000, Reinforced insulation, 560 V peak File E214100
1 2
File 205078
File 2471900-4880-0001
In accordance with UL1577, each ADuM1210 is proof-tested by applying an insulation test voltage 3000 V rms for 1 second (current leakage detection limit = 5 A). In accordance with DIN EN 60747-5-2, each ADuM1210 is proof-tested by applying an insulation test voltage 1050 V peak for 1 second (partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter Rated Dielectric Insulation Voltage Minimum External Air Gap (Clearance) Minimum External Tracking (Creepage) Minimum Internal Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) Isolation Group Symbol L(I01) L(I02) Value 2500 4.90 min 4.01 min 0.017 min >175 IIIa Unit V rms mm mm mm V Conditions 1-minute duration Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path along body Insulation distance through insulation DIN IEC 112/VDE 0303 Part 1 Material Group (DIN VDE 0110, 1/89, Table 1)
CTI
Rev. A | Page 9 of 16
ADuM1210
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
Table 7.
Description Installation Classification per DIN VDE 0110 For Rated Mains Voltage 150 V rms For Rated Mains Voltage 300 V rms For Rated Mains Voltage 400 V rms Climatic Classification Pollution Degree (DIN VDE 0110, Table 1) Maximum Working Insulation Voltage Input-to-Output Test Voltage, Method b1 VIORM x 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC Input-to-Output Test Voltage, Method a After Environmental Tests Subgroup 1 VIORM x 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC After Input and/or Safety Test Subgroup 2/3 VIORM x 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec) Safety-Limiting Values (maximum value allowed in the event of a failure; also see Figure 2) Case Temperature Side 1 Current Side 2 Current Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III I-II 40/105/21 2 560 1050 Unit
VIORM VPR VPR
V peak V peak
896 672 4000 150 160 170 >109
V peak V peak V peak C mA mA
VTR TS IS1 IS2 RS
Note that the "*" marking on the package denotes DIN EN 60747-5-2 approval for a 560 V peak working voltage. This isolator is suitable for basic isolation only within the safety limit data. Maintenance of the safety data is ensured by protective circuits.
200 180
SAFETY-LIMITING CURRENT (mA)
RECOMMENDED OPERATING CONDITIONS
Table 8.
SIDE #1 SIDE #2
160 140 120 100 80 60 40 20 0 50 100 150 CASE TEMPERATURE (C) 200
05459-002
Parameter Operating Temperature Supply Voltages 1 Input Signal Rise and Fall Times
1
Symbol TA VDD1, VDD2
Min -40 2.7
Max +105 5.5 1.0
Unit C V ms
All voltages are relative to their respective ground. See the DC Correctness and Magnetic Field Immunity section for information on immunity to external magnetic fields.
0
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN EN 60747-5-2
Rev. A | Page 10 of 16
ADuM1210 ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25C, unless otherwise noted. Table 9.
Parameter Storage Temperature Ambient Operating Temperature Supply Voltages 1 Input Voltage1 Output Voltage1 Average Output Current, per Pin 2 Common-Mode Transients 3
1 2
Symbol TST TA VDD1, VDD2 VIA, VIB VOA, VOB IO CML, CMH
Min -55 -40 -0.5 -0.5 -0.5 -35 -100
Max 150 105 7.0 VDDI + 0.5 VDDO + 0.5 35 +100
Unit C C V V V mA kV/s
All voltages are relative to their respective ground. See Figure 2 for maximum rated current values for various temperatures. 3 Refers to common-mode transients across the insulation barrier. Common-mode transients exceeding the Absolute Maximum Rating may cause latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; Functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 10. ADuM1210 Truth Table (Positive Logic)
VIA Input H L H L X X VIB Input H L L H X X VDD1 State Powered Powered Powered Powered Unpowered Powered VDD2 State Powered Powered Powered Powered Powered Unpowered VOA Output H L H L L Indeterminate VOB Output H L L H L Indeterminate Notes
Outputs return to the input state within 1 s of VDDI power restoration. Outputs return to the input state within 1 s of VDDO power restoration.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. A | Page 11 of 16
ADuM1210 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1 VIA 2 VIB 3 GND1 4
8
ADuM1210
TOP VIEW (Not to Scale)
VDD2 VOA VOB GND2
05459-003
7 6 5
Figure 3. Pin Configuration
Table 11. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic VDD1 VIA VIB GND1 GND2 VOB VOA VDD2 Description Supply Voltage for Isolator Side 1, 2.7 V to 5.5 V. Logic Input A. Logic Input B. Ground 1. Ground reference for isolator Side 1. Ground 2. Ground reference for isolator Side 2. Logic Output B. Logic Output A. Supply Voltage for Isolator Side 2, 2.7 V to 5.5 V.
Rev. A | Page 12 of 16
ADuM1210 TYPICAL PERFORMANCE CHARACTERISTICS
10 20
8
CURRENT/CHANNEL (mA)
15
6
CURRENT (mA)
10 5V 5 3V
4 5V 3V 2
05459-004
0
10 20 DATA RATE (Mbps)
30
0
10 20 DATA RATE (Mbps)
30
Figure 4. Typical Input Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation
4 4
Figure 7. Typical ADuM1210 VDD1 Supply Current vs. Data Rate for 5 V and 3 V Operation
CURRENT/CHANNEL (mA)
3
3
2
CURRENT (mA)
2
5V 1 3V
5V 1
3V
05459-005
0
10 20 DATA RATE (Mbps)
30
0
10 20 DATA RATE (Mbps)
30
Figure 5. Typical Output Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation (No Output Load)
4
Figure 8. Typical VDD2 Supply Current vs. Data Rate for 5 V and 3 V Operation
CURRENT/CHANNEL (mA)
3
5V 2
1
3V
0
10 20 DATA RATE (Mbps)
30
Figure 6. Typical Output Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation (15 pF Output Load)
Rev. A | Page 13 of 16
05459-006
0
05459-008
0
0
05459-007
0
0
ADuM1210 APPLICATION INFORMATION
PC BOARD LAYOUT
The ADuM1210 digital isolator requires no external interface circuitry for the logic interfaces. Power supply bypassing is strongly recommended at the input and output supply pins. The capacitor value should be between 0.01 F and 0.1 F. The total lead length between both ends of the capacitor and the input power supply pin should not exceed 20 mm. The pulses at the transformer output have an amplitude greater than 1.0 V. The decoder has a sensing threshold at about 0.5 V, therefore establishing a 0.5 V margin in which induced voltages can be tolerated. The voltage induced across the receiving coil is given by
V = (-d / dt ) rn2 ; n = 1, 2, ... N
where: is the magnetic flux density (gauss). N is the number of turns in the receiving coil. rn is the radius of the nth turn in the receiving coil (cm). Given the geometry of the receiving coil in the ADuM1210 and an imposed requirement that the induced voltage is at most 50% of the 0.5 V margin at the decoder, a maximum allowable magnetic field is calculated, as shown in Figure 10.
100
PROPAGATION DELAY-RELATED PARAMETERS
Propagation delay is a parameter that describes the time it takes a logic signal to propagate through a component. The propagation delay to a logic low output can differ from the propagation delay to a logic high output.
INPUT (VIX) 50%
tPLH
OUTPUT (VOX)
tPHL
50%
05459-009
Figure 9. Propagation Delay Parameters
MAXIMUM ALLOWABLE MAGNETIC FLUX DENSITY (kgauss)
Pulse-width distortion is the maximum difference between the two propagation delay values and is an indication of how accurately the input signal's timing is preserved. Channel-to-channel matching refers to the maximum amount that the propagation delay differs between channels within a single ADuM1210 component. Propagation delay skew refers to the maximum amount that the propagation delay differs between multiple ADuM120x components operating under the same conditions.
10
1
0.1
0.01
10k 1M 10M 100k MAGNETIC FIELD FREQUENCY (Hz)
100M
DC CORRECTNESS AND MAGNETIC FIELD IMMUNITY
Positive and negative logic transitions at the isolator input cause narrow (~1 ns) pulses to be sent to the decoder via the transformer. The decoder is bistable and is therefore either set or reset by the pulses, indicating input logic transitions. In the absence of logic transitions of more than 2 s at the input, a periodic set of refresh pulses indicative of the correct input state are sent to ensure dc correctness at the output. If the decoder receives no internal pulses for more than about 5 s, the input side is assumed to be unpowered or nonfunctional, in which case the isolator output is forced to a default state (see Table 10) by the watchdog timer circuit. The ADuM1210 is extremely immune to external magnetic fields. The limitation on the ADuM1210's magnetic field immunity is set by the condition in which induced voltage in the transformer's receiving coil is sufficiently large to either falsely set or reset the decoder. The following analysis defines the conditions under which this can occur. The 3 V operating condition of the ADuM1210 is examined because it represents the most susceptible mode of operation.
Figure 10. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the maximum allowable magnetic field of 0.2 kgauss induces a voltage of 0.25 V at the receiving coil. This is about 50% of the sensing threshold and does not cause a faulty output transition. Similarly, if such an event occurs during a transmitted pulse (and had the worst-case polarity), it would reduce the received pulse from >1.0 V to 0.75 V--still well above the 0.5 V sensing threshold of the decoder. The preceding magnetic flux density values correspond to specific current magnitudes at given distances away from the ADuM1210 transformers. Figure 11 expresses these allowable current magnitudes as a function of frequency for selected distances. As seen, the ADuM1210 is extremely immune and can be affected only by extremely large currents operated at high frequency and very close to the component. For the 1 MHz example, one would have to place a 0.5 kA current 5 mm away from the ADuM1210 to affect the component's operation.
Rev. A | Page 14 of 16
05459-010
0.001 1k
ADuM1210
1000
MAXIMUM ALLOWABLE CURRENT (kA)
DISTANCE = 1m 100
POWER CONSUMPTION
The supply current at a given channel of the ADuM1210 isolator is a function of the supply voltage, the channel's data rate, and the channel's output load.
10 DISTANCE = 100mm 1 DISTANCE = 5mm 0.1
For each input channel, the supply current is given by IDDI = IDDI (Q) IDDI = IDDI (D) x (2f - fr) + IDDI (Q) f 0.5fr f > 0.5fr
for each output channel, the supply current is given by IDDO = IDDO (Q)
05459-011
f 0.5fr
-3
0.01 1k 10k 100k 1M 10M 100M MAGNETIC FIELD FREQUENCY (Hz)
IDDO = (IDDO (D) + (0.5 x 10 ) x CLVDDO) x (2f - fr) + IDDO (Q) f > 0.5fr where: IDDI (D), IDDO (D) are the input and output dynamic supply currents per channel (mA/Mbps). CL is the output load capacitance (pF). VDDO is the output supply voltage (V). f is the input logic signal frequency (MHz, half of the input data rate, NRZ signaling). fr is the input stage refresh rate (Mbps). IDDI (Q), IDDO (Q) are the specified input and output quiescent supply currents (mA). To calculate the total IDD1 and IDD2 supply current, the supply currents for each input and output channel corresponding to IDD1 and IDD2 are calculated and totaled. Figure 4 and Figure 5 provide per-channel supply currents as a function of data rate for an unloaded output condition. Figure 6 provides perchannel supply current as a function of data rate for a 15 pF output condition. Figure 7 and Figure 8 provide total IDD1 and IDD2 supply current as a function of data rate.
Figure 11. Maximum Allowable Current for Various Current-to-ADuM1210 Spacings
Note that at combinations of strong magnetic fields and high frequencies, any loops formed by printed circuit board traces could induce sufficiently large error voltages to trigger the threshold of succeeding circuitry. Care should be taken in the layout of such traces to avoid this possibility.
Rev. A | Page 15 of 16
ADuM1210 OUTLINE DIMENSIONS
5.00 (0.1968) 4.80 (0.1890)
8 5 4
4.00 (0.1574) 3.80 (0.1497) 1
6.20 (0.2440) 5.80 (0.2284)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040)
1.75 (0.0688) 1.35 (0.0532)
0.50 (0.0196) x 45 0.25 (0.0099)
0.51 (0.0201) COPLANARITY SEATING 0.31 (0.0122) 0.10 PLANE
8 0.25 (0.0098) 0 1.27 (0.0500) 0.40 (0.0157) 0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 12. 8-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-8) Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model ADUM1210BRZ 2 ADUM1210BRZ-RL72
1 2
Number of Inputs, VDD1 Side 2 2
Number of Inputs, VDD2 Side 0 0
Maximum Data Rate (Mbps) 10 10
Maximum Propagation Delay, 5 V (ns) 50 50
Maximum Pulse-Width Distortion (ns) 3 3
Temperature Range (C) -40 to +105 -40 to +105
Package Option 1 R-8 R-8
R-8 = 8-lead, narrow body SOIC. Z = Pb-free part.
(c)2006 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05459-0-2/06(A)
T T
Rev. A | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of ADUM1210BRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X