Part Number Hot Search : 
CA12411 B1545 C1700 STUP520 74HC540P RODUCTS PX0597 TC7SB66
Product Description
Full Text Search
 

To Download 74VCX16240DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCX16240 Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer
With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
The 74VCX16240 is an advanced performance, inverting 16-bit buffer. It is designed for very high-speed, very low-power operation in 1.8 V, 2.5 V or 3.3 V systems. When operating at 2.5 V (or 1.8 V) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3 V busses. It is guaranteed to be over-voltage tolerant to 3.6 V. The 74VCX16240 is nibble controlled with each nibble functioning identically, but independently. The control pins may be tied together to obtain full 16-bit operation. The 3-state outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are in the high impedance state.
Features http://onsemi.com MARKING DIAGRAM
48
48 1
VCX16240 AWLYYWW
TSSOP-48 DT SUFFIX CASE 1201 A WL YY WW
1 = Assembly Location = Wafer Lot = Year = Work Week
* Designed for Low Voltage Operation: VCC = 1.65 V - 3.6 V * 3.6V Tolerant Inputs and Outputs * High Speed Operation: 2.5 ns max for 3.0 V to 3.6 V * * * * * * *
3.0 ns max for 2.3 V to 2.7 V 6.0 ns max for 1.65 V to 1.95 V Static Drive: 24 mA Drive at 3.0 V 18 mA Drive at 2.3 V 6 mA Drive at 1.65 V Supports Live Insertion and Withdrawal IOFF Specification Guarantees High Impedance When VCC = 0 V Near Zero Static Supply Current in All Three Logic States (20 mA) Substantially Reduces System Power Requirements Latchup Performance Exceeds 250 mA @ 125C ESD Performance: Human Body Model >2000 V; Machine Model >200 V All Devices in Package TSSOP are Inherently Pb-Free*
ORDERING INFORMATION
Device 74VCX16240DT 74VCX16240DTR Package TSSOP (Pb-Free) TSSOP (Pb-Free) Shipping 39 / Rail 2500 / Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
June, 2006 - Rev. 5
1
Publication Order Number: 74VCX16240/D
74VCX16240
OE1 1 O0 2 O1 3 GND 4 O2 5 O3 6 VCC 7 O4 8 O5 9 GND 10 O6 11 O7 12 O8 13 O9 14 GND 15 O10 16 O11 17 VCC 18 O12 19 O13 20 GND 21 O14 22 O15 23 OE4 24 48 OE2 47 D0 46 D1 45 GND 44 D2 43 D3 42 VCC 41 D4 40 D5 39 GND 38 D6 37 D7 36 D8 35 D9 34 GND 33 D10 32 D11 31 VCC 30 D12 29 D13 28 GND 27 D14 26 D15 25 OE3 D0:3 O0:3 D8:11 O8:11 OE1 OE2 1 48 OE3 OE4 25 24
D4:7
O4:7
D12:15
O12:15 One of Four
Figure 2. Logic Diagram
OE1 48 OE2 25 OE3 24 OE4 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26 1 1 1 1
EN1 EN2 EN3 EN4
1
1
2 3 5 6 8 9 11
2
3
12 13 14 16
4
17 19 20 22 23
Figure 1. 48-Lead Pinout (Top View)
O0 O1 O2 O3 O4 O5 O6 O7 O8 O9 O10 O11 O12 O13 O14 O15
Figure 3. IEC Logic Diagram
Table 1. PIN NAMES
Pins OEn D0-D15 O0-O15 Function Output Enable Inputs Inputs Outputs
TRUTH TABLE
OE1 L L H D0:3 L H X O0:3 H L Z OE2 L L H D4:7 L H X O4:7 H L Z OE3 L L H D8:11 L H X O8:11 H L Z OE4 L L H D12:15 L H X O12:15 H L Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions Are Acceptable, for ICC reasons, DO NOT FLOAT Inputs
http://onsemi.com
2
74VCX16240
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value -0.5 to +4.6 -0.5 VI +4.6 -0.5 VO +4.6 -0.5 VO VCC + 0.5 DC Input Diode Current DC Output Diode Current -50 -50 +50 DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in 3-State Note 1; Outputs Active VI < GND VO < GND VO > VCC Condition Unit V V V V mA mA mA mA mA mA C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH IOL IOH IOL IOH IOL TA Dt/DV Supply Voltage Input Voltage Output Voltage HIGH Level Output Current, VCC = 3.0 V - 3.6 V LOW Level Output Current, VCC = 3.0 V - 3.6 V HIGH Level Output Current, VCC = 2.3 V - 2.7 V LOW Level Output Current, VCC = 2.3 V - 2.7 V HIGH Level Output Current, VCC = 1.65 V - 1.95 V LOW Level Output Current, VCC = 1.65 V - 1.95 V Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V -40 0 (Active State) (3-State) Parameter Operating Data Retention Only Min 1.65 1.2 -0.3 0 0 Typ 3.3 3.3 Max 3.6 3.6 3.6 VCC 3.6 -24 24 -18 18 -6 6 +85 10 Unit V V V mA mA mA mA mA mA C ns/V
http://onsemi.com
3
74VCX16240
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH Characteristic HIGH Level Input Voltage (Note 2) Condition 1.65 V VCC < 2.3 V 2.3 V VCC 2.7 V 2.7 V < VCC 3.6 V VIL LOW Level Input Voltage (Note 2) 1.65 V VCC < 2.3 V 2.3 V VCC 2.7V 2.7 V < VCC 3.6 V VOH HIGH Level Output Voltage 1.65 V VCC 3.6 V; IOH = -100 mA VCC = 1.65 V; IOH = -6 mA VCC = 2.3 V; IOH = -6 mA VCC = 2.3 V; IOH = -12 mA VCC = 2.3 V; IOH = -18 mA VCC = 2.7 V; IOH = -12 mA VCC = 3.0 V; IOH = -18 mA VCC = 3.0 V; IOH = -24 mA VOL LOW Level Output Voltage 1.65 V VCC 3.6 V; IOL = 100 mA VCC = 1.65 V; IOL = 6 mA VCC = 2.3 V; IOL = 12 mA VCC = 2.3 V; IOL = 18 mA VCC = 2.7 V; IOL = 12 mA VCC = 3.0 V; IOL = 18 mA VCC = 3.0 V; IOL = 24 mA II IOZ IOFF ICC Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current (Note 3) 1.65 V VCC 3.6 V; 0 V VI 3.6 V 1.65 V VCC 3.6 V; 0 V VO 3.6 V; VI = VIH or VIL VCC = 0 V; VI or VO = 3.6 V 1.65 V VCC 3.6 V; VI = GND or VCC 1.65 V VCC 3.6 V; 3.6 V VI, VO 3.6 V DICC Increase in ICC per Input 2.7 V < VCC 3.6 V; VIH = VCC - 0.6 V 2. These values of VI are used to test DC electrical characteristics only. 3. Outputs disabled or 3-state only. VCC - 0.2 1.25 2.0 1.8 1.7 2.2 2.4 2.2 0.2 0.3 0.4 0.6 0.4 0.4 0.55 5.0 10 10 20 20 750 mA mA mA mA mA mA V Min 0.65 x VCC 1.6 2.0 0.35 x VCC 0.7 0.8 V V Max Unit V
http://onsemi.com
4
74VCX16240
AC CHARACTERISTICS (Note 4; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
TA = -40C to +85C VCC = 3.0 V to 3.6 V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tOSHL tOSLH Parameter Propagation Delay Input to Output Output Enable Time to High and Low Level Output Disable Time From High and Low Level Output-to-Output Skew (Note 5) Waveform 1 2 2 Min 0.8 0.8 0.8 0.8 0.8 0.8 Max 2.5 2.5 3.5 3.5 3.5 3.5 0.5 0.5 VCC = 2.3 V to 2.7 V Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 3.0 3.0 4.1 4.1 3.8 3.8 0.5 0.5 VCC = 1.65 to 1.95V Min 1.5 1.5 1.5 1.5 1.5 1.5 Max 6.0 6.0 8.2 8.2 7.8 7.8 0.75 0.75 Unit ns ns ns ns
4. For CL = 50 pF, add approximately 300 ps to the AC maximum specification. 5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
AC CHARACTERISTICS (tR = tF = 2.0 ns; CL = 50 pF; RL = 500 W)
TA = -40C to +85C VCC = 3.0V to 3.6V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tOSHL tOSLH Parameter Propagation Delay Input to Output Output Enable Time to High and Low Level Output Disable Time From High and Low Level Output-to-Output Skew (Note 6) Waveform 3 4 4 Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 3.9 3.9 5.0 5.0 4.4 4.4 0.5 0.5 Min VCC = 2.7V Max 5.3 5.3 6.1 6.1 4.8 4.8 0.5 0.5 Unit ns ns ns ns
6. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
http://onsemi.com
5
74VCX16240
DYNAMIC SWITCHING CHARACTERISTICS
Symbol VOLP Characteristic Dynamic LOW Peak Voltage (Note 7) Condition VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V VOLV Dynamic LOW Valley Voltage (Note 7) VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V VOHV Dynamic HIGH Valley Voltage (Note 8) VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V Typical (TA = +25C) 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 2.2 V V Unit V
7. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state. 8. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol CIN COUT CPD Parameter Input Capacitance Output Capacitance Power Dissipation Capacitance Condition Note 9 Note 9 Note 9, 10 MHz Typical 6 7 20 Unit pF pF pF
9. VCC = 1.8 V, 2.5 V or 3.3 V; VI = 0 V or VCC.
http://onsemi.com
6
74VCX16240
VIH OEn VIH Dn Vm tPLH On Vm Vm tPHL Vm 0V VOH VOL On tPZH On tPZL Vm Vm tPLZ tPHZ Vm 0V VOH Vy 0V VCC Vx VOL
WAVEFORM 1 - PROPAGATION DELAYS tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Figure 4. AC Waveforms Table 2. AC WAVEFORMS
VCC Symbol VIH Vm Vx Vy 3.3 V 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V VCC RL CL RL 6 V or VCC x 2 OPEN GND 2.5 V 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 V 0.15 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
PULSE GENERATOR RT
DUT
Figure 5. Test Circuit Table 3. TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ Open 6 V at VCC = 3.3 0.3 V; VCC x 2 at VCC = 2.5 0.2 V; 1.8 0.15 V GND SWITCH
CL = 30 pF or equivalent (Includes jig and probe capacitance) RL = 500 W or equivalent RT = ZOUT of pulse generator (typically 50 W)
http://onsemi.com
7
74VCX16240
VIH OEn Vm tPLH On Vm Vm tPHL Vm VIH 0V VOH VOL On On tPZL Vm tPZH Vm tPLZ tPHZ Vy 0V VCC Vx VOL Vm 0V Dn VOH
WAVEFORM 3 - PROPAGATION DELAYS tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
WAVEFORM 4 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Figure 6. AC Waveforms Table 4. AC WAVEFORMS
VCC Symbol VIH Vm Vx Vy 3.3 V 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V VCC RL CL RL 6V or VCC x 2 OPEN GND 2.7 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V
PULSE GENERATOR RT
DUT
Figure 7. Test Circuit Table 5. TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ Open 6 V at VCC = 3.3 0.3 V; VCC x 2 at VCC = 2.5 0.2 V; 1.8 0.15 V GND SWITCH
CL = 50 pF or equivalent (Includes jig and probe capacitance) RL = 500 W or equivalent RT = ZOUT of pulse generator (typically 50W)
http://onsemi.com
8
74VCX16240
PACKAGE DIMENSIONS
TSSOP DT SUFFIX CASE 1201-01 ISSUE A
48X
K REF 0.12 (0.005)
M
J J1
48 25
0.254 (0.010)
L
B -U- N
1 24
PIN 1 IDENT.
A -V-
N F DETAIL E M 0.25 (0.010)
D 0.076 (0.003) -T- SEATING
PLANE
C DETAIL E
G
H
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
EEE CCC EEE CCC EEE CCC
TU
S
V
S
K K1
SECTION N-N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSIONS A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 12.40 12.60 6.00 6.20 --- 1.10 0.05 0.15 0.50 0.75 0.50 BSC 0.37 --- 0.09 0.20 0.09 0.16 0.17 0.27 0.17 0.23 7.95 8.25 0_ 8_ INCHES MIN MAX 0.488 0.496 0.236 0.244 --- 0.043 0.002 0.006 0.020 0.030 0.0197 BSC 0.015 --- 0.004 0.008 0.004 0.006 0.007 0.011 0.007 0.009 0.313 0.325 0_ 8_
M
TU
S
-W-
74VCX16240/D


▲Up To Search▲   

 
Price & Availability of 74VCX16240DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X