Part Number Hot Search : 
APT60 LP0C31BH KA2272 74408 PDTC124 09081 P50LM0 C2410
Product Description
Full Text Search
 

To Download 74F564PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F564 Octal D-Type Flip-Flop with 3-STATE Outputs
April 1983 Revised August 1999
74F564 Octal D-Type Flip-Flop with 3-STATE Outputs
General Description
The 74F564 is a high-speed, low power octal flip-flop with a buffered common Clock (CP) and a buffered common Output Enable (OE). The information presented to the D inputs is sorted in the flip-flops on the LOW-to-HIGH Clock (CP) transition. This device is functionally identical to the 74F574, but has inverted outputs.
Features
s Inputs and outputs on opposite sides of package allow easy interface with microprocessors s Useful as input or output port for microprocessors s Functionally identical to 74F574 s 3-STATE outputs for bus-oriented applications
Ordering Code:
Order Number 74F564SJ 74F564PC Package Number M20D N20A Package Description 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
(c) 1999 Fairchild Semiconductor Corporation
DS009563
www.fairchildsemi.com
74F564
Unit Loading/Fan Out
Pin Names D0-D7 CP OE O0-O7 Data Inputs Clock Pulse Input (Active Rising Edge) 3-STATE Output Enable Input (Active LOW) 3-STATE Outputs Description U.L. HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA
150/40 (33.3) -3 mA/24 mA (20 mA)
Functional Description
The 74F564 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D inputs that meet the setup and hold times requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When OE is HIGH, the outputs go to the high impedance state. Operation of the OE input does not affect the state of the flipflops.
Function Table
Inputs OE H H H H L L L L CP H D L H L H L H L H Internal Outputs Function Q NC NC H L H L NC NC O Z Z Z Z H L NC NC Hold Hold Load Load Data Available Data Available No Change in Data No Change in Data

H H H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
Z = High Impedance = LOW-to-HIGH Transition NC = No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74F564
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) twice the rated IOL (mA) -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 10% VCC 10% VCC 5% VCC 5% VCC VOL IIH IBVI ICEX VID IOD IIL IOZH IOZL IOS IZZ ICCZ Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current 55 -60 4.75 3.75 -0.6 50 -50 -150 500 86 10% VCC 2.5 2.4 2.7 2.7 0.5 5.0 7.0 50 V A A A V A mA A A mA A mA Min Max Max Max 0.0 0.0 Max Max Max Max 0.0V Max V Min Min 2.0 0.8 -1.2 Typ Max Units V V V Min VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -3 mA IOH = -1 mA IOH = -3 mA IOL = 24 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V VOUT = 2.7V VOUT = 0.5V VOUT = 0V VOUT = 5.25V VO = HIGH Z
3
www.fairchildsemi.com
74F564
AC Electrical Characteristics
TA = +25C Symbol Parameter Min fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ Output Disable Time Maximum Clock Frequency Propagation Delay CP to On Output Enable Time 100 2.5 2.5 3.0 3.0 1.5 1.5 5.2 5.9 5.6 6.2 3.4 2.7 8.5 8.5 9.0 9.0 5.5 5.5 VCC = +5.0V CL = 50 pF Typ Max TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 70 2.5 2.5 2.5 2.5 1.5 1.5 8.5 8.5 10.0 10.0 6.5 6.5 ns Max MHz ns Units
AC Operating Requirements
TA = +25C Symbol Parameter VCC = +5.0V Min tS(H) tS(L) tH(H) tH(L) tW(H) tW(L) Setup Time, HIGH or LOW Dn to CP Hold Time, HIGH or LOW Dn to CP CP Pulse Width HIGH or LOW 2.0 2.5 2.0 2.0 5.0 5.0 Max TA = 0C to +70C VCC = +5.0V Min 2.0 2.5 2.0 2.0 5.0 5.0 ns ns Max Units
www.fairchildsemi.com
4
74F564
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
5
www.fairchildsemi.com
74F564 Octal D-Type Flip-Flop with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F564PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X