Part Number Hot Search : 
3QL50AK M57714 JQ100 BC846B 12100 20S100CT A3150JLT BAS16
Product Description
Full Text Search
 

To Download 735P205X9100H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 735P
Vishay Sprague
Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
FEATURES
* Wire or lug terminals * High stability * High ripple to 30 amperes * Low inductance * Low ESR
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 105C. Capacitance Range: 1.0F to 30.0F. Capacitance Tolerance: 10%, 5%. DC Voltage Rating: 100 WVDC to 400 WVDC. Equivalent Series Resistance: 20kHz to 100kHz. Dissipation Factor: 0.1% maximum. Measure at 1000Hz @ + 25C.
DC Life Test: 140% of rated voltage for 1000 hours @ + 105C. No visible damage. No open or short circuits. Maximum CAP 1.0%. Minimum IR = 50% of initial limit. Maximum DF = 0.10%. Humidity Test: 95% relative humidity @ + 40C for 250 hours. No visible damage. Maximum CAP 1.0%. Maximum IR = 20% of initial limit. Maximum DF = 0.12%.
V/T: 10V/millisecond maximum.
Voltage Test: 200% of rated voltage for 2 minutes. Insulation Resistance: Measure at 100 WVDC after a 2 minute charge. At + 25C: 200,000 Megohm - Microfarads, or 400,000 Megohm minimum. Vibration Test (Condition B): No mechanical damage, short, open or intermittent circuits.
PHYSICAL CHARACTERISTICS
Pull Test: Wire Leads - 5 pounds (2.3 kilograms) for one minute. No physical damage. Terminal Lugs - 10 pounds (4.5 kilograms) for one minute. No physical damage. Lead Bend: After three complete consecutive bends, no damage. Marking: Sprague(R) trademark, type or part number, capacitance and voltage.
DIMENSIONS in inches [millimeters]
Terminal Style L
1.750 [44.45] Min. L 1.750 [44.45] Min.
0.062 [1.57]
D Max.
Tinned Solid Copper Wire*
D Max. < 0.700 [17.78], No. 20 AWG wire 0.032 [0.812] nominal diameter. D Max. 0.700 [17.78], No. 18 AWG wire 0.040 [1.016] nominal diameter.
Terminal Style H
Tinned Solid Copper Lug L1
0.062 [1.57]
L2
0.062 [1.57]
0.360 0.005 [9.14 0.13]
D Max.
L
0.062 [1.57]
0.156 0.005 Dia. [3.96 0.13]
0.312 [7.9] Min. 0.032 0.002 [0.81 0.05] L1 = L + 0.766 [19.46] L2 = L + 0.437 [11.10]
* Leads to be within 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.78mm] from edge (Terminal Style L only). www.vishay.com 94 For technical questions, contact spresale@vishay.com Document Number: 42031 Revision 17-Nov-03
Type 735P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CASE SIZE D L ESR LIMIT (Milliohm) 20kHz 100kHz + 25C MAXIMUM RIPPLE CURRENT (Amps rms) @ 20kHz - 100kHz Case Temperature @ + 35C + 45C + 55C + 65C + 75C + 85C
CAPACITANCE (F) PART NUMBER**
Terminal Style L - Units with Wire Leads 100 WVDC 1.0* 2.0 3.0 5.0 10.0* 20.0 30.0 735P105X9100L 735P205X9100L 735P305X9100L 735P505X9100L 735P106X9100L 735P206X9100L 735P306X9100L 0.531 [13.49] 0.596 [15.14] 0.717 [18.21] 0.733 [18.62] 0.898 [22.81] 1.000 [25.40] 1.200 [30.48] 0.750 [19.05] 0.938 [23.81] 0.938 [23.81] 1.250 [31.75] 1.500 [38.10] 2.250 [57.15] 2.250 [57.15] 15.0 12.0 11.0 10.0 9.0 8.0 6.0 200 WVDC 1.0* 2.0* 3.0 5.0* 10.0* 20.0 735P105X9200L 735P205X9200L 735P305X9200L 735P505X9200L 735P106X9200L 735P206X9200L 0.512 [13.01] 0.698 [17.73] 0.747 [18.97] 0.862 [21.89] 1.030 [26.16] 1.440 [36.58] 1.250 [31.75] 1.250 [31.75] 1.500 [38.10] 1.750 [44.45] 2.250 [57.15] 2.250 [57.15] 20.0 15.0 13.0 11.0 9.0 6.0 400 WVDC 1.0* 2.0* 3.0* 5.0* 10.0* 735P105X9400L 735P205X9400L 735P305X9400L 735P505X9400L 735P106X9400L 0.713 [18.11] 0.895 [22.73] 1.086 [27.58] 1.192 [30.28] 1.668 [42.37] 1.500 [38.10] 1.750 [44.45] 1.750 [44.45] 2.250 [57.15] 2.250 [57.15] 19.0 15.0 12.0 10.0 6.0 9.5 15.0 15.0 15.0 15.0 9.5 15.0 15.0 15.0 15.0 9.5 15.0 15.0 15.0 15.0 9.5 13.4 15.0 15.0 15.0 9.5 11.6 13.1 15.0 15.0 7.8 9.5 10.7 12.5 15.0 7.1 8.7 9.8 11.4 14.1 7.3 12.0 15.0 15.0 15.0 15.0 7.3 12.0 13.8 15.0 15.0 15.0 7.3 11.3 12.6 14.7 15.0 15.0 7.3 10.1 11.3 13.1 15.0 15.0 7.2 8.7 9.8 11.4 13.8 15.0 5.9 7.1 8.0 9.3 11.3 14.1 5.4 6.5 7.3 8.5 10.3 12.8 9.2 10.8 12.1 13.8 15.0 15.0 15.0 8.5 10.0 11.2 12.7 15.0 15.0 15.0 7.8 9.1 10.3 11.6 14.2 15.0 15.0 7.0 8.2 9.2 10.4 12.7 15.0 15.0 6.0 7.0 8.0 9.0 11.0 13.6 15.0 4.9 5.8 6.5 7.4 9.0 11.1 12.4 4.5 5.3 5.9 6.7 8.2 10.0 11.4
Terminal Style H - Units with Terminal Lugs 100 WVDC 1.0 2.0 3.0 5.0 10.0 20.0 30.0 735P105X9100H 735P205X9100H 735P305X9100H 735P505X9100H 735P106X9100H 735P206X9100H 735P306X9100H 0.531 [13.49] 0.596 [15.14] 0.717 [18.21] 0.733 [18.62] 0.898 [22.81] 1.000 [25.40] 1.200 [30.48] 0.875 [22.23] 1.062 [26.97] 1.062 [26.97] 1.375 [34.93] 1.625 [41.28] 2.375 [60.33] 2.375 [60.33] 15.0 12.0 11.0 10.0 9.0 8.0 6.0 200 WVDC 1.0 2.0 3.0 5.0 10.0 20.0 735P105X9200H 735P205X9200H 735P305X9200H 735P505X9200H 735P106X9200H 735P206X9200H 0.512 [13.00] 0.698 [17.73] 0.747 [18.97] 0.862 [21.89] 1.030 [26.16] 1.440 [36.58] 1.375 [34.93] 1.375 [34.93] 1.625 [41.28] 1.875 [47.63] 2.375 [60.33] 2.375 [60.33] 20.0 15.0 13.0 11.0 9.0 6.0 400 WVDC 1.0 2.0 3.0 5.0 10.0 735P105X9400H 735P205X9400H 735P305X9400H 735P505X9400H 735P106X9400H 0.713 [18.11] 0.895 [22.73] 1.086 [27.58] 1.192 [30.28] 1.668 [42.37] 1.625 [41.28] 1.875 [47.63] 1.875 [47.63] 2.375 [60.33] 2.375 [60.33] 19.0 15.0 12.0 10.0 6.0 9.5 15.0 21.1 24.4 30.0 9.5 15.0 19.5 22.6 27.8 9.5 15.0 17.8 20.6 25.4 9.5 14.2 15.9 18.5 22.7 9.5 12.3 13.8 16.0 19.7 8.3 10.0 11.3 13.1 16.1 7.5 9.1 10.3 11.9 14.7 7.3 14.3 15.9 18.3 22.4 27.4 7.3 13.3 14.7 17.0 20.7 25.4 7.3 12.1 13.5 15.5 18.9 23.2 7.3 10.8 12.0 13.9 16.9 20.7 7.3 9.4 10.4 12.0 14.6 17.9 6.4 7.7 8.5 9.8 12.0 14.7 5.8 7.0 7.8 8.9 10.9 13.4 10.3 12.0 13.3 14.8 17.8 21.6 24.3 9.5 11.0 12.3 13.7 16.5 20.0 22.5 8.7 10.0 11.2 12.5 15.0 18.3 20.5 7.8 8.9 10.0 11.2 13.5 16.4 18.4 6.7 7.8 8.7 9.7 11.7 14.2 15.9 5.5 6.3 7.1 7.9 9.5 11.6 13.0 5.0 5.8 6.5 7.2 8.7 10.6 11.9
* These ratings are stocked. ** Part Numbers listed are for a capacitance tolerance of 10%. To specify 5% tolerance, change the "X9" in the Part Number to "X5".
ORDERING INFORMATION
735P TYPE 105 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X9 CAPACITANCE TOLERANCE X9 = 10% X5 = 5% 100 DC VOLTAGE RATING This is expressed in volts. L TERMINAL STYLE L = Wire Leads H = Lugs
Document Number: 42031 Revision 17-Nov-03
For technical questions, contact spresale@vishay.com
www.vishay.com 95
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 735P205X9100H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X