Part Number Hot Search : 
DA101 M6244 RL102G LRS13 56BC1 CA11174 MAX1575 GBU6B
Product Description
Full Text Search
 

To Download 4711-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transformers
International
4711 - 4716
INTERNATIONAL SERIES Power Transformers for printed circuit mounting.
* Six sizes: 2.5, 5, 10, 20, 30, 56 VA ratings. * Dual bobbins for increased dielectric strength (4000V RMS). * 115/230 volts, 47/63 Hz primary windings. * CSA listed (LR 47366) and U.L. recognized (E100878). * Exceeds VDE, BSI and IEC requirements.
MECHANICAL
Dimensions, Inches (mm) PINS P/N
4711 4712 4713 4714 4715 4716
DIMENSIONS L W
1.63 (41.3) 1.63 (41.3) 1.88 (47.6) 2.25 (57.1) 2.63 (66.7) 3.00 (76.2) 1.32 (33.3) 1.32 (33.3) 1.57 (39.7) 1.88 (47.6) 2.19 (55.6) 2.50 (63.5)
H
1.13 (28.6) 1.38 (34.9) 1.38 (34.9) 1.63 (41.3) 1.57 (39.7) 1.82 (46.0)
PIN SPACINGS A B C
0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.40 (10.2) 0.55 (14) 0.60 (15.2) 0.250 (6.4) 0.205 (10.2) 0.400 (10.2) 0.400 (10.2) 0.275 (7.0) 0.300 (7.6) 1.00 (25.4) 1.00 (25.4) 1.14 (29.0) 1.46 (37.1) 1.68 (42.7) 1.90 (48.3)
MOUNTING INFORMATION E F G screws
1.063 (27.0) 1.063 (27.0) 1.250 (31.8) 1.500 (38.1) -- -- -- -- -- -- 2.19 (55.6) 2.50 (63.5) -- -- -- 1.75 (44.5) 2.00 (50.8) 2 X #4 (2 X M3) 2 X #4 (2 X M3) 2 X #4 (2 X M3) 2 X #4 (2 X M3) 4 X #6 (2 X M3) 4 X #6 (2 X M3)
PINS square
0.025 (0.64) 0.025 (0.64) 0.036 0.036 0.045 0.045
ELECTRICAL SPECIFICATION
Part No.
4711-05 4711-06 4711-08 4711-10 4711-12 4711-14 4711-18 4712-05 4712-06 4712-08 4712-10 4712-12 4712-14 4712-18 4713-05 4713-06 4713-08 4713-10 4713-12 4713-14 4713-18
VA
2.5 2.5 2.5 2.5 2.5 2.5 2.5 5 5 5 5 5 5 5 10 10 10 10 10 10 10
Parallel Volts Amps
5 6.3 8 10 12 14 18 5 6.3 8 10 12 14 18 5 6.3 8 10 12 14 18 0.50 0.40 0.30 0.24 0.20 0.18 0.14 1.00 0.80 0.62 0.50 0.42 0.36 0.28 2.0 1.60 1.25 1.00 0.84 0.72 0.56
Series Volts Amps
10 12.6 16 20 24 28 36 10 12.6 16 20 24 28 36 10 12.6 16 20 24 28 36 0.25 0.20 0.15 0.12 0.10 0.09 0.07 0.50 0.40 0.31 0.25 0.21 0.18 0.14 1.00 0.80 0.62 0.50 0.42 0.36 0.28
Part No.
4714-05 4714-06 4714-08 4714-10 4714-12 4714-14 4714-18 4715-05 4715-06 4715-08 4715-10 4715-12 4715-14 4715-18 4716-05 4716-06 4716-08 4716-10 4716-12 4716-14 4716-18
VA
20 20 20 20 20 20 20 30 30 30 30 30 30 30 56 56 56 56 56 56 56
Parallel Volts Amps
5 6.3 8 10 12 14 18 5 6.3 8 10 12 14 18 5 6.3 8 10 12 14 18 4.0 3.20 2.50 2.00 1.66 1.44 1.12 6.00 4.80 3.80 3.00 2.50 2.12 1.64 11.20 8.80 7.00 5.60 4.66 4.00 3.12
Series Volts Amps
10 12.6 16 20 24 28 36 10 12.6 16 20 24 28 36 10 12.6 16 20 24 28 36 2.00 1.60 1.25 1.00 0.83 0.72 0.56 3.00 2.40 1.90 1.50 1.25 1.06 0.82 5.60 4.40 3.50 2.80 2.33 2.00 1.56
REV: E
INTXFMR.PUB
95/07/04
An ISO 9001 Registered Company
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


▲Up To Search▲   

 
Price & Availability of 4711-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X