Part Number Hot Search : 
5815M SZ3C107 2SC197 TSOP17 DX1116 SP8127DG PCS250A2 70400
Product Description
Full Text Search
 

To Download 2SD1747 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1747, 2SD1747A
Silicon NPN epitaxial planar type
For power switching Complementary to 2SB1177
7.20.3
Unit: mm
7.00.3 3.00.2 3.50.2
s Features
q q q q
Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ratio hFE Large collector current IC I type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings 130 150 80 100 7 15 7 15 1.3 150 -55 to +150 Unit V
0.80.2
1.10.1
0.850.1 0.40.1
1.00.2
10.0 -0.
+0.3
0.750.1
2.30.2 4.60.4
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD1747 2SD1747A 2SD1747 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1
2
3
1:Base 2:Collector 3:Emitter I Type Package
3.50.2 2.00.2
7.00.3
Unit: mm
0 to 0.15
10.20.3
7.20.3
emitter voltage 2SD1747A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
3.00.2
1.0 max.
A A W C
4.60.4 0.750.1 1.10.1
2.5
0.5 max.
0.90.1 0 to 0.15
1
2
3
2.30.2
C
1:Base 2:Collector 3:Emitter I Type Package (Y)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD1747 2SD1747A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 100V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 3A IC = 5A, IB = 0.25A IC = 5A, IB = 0.25A VCE = 10V, IC = 0.5A, f = 10MHz IC = 3A, IB1 = 0.3A, IB2 = - 0.3A, VCC = 50V 30 0.5 1.5 0.1 80 100 45 90 260 0.5 1.5 V V MHz s s s min typ max 10 50 Unit A A V
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h FE2
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
2.50.2
1.0
V
2.50.2
1.0
V
1
Power Transistors
PC -- Ta
20 10 (1) TC=Ta (2) Without heat sink (PC=1.3W) TC=25C
2SD1747, 2SD1747A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10
VCE(sat) -- IC
(1) IC/IB=10 (2) IC/IB=20 TC=25C
Collector power dissipation PC (W)
Collector current IC (A)
8 IB=55mA 6 50mA 45mA 40mA 35mA 30mA 20mA 15mA 2 10mA 5mA 0
15 (1)
3
1
(2) (1)
10
0.3
4
0.1
5
0.03
(2) 0 0 20 40 60 80 100 120 140 160 0 2 4 6 8
10
12
0.01 0.1
0.3
1
3
10
30
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100
VBE(sat) -- IC
100
VBE(sat) -- IC
(1) IC/IB=10 (2) IC/IB=20 TC=25C
Base to emitter saturation voltage VBE(sat) (V)
10
30 10 3 1 TC=100C 0.3 0.1 -25C 0.03 0.01 0.01 0.03 25C
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=20
IC/IB=20 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C 25C
3 (1) (2)
1
0.3
0.1
0.03
0.1
0.3
1
3
10
0.01 0.1
0.3
1
3
10
30
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
hFE -- IC
10000 VCE=2V 10000 3000 1000 300 100 30 10 3 1 0.01 0.03
fT -- IC
10000
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V f=10MHz TC=25C IE=0 f=1MHz TC=25C
Forward current transfer ratio hFE
1000 300
Transition frequency fT (MHz)
3000
3000 1000 300 100 30 10 3 1 0.1
TC=100C 25C 100 -25C 30 10 3 1 0.01 0.03
0.1
0.3
1
3
10
0.1
0.3
1
3
10
0.3
1
3
10
30
100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
2
Power Transistors
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=10 (IB1=-IB2) VCC=50V TC=25C
2SD1747, 2SD1747A
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C ICP t=10ms 10 IC 3 1 0.3 0.1 0.03 0.01 300ms 1ms
Switching time ton,tstg,tf (s)
10 3 1 0.3 0.1 0.03 0.01 0 1 2 3 4
tstg ton tf
Collector current IC (A)
5
6
7
8
1
3
10
30
100
2SD1747A
300
2SD1747
1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
Rth(t) -- t
103 (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
Thermal resistance Rth(t) (C/W)
102
(1) (2)
10
1
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1747

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X