Part Number Hot Search : 
TPS54 S9013 2SA16 3129X000 2SC2922 XM1001 KA2822D 77E532A
Product Description
Full Text Search
 

To Download 2SC5034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5034
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
4.60.2
s Features
q q q
3.20.1
9.90.3
2.90.2
4.10.2 8.00.2 Solder Dip
High collector to emitter VCEO High-speed switching Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw (TC=25C)
Ratings 500 500 400 7 15 7 3 35 2.0 150 -55 to +150 Unit V V V V A A A W C C
15.00.3
3.00.2
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
13.7-0.2
s Absolute Maximum Ratings
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
7
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 500V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 3A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A VCE = 10V, IC = 0.5A, f = 1MHz IC = 3A, IB1 = 0.6A, IB2 = -1.2A, VCC = 150V 10 1.0 2.0 0.3 400 10 8 1.0 1.5 V V MHz s s s min typ max 100 100 Unit A A V
1
Power Transistors
PC -- Ta
80 5 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2.0W) TC=25C IB=300mA 250mA 200mA 3 150mA 100mA 2 80mA 60mA 40mA 1 10 0 0 20 40 60 80 100 120 140 160 (2) (3) 0 0 2 4 6 8 10 20mA
2SC5034
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=100C -25C
VCE(sat) -- IC
Collector power dissipation PC (W)
70 60 50 40 30 20 (1)
Collector current IC (A)
4
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 1000 IC/IB=5 30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C
hFE -- IC
1000 VCE=5V 300 100 30 10 3 1 0.3 0.1 0.01 0.03
fT -- IC
VCE=10V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
100 TC=100C 30 10 3 1 0.3 0.1 0.01 0.03 -25C
25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
300
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (2IB1=-IB2) VCC=150V TC=25C
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C ICP IC t=0.5ms 3 1 0.3 0.1 0.03 0.01 10ms 1ms
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
Collector current IC (A)
10 3 tstg 1 0.3 0.1 0.03 0.01 tf ton
10
DC
0.3
1
3
10
30
100
0
1
2
3
4
5
6
7
8
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
16 14 Lcoil=200H IC/IB=5 (IB1=-IB2) TC=25C
2SC5034
Reverse bias ASO measuring circuit
L coil IB1 Vin T.U.T IC
Collector current IC (A)
12 10 8 6 4 2 0 0 100 200 300 400 500 600 700 800
-IB2
VCC
IC
tW
Vclamp
Collector to emitter voltage VCE (V)
Rth(t) -- t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC5034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X