Part Number Hot Search : 
25N50 2SA881 DTC113 UERA10B MP1580HS T70RIA10 BUL146FG GP10M
Product Description
Full Text Search
 

To Download 2SA2029M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA2029M3T5G PNP Silicon General Purpose Amplifier Transistor
This PNP transistor is designed for general purpose amplifier applications. This device is housed in the SOT-723 package which is designed for low power surface mount applications, where board space is at a premium. * Reduces Board Space * High hFE, 210 -460 (Typical) * Low VCE(sat), < 0.5 V * ESD Performance: Human Body Model; u 2000 V, Machine Model; u 200 V * Available in 4 mm, 8000 Unit Tape & Reel * This is a Pb-Free Device
http://onsemi.com
PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
COLLECTOR 3
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Symbol V(BR)CBO V(BR)CEO V(BR)EBO IC Value -60 -50 -6.0 -100 Unit Vdc Vdc Vdc mAdc 1 BASE 2 EMITTER
THERMAL CHARACTERISTICS
Rating Power Dissipation (Note 1) Junction Temperature Storage Temperature Range Symbol PD TJ Tstg Max 265 150 -55 ~ + 150 Unit mW C C
1 2 3
MARKING DIAGRAM
SOT-723 CASE 631AA F9 M
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
F9 = Specific Device Code M = Date Code
ORDERING INFORMATION
Device 2SA2029M3T5G Package SOT-723 (Pb-Free) Shipping 8000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
November, 2004 - Rev. 1
Publication Order Number: 2SA2029M3/D
2SA2029M3T5G
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Collector-Base Breakdown Voltage (IC = -50 mAdc, IE = 0) Collector-Emitter Breakdown Voltage (IC = -1.0 mAdc, IB = 0) Emitter-Base Breakdown Voltage (IE = -50 mAdc, IE = 0) Collector-Base Cutoff Current (VCB = -30 Vdc, IE = 0) Emitter-Base Cutoff Current (VEB = -7.0 Vdc, IB = 0) Collector-Emitter Saturation Voltage (Note 2) (IC = -50 mAdc, IB = -5.0 mAdc) DC Current Gain (Note 2) (VCE = -6.0 Vdc, IC = -1.0 mAdc) Transition Frequency (VCE = -12 Vdc, IC = -2.0 mAdc, f = 30 MHz) Output Capacitance (VCB = -12 Vdc, IE = 0 Adc, f = 1.0 MHz) 2. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) - hFE 120 fT - COB - 140 3.5 - - pF - 560 MHz - -0.5 - Min -60 -50 -6.0 - - Typ - - - - - Max - - - -0.5 -0.1 Unit Vdc Vdc Vdc nA mA Vdc
http://onsemi.com
2
2SA2029M3T5G
TYPICAL ELECTRICAL CHARACTERISTICS
1000 TA = 25C IC, COLLECTOR CURRENT (mA) 120 90 60 30 0 DC CURRENT GAIN TA = 75C 300 mA 250 200 150 100 IB = 50 mA 0 3 6 9 12 15 10 0.1 1 10 100 TA = - 25C TA = 25C VCE = 10 V
100
VCE, COLLECTOR VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
Figure 1. IC - VCE
VCE , COLLECTOR-EMITTER VOLTAGE (V) 2 TA = 25C COLLECTOR VOLTAGE (mV) 1.5 900 800 700 600 500 400 300 200 100 0 0.01 0.1 1 IB, BASE CURRENT (mA) 10 100 0 0.2 0.5 1
Figure 2. DC Current Gain
1
0.5
TA = 25C VCE = 5 V
5
10
20
40
60
80
100
150 200
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
13 Cib, INPUT CAPACITANCE (pF) 12 Cob, CAPACITANCE (pF) 11 10 9 8 7 6 0 1 2 VEB (V) 3 4 14 12 10 8 6 4 2 0 0 10
Figure 4. On Voltage
20 VCB (V)
30
40
Figure 5. Capacitance
Figure 6. Capacitance
http://onsemi.com
3
2SA2029M3T5G
PACKAGE DIMENSIONS
SOT-723 CASE 631AA-01 ISSUE B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
-X- D b1 -Y-
3
A E
1 2
L C
HE
DIM A b b1 C D E e HE L
e
b 2X 0.08 (0.0032) X Y
MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.15 0.21 0.27 0.25 0.31 0.37 0.07 0.12 0.17 1.15 1.20 1.25 0.75 0.80 0.85 0.40 BSC 1.15 1.20 1.25 0.15 0.20 0.25
INCHES MIN NOM MAX 0.018 0.020 0.022 0.0059 0.0083 0.0106 0.010 0.012 0.015 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 BSC 0.045 0.047 0.049 0.0059 0.0079 0.0098
SOLDERING FOOTPRINT*
0.40 0.0157 0.40 0.0157 1.0 0.039 0.40 0.0157
0.40 0.0157
0.40 0.0157
SCALE 20:1 mm inches
SOT-723
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
2SA2029M3/D


▲Up To Search▲   

 
Price & Availability of 2SA2029M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X