Part Number Hot Search : 
STK7002U 74LCX EL7563 0K022 ET724 BAPBAA GR40N60 US1DL
Product Description
Full Text Search
 

To Download 2N3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
2N3906
SMALL SIGNAL PNP TRANSISTOR
PRELIMINARY DATA
Ordering Code 2N3906 2N3906-AP
s
Marking 2N3906 2N3906
Package / Shipment TO-92 / Bulk TO-92 / Ammopack
s
s
SILICON EPITAXIAL PLANAR NPN TRANSISTOR TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY THE NPN COMPLEMENTARY TYPE IS 2N3904 TO-92 Bulk TO-92 Ammopack
APPLICATIONS s WELL SUITABLE FOR TV AND HOME APPLIANCE EQUIPMENT s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Total Dissipation at T C = 25 C Storage Temperature Max. Operating Junction Temperature
o
Value -60 -40 -6 -200 625 -65 to 150 150
Unit V V V mA mW
o o
C C
February 2003
1/5
2N3906
THERMAL DATA
R thj-amb * R thj-Case * Thermal Resistance Junction-Ambient Thermal Resistance Junction-Case Max Max 200 83.3
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEX I BEX Parameter Collector Cut-off Current (V BE = 3 V) Base Cut-off Current (V BE = 3 V) Test Conditions V CE = -30 V V CE = -30 V I C = -1 mA -40 Min. Typ. Max. -50 -50 Unit nA nA V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)CBO Collector-Base Breakdown Voltage (I E = 0) Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
I C = -10 A
-60
V
V (BR)EBO
I E = -10 A
-6
V
V CE(sat) V BE(sat) h FE
I C = -10 mA I C = -50 mA I C = -10 mA I C = -50 mA IC IC IC IC IC = = = = = -0.1 mA -1 mA -10 mA -50 mA -100 mA
I B = -1 mA I B = -5 mA I B = -1 mA I B = -5 mA V CE = V CE = V CE = V CE = V CE = -1 -1 -1 -1 -1 V V V V V -0.65 60 80 100 60 30 250 4 6 25
-0.25 -0.4 -0.85 -0.95
V V V V
300
fT NF C CBO C EBO td tr ts
Transition Frequency Noise Figure Collector-Base Capacitance Emitter-Base Capacitance Delay Time Rise Time Storage Time
I C = -10mA V CE = -20 V f = 100 MHz V CE = -5 V I C = -0.1 mA f = 10 Hz to 15.7 KHz R G = 1 K IE = 0 IC = 0 V CB = -5 V VEB = -0.5 V f = 100 KHz f = 100 KHz
MHz dB pF pF 35 35 ns ns ns ns
I C = -10 mA V CC = -3V I C = -10 mA V CC = -3V
I B = -1 mA I B1 = -I B2 = -1 mA
225 72
Fall Time tf Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/5
2N3906
TO-92 MECHANICAL DATA
mm MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 1.14 0.41 4 degree TYP. MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 6 degree MIN. 0.170 0.014 0.175 0.130 0.095 0.045 0.500 0.085 0.045 0.016 4 degree inch TYP. MAX. 0.195 0.020 0.194 0.155 0.105 0.055 0.609 0.094 0.059 0.022 6 degree
DIM.
3/5
2N3906
TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA
DIM. A1 T T1 T2 d P0 P2 F1,F2 delta H W W0 W1 W2 H H0 H1 D0 t L I1 delta P mm TYP. inch TYP.
MIN.
12.50 5.65 2.44 -2.00 17.50 5.70 8.50 18.50 15.50 3.80
12.70 6.35 2.54 18.00 6.00 9.00
16.00 4.00
MAX. 4.80 3.80 1.60 2.30 0.48 12.90 7.05 2.94 2.00 19.00 6.30 9.25 0.50 20.50 16.50 25.00 4.20 0.90 11.00 1.00
MIN.
0.492 0.222 0.096 -0.079 0.689 0.224 0.335 0.728 0.610 0.150
0.500 0.250 0.100 0.709 0.236 0.354
0.630 0.157
MAX. 0.189 0.150 0.063 0.091 0.019 0.508 0.278 0.116 0.079 0.748 0.248 0.364 0.020 0.807 0.650 0.984 0.165 0.035 0.433 0.039
3.00 -1.00
0.118 -0.039
4/5
2N3906
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of 2N3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X