Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download 1N5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5820 thru 1N5822
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20-40 VOLTS
Mechanical Data: *Case:JEDEC DO-201AD Molded Plastic *Polarity:Colar Band Denotes Cathode *Weight:1.1grams *Mounting Positon: Any
DO-201AD
DO-201AD Outline Dimensions
Unit:mm
DO-201AD
25.40
7.30
9.50
1.20
1.30
4.80
5.60
WEITRON
http://www.weitron.com.tw
1N5820 Thru 1N5822
Maximum Rating
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Non-Repetitive Peak Square Current (Surge Applied atRated Load Condition Halfware, Single Phase, 60Hz) Perating and Storage Junction Temperature Range Symbol VRRM VRWM VR VR(RMS) IF(AV) IFSM 1N5820 20 1N5821 30 1N5822 40 UNIT V
14
21 3.0 80
28
V A A
TJ,TSTG
-65 to + 125
C
Electrical Characteristic
Characteristic Maximum Instanatneous Forward Voltage (IF=3.0Amp) (IF=9.0Amp) Maximum Instantaneous Reverse Current (Rated DC Voltage, Tc=25 C) (Rated DC Voltage, Tc=100 C) Typical Junction Capacitance (VR=4.0V, f=1.0MHz) Symbol VF 1N5820 1N5821 1N5822 UNIT V
0.475 0.850
0.500 0.900
0.525 0.950
IR
2.0 20
mA
CP
250
pF
WEITRON
http://www.weitron.com.tw
1N5820 thru 1N5822
WEITRON
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AM PERES
3.0
FIG.2 - TYPICAL JUNCTION CAPACITANCE
1000
2.0
1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTHS
CAPACITANCE , (pF)
100
0
25
50
75
100
125
150
175
LEAD TEMPERATURE , C
TJ = 25 C, f= 1MHz
10
1
4
10
100
REVERS E VOLTAGE , VOLTS
FIG.3 - TYPICAL FORWARD CHARACTERIS TICS
20
INSTANTANEOUS F ORWARD CURRENT ,(A)
PEAK FORWARD SU RGE CURRENT, AM PERES
FIG.4 - MAXIMUM NO N-REPETITIVE S URGE CURRENT
80
10
60
40
1.0
20
Single Half-Sine-Wave (JEDEC METHOD)
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
TJ = 25 C PULSE WIDTH 300us
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
INSTANTANEOUS FORWARD VOL TAGE , VOLTS
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of 1N5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X