Part Number Hot Search : 
STA533WF RT9261B 3006A 1N2806 SP9919B 1N523 MAX17 CLT4150
Product Description
Full Text Search
 

To Download 1N5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 5820 ... 1N 5822 Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter
Nominal current - Nennstrom
O 4.5 0.1
3A 20...40 V ~ DO-201 1g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
0.5
62.5
Type
7.5
0.1
O 1.2
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack see page 16 siehe Seite 16
Dimensions / Mae in mm
Maximum ratings and Characteristics
Type Typ Repetitive peak reverse voltage Period. Spitzensperrspannung VRRM [V]
Grenz- und Kennwerte
Surge peak reverse voltage Stospitzensperrspannung VRSM [V] Forward voltage Durchlaspannung VF [V] 1)
1N 5820 1N 5821 1N 5822
20 30 40
20 30 40
< 0.85 < 0.90 < 0.95
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TA = 50/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t Tj TS
3 A 2) 15 A 1) 150 A 110 A2s - 50...+150/C - 50...+175/C
1 2
) IF = 9 A, Tj = 25/C ) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 182 28.02.2002
1N 5820 ... 1N 5822 Characteristics Leakage current Sperrstrom Tj = 25/C Tj = 100/C VR = VRRM IR IR RthA RthL Kennwerte < 2 mA < 20 mA < 25 K/W 1) < 8 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to lead Warmewiderstand Sperrschicht - Anschludraht
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
183


▲Up To Search▲   

 
Price & Availability of 1N5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X