Part Number Hot Search : 
SR4M4024 VSM86 BAT82AMO 78LXX 1117A LV573 B20100 ISL6000
Product Description
Full Text Search
 

To Download 1N5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * Low Switching Noise Low Forward Voltage Drop High Current Capability High Surge Current Capability


!"# $
% !"#
1N5820 THRU 1N5822
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
DO-201AD
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 28 C/W Junction To Ambient MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 40V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 40V
D
1N5820 1N5821 1N5822
-------
14V 21V 28V
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 3.0A TA = 85C Current Peak Forward Surge IFSM 80A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage .475V IFM = 3.0A; 1N5820 VF .500V 1N5821 TJ = 25C* .525V 1N5822 Maximum DC 2.0mA Reverse Current At IR TJ = 25C 20mA Rated DC Blocking TJ = 100C Voltage Typical Junction CJ 200pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1%
D
C
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
DIM A B C D
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
www.mccsemi.com
1N5820 thru 1N5822
Figure 1 Typical Forward Characteristics 20 10 6 4 5 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .2 .4 .6 Volts 1N5820 Instantaneous Forward Current - Amperesversus 1N5821 Instantaneous Forward Voltage - Volts 1N5822 .8 1.0 1.2 0 1 Amps 2 4 6
MCC
Figure 2 Forward Derating Curve
3
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
1000 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
1N5820 thru 1N5822
Figure 4 Typical Reverse Characteristics 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .004 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=75C Amps TJ=100C 80 60 40 20 5 0 120 100
MCC
Figure 5 Maximum Non-Repetitive Forward Surge Current
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles TJ=25C
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X