Part Number Hot Search : 
MG100 SF1093A AD8306 30KPA132 334K02 CX6187NL MB90622A NJM2581
Product Description
Full Text Search
 

To Download VCS1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model VCS1001A VCSO
Features:
* 622.08 MHz VCSO * Low Profile Surface Mount Package * Excellent solder reflow performance * PCB Substrate for excellent TCE match
Description and applications:
Surface mount 9x14 mm VCSO operating at a 3.3V supply with complementary PECL outputs for use in datacom applications
. VCS1001A 622M CTS 03XX
Electrical Specifications:
VCS1001A Center Frequency Fo Supply Voltage ( 5%) Current Drain Frequency Stability (-40C to 85C) Operating Temperature Tuning Voltage Range Absolute pull range over all conditions Positive gain transfer (Kv) Output voltage swing (p-p) Linearity Output rise & fall times Spurious suppression Data symmetry Phase jitter (p-p) RMS phase jitter (50 kHz to 80 MHz) Specification 622.08 MHz 3.3 V 60 mA max.
150 ppm
-40 to +85C 0.15V to 3.15V
50
ppm minimum
180 ppm/V typical 500 to 800 mV {100K PECL compatible} +/- 3% typical: 10% max. 250 ps typical; 400 ps max. 50 dBc min; 60 dBc typical 45% min; 55% max. < 5 psec < 1 psec
CTS Communications Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108 Tel. (800) 757-6686 Fax: (630) 295-6606 www.ctscorp.com
Rev. 2.3
Model VCS1001A VCSO
Pinout information:
Pin 1 2 Symbol Vc E/D Function VCSO control voltage Output Disable Disabled = LVPECL Logic 0 (or GND) Enabled = LVPECL Logic 1 (or Open) Case & electrical ground VCSO output VCSO complementary output Power supply voltage
3 4 5 6
GND OUTPUT /OUTPUT Vcc
Enable/Disable Function
Enable: Logic 1 or Open Disable: Logic 0 (or GND)
CTS Communications Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108 Tel. (800) 757-6686 Fax: (630) 295-6606 www.ctscorp.com
Rev. 2.3
Model VCS1001A VCSO
Mechanical Dimensions : 9.0 mm x 14.0 mm x 3.0 mm (max.)
CTS Communications Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108 Tel. (800) 757-6686 Fax: (630) 295-6606 www.ctscorp.com
Rev. 2.3


▲Up To Search▲   

 
Price & Availability of VCS1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X