Part Number Hot Search : 
00TT4 2SC488 UF4003S SSP3N90 B14NK60Z UF4003S HCT04 UF4003S
Product Description
Full Text Search
 

To Download SPE0526 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPE0526
5-Line ESD Protection Array
DESCRIPTION The SPE0526 are designed by TVS bi-direction device that is to protect sensitive electronics from damage or latch-up due to ESD. They are designed for use in applications where board space is at a premium. SPE0526 is bidirectional devices that will protect up to five lines, and may be used on lines where the signal polarities swing above and below ground . SPE0526 offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation. SPE0526 may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The small SOT-363 package makes them ideal for use in portable electronics such as cell phones, PDA's, notebook computers, and digital cameras. APPLICATIONS Cellular Handsets and Accessories Cordless Phone PDA Notebooks and Handhelds Portable Instrumentation Digital Cameras MP3 Player
FEATURES Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) Protects five bidirectional I/O lines Working voltage: 5V Low leakage current Low operating and clamping voltages
PIN CONFIGURATION ( SOT-363 )
PART MARKING
2007/04/27 Ver.1
Page 1
SPE0526
5-Line ESD Protection Array
ORDERING INFORMATION Part Number SPE0526S36RG Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPE0526S36RG : Tape Reel ; Pb - Free Package SOT-363 Part Marking EAYW
ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise noted) Parameter Peak Pulse Power ( tp = 8/20 s ) Maximum Peak Pulse Current ( tp = 8/20 s ) ESD per ICE 61000 - 4 - 2 (Air ) ESD per ICE 61000 - 4 - 2 (Contact ) Operating Junction Temperature Storage Temperature Range Lead Soldering Temperature Symbol Ppk Ipp Vpp Vpp TJ TSTG TL Typical 250 7 15 8 -55 ~ 150 -55 ~ 150 260 ( 10sec ) Unit W A KV KV
ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwise noted) Parameter Reverse Stand - Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance Symbol VRWM VBR IR IR VC VC Cj It = 1mA VRWM = 5V , T=25 VRWM = 3V , T=25 Ipp = 1A , tp = 8/20 s Ipp = 7A , tp = 8/20 s Between I/O Pin and GND VR = 0V , f = 1MHz 5 6 0.01 0.01 1 0.5 11.5 15 10 Conditions Min. Typ Max. 5 Unit V V A A V V pF
2007/04/27 Ver.1
Page 2
SPE0526
5-Line ESD Protection Array
TYPICAL CHARACTERISTICS
Clamping Voltage (Ipp = 1A , tp = 8/20 s )
Clamping Voltage (Ipp = 7A , tp = 8/20 s )
2007/04/27 Ver.1
Page 3
SPE0526
5-Line ESD Protection Array
TYPICAL CHARACTERISTICS
Fig 1 : Junction Capacitance V.S Reverse Voltage Applied
Fig 2 : Peak Plus Power V.S Exponential Plus Duration
Fig 3 : Relative Variation of Peal Plus Power V.S Initial Junction Temperature
Fig 4 : Forward Voltage Drop V.S Peak Forward Current
2007/04/27 Ver.1
Page 4
SPE0526
5-Line ESD Protection Array
APPLICATION NOTE Device Connection for Protection of Five Data Lines SPE0526 is designed to protect up to five bidirectional data lines. The device is connected as follows: 1. Bidirectional protection of five I/O lines is achieved by connecting pins 1, 3, 4, 5, and 6 to the data lines. Pin 2 is connected to ground. The ground connection should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces.
Circuit Board Layout Recommendations for Suppression of ESD Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: 1. Place the TVS near the input terminals or connectors to restrict transient coupling. 2. Minimize the path length between the TVS and the protected line. 3. Minimize all conductive loops including power and ground loops. 4. The ESD transient return path to ground should be kept as short as possible. 5. Never run critical signals near board edges. 6. Use ground planes whenever possible.
2007/04/27 Ver.1
Page 5
SPE0526
5-Line ESD Protection Array
SOT-363 PACKAGE OUTLINE
2007/04/27 Ver.1
Page 6
SPE0526
5-Line ESD Protection Array
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use. No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support devices or systems without express written approval of SYNC Power Corporation. (c)The SYNC Power logo is a registered trademark of SYNC Power Corporation (c)2004 SYNC Power Corporation - Printed in Taiwan - All Rights Reserved SYNC Power Corporation 9F-5, No.3-2, Park Street NanKang District (NKSP), Taipei, Taiwan, 115, R.O.C Phone: 886-2-2655-8178 Fax: 886-2-2655-8468 (c)http://www.syncpower.com
2007/04/27 Ver.1
Page 7


▲Up To Search▲   

 
Price & Availability of SPE0526

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X