Part Number Hot Search : 
AO4802L KE300 FSS212 FSS244 1100B PT40575 A7806 GALI84
Product Description
Full Text Search
 

To Download SP7661EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solved by
SP7661
TM
Evaluation Board Manual
Easy Evaluation of the SP7661ER 0 to 3A Output Synchronous Buck Converter Built in Power MOSFETs UVLO Detects Both VCC and VIN Highly Integrated Design, Minimal Components High Efficiency: up to 90% Feature Rich: UVIN, Programmable Soft Start, Built In VCC Supply Output Short Circuit Protection and Current Limiting
SP7661EB Schematic
Nov27-06
SP7661 Evaluation Board Manual Page 1 of 11
(c) 2006 Sipex Corporation
Using the Evaluation Board 1) Powering Up the SP7661EB Circuit Connect the SP7661 Evaluation Board with an external +12V power supply. Connect with short leads and large diameter wire directly to the "VIN" and "GND" posts. Connect a Load between the VOUT and GND posts, again using short leads with large diameter wire to minimize inductance and voltage drops. 2) Measuring Output Load Characteristics VOUT ripple can best be seen by touching the probe tip to the pad for C5 and the scope GND collar touching Output GND post - avoid a GND lead on the scope which will increase noise pickup. 3) Using the Evaluation Board with Different Output Voltages While the SP7661 Evaluation Board has been tested and delivered with the output set to 3.30V, by simply changing one resistor, R2, the SP7661 can be set to other output voltages. The relationship in the Equation 1 is based on a voltage divider from the output to the feedback pin VFB, which is set to an internal reference voltage of 0.80V. Note, due to the common mode voltage range of the current sense amplifier, output voltages greater than 3.3V are only possible if the current sense is disabled. To disable current limit, remove R3 and R4. Standard 1% metal film resistors of surface mount size 0603 are recommended.
R2 = R1 Vout ( - 1) .80V
Equation 1
Where R1 = 10k and for VOUT = 0.80V setting, simply remove R2 from the board. Furthermore, one could select the value of the R1 & R2 combination to meet the exact output voltage setting by restricting R1 resistance range such that 10k R1 100k for overall system loop stability. Note that since the SP7661 Evaluation Board design was optimized for 12V down conversion to 3.30V, changes of output voltage and/or input voltage will alter performance from the data given in the Power Supply Data section. In addition, the SP7661ER provides short circuit protection by sensing VOUT at GND. The current limit of the converter is set to about 5.5A which is accomplished by sensing the current through the inductor. To adjust the current limit, follow Equations 2 and 3 to set the current limit accordingly. The current limit should be set to about 50% higher than the maximum output current that is desired. This will prevent the part from accidentally triggering the current limit during large transient load steps. Adjusting the current upwards is done by adjusting resistor R9.
R9 =
Where
60mV ( R3 + R4) I max ( DCR - 60mV)
Equation 2
DCR is the Inductor winding resistance IMAX is the desired output current
Feb21-07
SP7661 Evaluation Manual Page 2 of 11
(c)2007 Sipex Corporation
Adjusting the current downwards is controlled by adjusting R8.
(Vout - 60mV) + (Imax DCR) R8 = R4 60mV - (Imax DCR)
Where
Equation 3
DCR is the Inductor winding resistance and IMAX is the desired output current Further details on the current limit can be found in the SP7661 data sheet. For the Wurth Inductor on this demo board, DCR= 14m nominal. POWER SUPPLY DATA The SP7661ER is designed with an accurate 2.0% reference over line, load and temperature. Figure 1 data shows a typical SP7661 evaluation board efficiency plot, with efficiencies up to 90% and output currents up to 3A. The output voltage ripple of less than 10mV at full load and the LX node are shown in figure 2. Figures 3 and 4 illustrate a 0A to 3A and 1A to 3A Load Step. Short circuit and current limit are shown in Figures 5 and 6. Typical startup characteristics into a full load and no load are shown in figure 7 and 8. All data was taken at 12VIN. While data on individual power supply boards may vary, the capability of the SP7661ER of achieving high accuracy over a range of load conditions shown here is quite impressive and desirable for accurate power supply design.
7661 Efficiency 12Vin, 3.3Vout, 3Amps
95.0 90.0 85.0 80.0 Efficiency 75.0 70.0 65.0 60.0 55.0 50.0 0.5 1
1.5 Iout (Amps)
2
2.5
3
Figure 1. Efficiency vs. Load
Feb21-07
SP7661 Evaluation Manual Page 3 of 11
(c)2007 Sipex Corporation
Vout
Vout
Iout 1A/div
Figure 2. LX node output & ripple voltage
Figure 3. Load Step Response: 0->3A
Vout
Vout
Soft Start
Iout 1A/div
Iout 2A/div
Figure 4. Load Step Response 1->3A
Figure 5. Current limit set point ~6A
Vin Vout
Soft Start
Vout
Soft Start
Iin 5A/div
Iout 2A/div
Figure 6. Output Short Circuit w/IIN Feb21-07
Figure 7. Startup into full load (c)2007 Sipex Corporation
SP7661 Evaluation Manual Page 4 of 11
VOUT
Soft Start
IOUT 2A/div
Figure 8. Current Limit Re-start Rate
TYPE III LOOP COMPENSATION DESIGN The open loop gain of the SP7661EB can be divided into the gain of the error amplifier Gamp(s), PWM modulator Gpwm, buck converter output stage Gout(s), and feedback resistor divider Gfbk. In order to cross over at the selecting frequency fco, the gain of the error amplifier must compensate for the attenuation caused by the rest of the loop at this frequency. The goal of loop compensation is to manipulate the open loop frequency response such that its gain crosses over 0dB at a slope of -20dB/dec. The open loop crossover frequency should be higher than the ESR zero of the output capacitors but less than 1/5 to 1/10 of the switching frequency fs to insure proper operation. Since the SP7661EB is designed with Ceramic Type output capacitors, a Type III compensation circuit is required to give a phase boost of 180 in order to counteract the effects of the output LC underdamped resonance double pole frequency.
Feb21-07
SP7661 Evaluation Manual Page 5 of 11
(c)2007 Sipex Corporation
Figure 9. Voltage Mode Control Loop with Loop Dynamic for Type III Compensation The simple guidelines for positioning the poles and zeros and for calculating the component values for Type III compensation are as follows. As a particular example, consider for the following SP7661EB with a Type III Voltage Loop Compensation component selections: Input requirements and inductor selection Vin = 12V, we will use 12V as Vin max for this design. Vout = 3.30V @ 0 to 3A load Select L = 2.2uH => yield 60% of maximum 3A output current ripple. Select Cout = 100uF Ceramic capacitor (Resr 3m) Given the performance of ceramic caps we will use ~80% of the output capacitance in calcualations. fs = 600khz SP7661 internal Oscillator Frequency Vramp_pp = 1.0V SP7661 internal Ramp Peak to Peak Amplitude
Feb21-07
SP7661 Evaluation Manual Page 6 of 11
(c)2007 Sipex Corporation
Step by step design procedures:
Note: Loop Compensation component calculations discussed in this section are further elaborated in the application note #ANP16, "Loop Compensation of Voltage-Mode Buck Converters". These calculations shown here can be quickly iterated with the Type III Loop Compensation Calculator on the web at: www.sipex.com/files/Application-Notes/TypeIIICalculator.xls
Choose
fco = fs/10
fco = 600Khz/10 = 60Khz
Calculate fp_LC, the double pole frequency of the filter
fp_LC =
1 2 ( L C )
1 2 2.2uH 80uF ) = 11.99kHz 12kHz
fp_LC =
Calculate fz_ESR , the ESR zero frequency
fz_ESR =
1 2 Cesr Cout
fz _ ESR =
1 = 663kHz 2 (3m ) (80 F )
Select R1 component value such that 10k R1 100k R1 = 10k, 1% Calculate R2 base on the desired VOUT
R2 =
R1 Vout .8V - 1
10 K = 3200 3160 3.3V .8V - 1
R2 =
Feb21-07
SP7661 Evaluation Manual Page 7 of 11
(c)2007 Sipex Corporation
Select the ratio of RZ2 / R1 gain for the desired gain bandwidth (from above, we will use 60kHz) Vramp _ pp fco RZ 2 = R1 Vin _ max fp _ LC
1V 60kHz RZ 2 = R1 = 4166 4020 12V 12 kHz
Calculate CZ2 by placing the zero at 1/2 of the output filter pole frequency
CZ 2 =
1 RZ 2 fp _ LC
CZ 2 =
1 = 6.59nF 6.8nF 4020 12kHz
Calculate CP1 by placing the first pole at ESR zero frequency
CP1 =
1 2 ( Rz 2 fz _ ESR )
1 = 59.7 pF 56 pF 2 (4020 663KHz )
CP1 =
Calculate RZ3 by setting the second pole at 1/2 of the switching frequency and the second zero at the output filter double pole frequency
RZ 3 =
2 ( R1) ( fp _ LC ) fs - 2 fp _ LC
RZ 3 =
2 (10k) (12kHz ) = 408 400 600 KHz - 12kHz
Calculate CZ3 from RZ3 component value above
CZ 3 =
1 RZ 3 fs
CZ 3 =
1 = 1.3nF 1500 pF 400 600 KHz
Choose 100pF CF1 220pF to stabilize the SP7661ER internal Error Amplifier. For this example let's select 100pF.
Feb21-07
SP7661 Evaluation Manual Page 8 of 11
(c)2007 Sipex Corporation
PC LAYOUT DRAWINGS
Figure 10. SP7661EB Component Placement
Figure 11. SP7661EB PC Layout Top Side
Figure 12. SP7661EB PC Layout 2nd Layer Side
Feb21-07
SP7661 Evaluation Manual Page 9 of 11
(c)2007 Sipex Corporation
Figure 13. SP7661EB PC Layout 3rd Layer Side
Figure 14. SP7661EB PC Layout Bottom Side
Figure 15. SP7661EB PC Layout Bottom Side Components
Feb21-07
SP7661 Evaluation Manual Page 10 of 11
(c)2007 Sipex Corporation
Table 1: SP7661EB Suggested Components and Vendor Lists
ORDERING INFORMATION Model Temperature Range Package Type SP7661EB...................................-40C to +85C...............................SP7661 Evaluation Board SP7661ER.................................. -40C to +85C.........................................26-pin DFN(option2)
For further assistance: Email: WWW Support page: Live Technical Chat: Sipex Application Notes: Type III Loop Compensation Calculator: Sipexsupport@sipex.com http://www.sipex.com/content.aspx?p=support http://www.geolink-group.com/sipex/ http://www.sipex.com/applicationNotes.aspx www.sipex.com/files/Application-Notes/TypeIIICalculator.xls
Solved by
Sipex Corporation
Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA95035 tel: (408) 934-7500 faX: (408) 935-7600
TM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Feb21-07
SP7661 Evaluation Manual Page 11 of 11
(c)2007 Sipex Corporation


▲Up To Search▲   

 
Price & Availability of SP7661EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X