Part Number Hot Search : 
LU2905Z XNESJ210 HETC4376 5H116 TD230I SN74481 SK353 5C180
Product Description
Full Text Search
 

To Download SN54LS253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS253 DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
The LSTTL/ MSI SN54/ 74LS253 is a Dual 4-Input Multiplexer with 3-state outputs. It can select two bits of data from four sources using common select inputs. The outputs may be individually switched to a high impedance state with a HIGH on the respective Output Enable (E0) inputs, allowing the outputs to interface directly with bus oriented systems. It is fabricated with the Schottky barrier diode process for high speed and is completely compatible with all Motorola TTL families.
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
* * * *
Schottky Process for High Speed Multifunction Capability Non-Inverting 3-State Outputs Input Clamp Diodes Limit High Speed Termination Effects
16
J SUFFIX CERAMIC CASE 620-09
1
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 E0b 15 S0 14 I3b 13 I2b 12 I1b 11 I0b 10 Zb 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
16 1
N SUFFIX PLASTIC CASE 648-08
1 E0a
2 S1
3 I3a
4 I2a
5 I1a
6 I0a
7 Za
8 GND
16 1
D SUFFIX SOIC CASE 751B-03
PIN NAMES
LOADING (Note a) HIGH LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 15 (7.5) U.L.
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
S0, S1 Multiplexer A E0a I0a - I3a Za Multiplexer B E0b I0b - I3b Zb
Common Select Inputs Output Enable (Active LOW) Input Multiplexer Inputs Multiplexer Output (Note b) Output Enable (Active LOW) Input Multiplexer Inputs Multiplexer Output (Note b)
0.5 U.L. 0.5 U.L. 0.5 U.L. 65 (25) U.L. 0.5 U.L. 0.5 U.L. 65 (25) U.L.
LOGIC SYMBOL
0.25 U.L. 0.25 U.L. 15 (7.5) U.L.
14 2 1 654 3 10 11 12 13 15
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 7.5 U.L. for Military (54) and 15 U.L. for Commercial (74) Temperature Ranges. The Output HIGH drive factor is 25 U.L. for Military (54) and 65 U.L. for Commercial (74) Temperature Ranges.
EIII I IIIIE S0 0a 0a 1a 2a 3a 0b 1b 2b 3b 0b S1 Za Zb
7 VCC = PIN 16 GND = PIN 8
9
FAST AND LS TTL DATA 5-416
SN54/74LS253
LOGIC DIAGRAM
E0b
15
I3b
13
I2b
12
I1b
11
I0b
10
S0
14
S1
2
I3a
3
I2a
4
I1a
5
I0a
6
E0a
1
Zb
9
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS
Za
7
FUNCTIONAL DESCRIPTION The LS253 contains two identical 4-Input Multiplexers with 3-state outputs. They select two bits from four sources selected by common select inputs (S0, S1). The 4-input multiplexers have individual Output Enable (E0a, E0b) inputs which when HIGH, forces the outputs to a high impedance (high Z) state. The LS253 is the logic implementation of a 2-pole, 4-position switch, where the position of the switch is determined by the logic levels supplied to the two select inputs. The logic equations for the outputs are shown below: Za = E0a (I0a S1 S0 + I1a S1 S0 I2a S1 S0 + I3a S1 S0) Zb = E0b (I0b S1 S0 + I1b S1 S0 I2b S1 S0 + I3b S1 S0) TRUTH TABLE
SELECT INPUTS S0 X L L H H L L H H S1 X L L L L H H H H I0 X L H X X X X X X DATA INPUTS I1 X X X L H X X X X I2 X X X X X L H X X I3 X X X X X X X L H OUTPUT ENABLE E0 H L L L L L L L L OUTPUT Z (Z) L H L H L H L H
If the outputs of 3-state devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3-state devices whose outputs are tied together are designed so that there is no overlap.
H = HIGH Level L = LOW Level X = Irrelevant (Z) = High Impedance (off) Address inputs S0 and S1 are common to both sections.
FAST AND LS TTL DATA 5-417
SN54/74LS253
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 1.0 - 2.6 12 24 Unit V C mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL IOZH IOZL IIH IIL IOS ICC Output LOW Voltage 74 Output Off Current HIGH Output Off Current LOW Input HIGH Current 0.1 Input LOW Current Short Circuit Current (Note 1) Power Supply Current 14 mA - 30 - 0.4 - 130 12 0.35 0.5 20 - 20 20 V A A A mA mA mA mA 2.4 3.1 0.25 0.4 V V 2.4 - 0.65 3.4 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 12 mA IOL = 24 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VOUT = 2.7 V VCC = MAX, VOUT = 0.4 V VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX, VE = 0 V VCC = MAX, VE = 4.5 V
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V) See SN54LS251 for Waveforms
Limits Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay, Data to Output Propagation Delay, Select to Output Output Enable Time Output Disable Time Min Typ 17 13 30 21 15 15 27 18 Max 25 20 45 32 28 23 41 27 Unit ns ns ns ns Figure 1 Figure 1 Figures 4, 5 Figures 3, 5 CL = 5.0 pF, RL = 667 CL = 45 pF, RL = 667 Test Conditions
FAST AND LS TTL DATA 5-418
-A-
Case 751B-03 D Suffix 16-Pin Plastic SO-16
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03.
16
9
-B1 8
P
8 PL
0.25 (0.010)
M
B
M
R X 45 G -TD 16 PL
0.25 (0.010)
M
C
SEATING PLANE
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 648-08 N Suffix 16-Pin Plastic -A16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08.
B
1 8
F S
C -TK
SEATING PLANE
L
H G D 16 PL
0.25 (0.010)
M
J
M
T
A
M
DIM A B C D F G H J K L M S
MILLIMETERS MIN MAX
18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77
INCHES MIN MAX
0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070
2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01
0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040
-A16 9
Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 8
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY.
C
L
5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09.
-TSEATING PLANE
K E F D 16 PL
0.25 (0.010)
M
N G
T A
S
M J 16 PL
0.25 (0.010)
M
T
B
S
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
19.05 6.10 19.55 7.36 4.19 0.39 0.53
INCHES MIN MAX
0.750 0.240 0.770 0.290 0.165 0.015 0.021
1.27 BSC 1.40 1.77
0.050 BSC 0.055 0.070
2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88
0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035
FAST AND LS TTL DATA 5-419
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-420


▲Up To Search▲   

 
Price & Availability of SN54LS253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X