|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMBJ53 Series VZ : 3.3 - 200 Volts PD : 5 Watts FEATURES : * Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free SURFACE MOUNT SILICON ZENER DIODES SMB (DO-214AA) 1.1 0.3 5.4 0.15 4.8 0.15 2.0 0.1 3.6 0.15 2.3 0.2 0.22 0.07 MECHANICAL DATA * Case : SMB (DO-214AA) Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead formed for Surface mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.093 gram Dimensions in millimeter MAXIMUM RATINGS Rating at 25 C ambient temperature unless otherwise specified Rating DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Junction Temperature Range Storage Temperature Range Symbol PD VF TJ Ts Value 5.0 1.2 - 55 to + 150 - 55 to + 150 Unit W V C C Note : 2 (1) TL = Lead temperature at 5.0 mm ( 0.013 mm thick ) copper land areas Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 5.0 mm 2 ( 0.013 mm thick ) copper land areas. TL, LEAD TEMPERATURE (C) Page 1 of 2 Rev. 05 : November 29, 2005 ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Maximum Zener Voltage Impedance TYPE VZ @ IZT IZT ZZT @ IZT ZZK @ IZK (V) (mA) () () SMBJ5333A SMBJ5334A SMBJ5335A SMBJ5336A SMBJ5337A SMBJ5338A SMBJ5339A SMBJ5340A SMBJ5341A SMBJ5342A SMBJ5343A SMBJ5344A SMBJ5345A SMBJ5346A SMBJ5347A SMBJ5348A SMBJ5349A SMBJ5350A SMBJ5351A SMBJ5352A SMBJ5353A SMBJ5354A SMBJ5355A SMBJ5356A SMBJ5357A SMBJ5358A SMBJ5359A SMBJ5360A SMBJ5361A SMBJ5362A SMBJ5363A SMBJ5364A SMBJ5365A SMBJ5366A SMBJ5367A SMBJ5368A SMBJ5369A SMBJ5370A SMBJ5371A SMBJ5372A SMBJ5373A SMBJ5374A SMBJ5375A SMBJ5376A SMBJ5377A SMBJ5378A SMBJ5379A SMBJ5380A SMBJ5381A SMBJ5382A SMBJ5383A SMBJ5384A SMBJ5385A SMBJ5386A SMBJ5387A SMBJ5388A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0 3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage Current IR @ VR (V) (A) 300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 4.9 5.4 5.9 6.3 6.6 7.2 8.0 8.6 9.4 10.1 10.8 11.5 12.2 13.0 13.7 14.4 15.8 17.3 18.0 19.4 20.1 21.6 23.8 25.9 28.1 31.0 33.8 36.7 40.3 43.0 44.6 49.0 54.0 59.0 63.0 65.5 72.0 79.2 86.4 93.2 101 108 115 122 130 137 144 Maximum DC Zener Current IZM (mA) 1440 1320 1220 1100 1010 930 856 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6 Note : ( 1 ) Suffix " A " indicates 10% tolerance, suffix " B " indicates 5% tolerance. Page 2 of 2 Rev. 05 : November 29, 2005 |
Price & Availability of SMBJ5334A |