|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS SD101AWS - SD101CWS Pb SURFACE MOUNT SCHOTTKY BARRIER DIODE Features ! ! ! Low Turn-on Voltage A SOD-323 Dim Min 2.30 1.75 1.15 0.25 0.05 0.70 0.30 Max 2.70 1.95 1.35 0.35 0.15 0.95 -- A B C D Fast Switching PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E D B G Mechanical Data ! ! ! ! ! Case: SOD-323, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.004 grams (approx.) Marking: SD101AWS S2 SD101BWS S3 SD101CWS S4 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 @TA=25C unless otherwise specified E G H All Dimensions in mm H ! Maximum Ratings Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t = 10s Symbol VRRM VRWM VR IF IFSM Pd RJA Tj, TSTG SD101AWS SD101BWS SD101CWS Unit 60 50 15 2.0 200 625 -65 to +125 40 V mA A mW C/W C Electrical Characteristics Characteristic Forward Voltage Drop @TA=25C unless otherwise specified Symbol @ IF = 1.0mA @ IF = 15mA VFM IRM CT trr SD101AWS 0.41 1.00 SD101BWS 0.40 0.95 200 SD101CWS 0.39 0.90 Unit V nA Peak Reverse Leakage Current @ 80% DC Blocking Voltage Total Junction Capacitance Typical Reverse Recovery Time @ @ VR = 0V, f = 1.0MHz IF = IR = 50mA, IRR = 0.1 x IR, RL = 100 2.0 2.1 1.0 2.2 pF nS Note: 1. Valid provided that terminals are kept at ambient temperature. SD101AWS - SD101CWS 1 of 4 (c) 2006 Won-Top Electronics 1000 100 IF, FORWARD CURRENT (mA) 100 Cj, CAPACITANCE (pF) 0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 1.0 10 10 1.0 1.0 0.10 0.01 0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 2 Typ. Junction Capacitance vs Reverse Voltage SD101AWS - SD101CWS 2 of 4 (c) 2006 Won-Top Electronics MARKING INFORMATION RECOMMENDED FOOTPRINT 0.025 (0.63) Sx Cathode Sx x = Polarity Band = Device Code = 2 (SD101AWS) = 3 (SD101BWS) = 4 (SD101CWS) 0.063 (1.60) 0.033 (0.83) inches(mm) PACKAGING INFORMATION TAPE & REEL Inspection Hole Direction of Unreeling 4mm 178mm 8mm 4mm 8mm Product ID Label 1.6mm Reel Diameter (mm) 178 Quantity (PCS) 5,000 Inner Box Size L x W x H (mm) 187 x 187 x 65 Quantity (PCS) 25,000 Carton Size L x W x H (mm) 390 x 240 x 420 Quantity (PCS) 250,000 Approx. Gross Weight (KG) 10.0 Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2. SD101AWS - SD101CWS 3 of 4 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. SD101AWS-T1 SD101BWS-T1 SD101CWS-T1 1. 2. Package Type SOD-323 SOD-323 SOD-323 Shipping Quantity 5000/Tape & Reel 5000/Tape & Reel 5000/Tape & Reel Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SD101AWS-T1-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. SD101AWS - SD101CWS 4 of 4 (c) 2006 Won-Top Electronics |
Price & Availability of SD101CWS-T1 |