Part Number Hot Search : 
TLFD600 1117C BV03CW ATMEGA6 SB520 TA1270 TS7010B 90M6T
Product Description
Full Text Search
 

To Download SBE808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0451
SBE808
SANYO Semiconductors
DATA SHEET
SBE808
Applications
*
Schottky Barrier Diode
15V, 1A Rectifier
High frequency rectification (switching regulators, converters, choppers).
Features
* * *
Small switching noise. Low leakage current and high reliability due to planar structure. Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25C (Value per element)
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle Conditions Ratings 15 17 1 10 --55 to +150 --55 to +150 Unit V V A A C C
Electrical Characteristics at Ta=25C (Value per element)
Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time Thermal Resistance Symbol VR VF1 VF2 IR C trr Rth(j-a) IR=0.1mA IF=0.5A IF=1A VR=6V VR=10V, f=1MHz IF=IR=100mA, See specified Test Circuit. Mounted on a ceramic board (600mm2!0.8mm) Conditions Ratings min 15 0.43 0.49 20 10 185 0.48 0.54 3.0 typ max Unit V V V A pF ns C / W
Marking : SE
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before usingany SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0106SB SY IM TC-00000264 No. A0451-1/3
SBE808
Package Dimensions
unit : mm (typ) 7021A-001
0.25 2.0 0.15
Electrical Connection
5 4
5
4
0 to 0.02
2.1 1.6
1 : Anode 2 : No Contact 3 : Anode 4 : Cathode 5 : Cathode
1 2 3
0.25
1
0.65
2
3
0.3
Top view
0.85
1
2
3
1 : Anode 2 : No Contact 3 : Anode 4 : Cathode 5 : Cathode SANYO : MCPH5
0.07
5
4
trr Test Circuit
Duty10%
100mA 100mA 10mA
50 10s
100
10
--5V trr
10 7 5 3 2
IF -- VF
10000 1000
IR -- VR
Ta=150C
1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5 3 2 0
Reverse Current, IR -- A
Forward Current, IF -- A
100 10 1.0 0.1 0.01
125C 100C
75C
50C
25C 0C
50 12 C 5 100 C C 25 C 50 C 25 C 0C --25 C
Ta= 1
--25C
0.001 0.0001 0.1 0.2 0.3 0.4 0.5 0.6 0.7 IT11243 0 2 4 6 8 10 12 14 16
0.001
Forward Voltage, VF -- V Average Forward Power Dissipation, PF(AV) -- W
0.7
Average Reverse Power Dissipation, PR(AV) -- W
PF(AV) -- IO
Reverse Voltage, VR -- V
1.2E--05
IT11244
PR(AV) -- VRM
0.6
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
(1)
(2) (4) (3)
1.0E--05
(1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180
Rectangular wave
VR 360
(1) (2) (3)
0.5
8.0E--06
0.4
0.3
Rectangular wave
6.0E--06
4.0E--06
Sine wave
VR 180 360
0.2
(4)
Sine wave
0.1 180 0 0 0.2 0.4 0.6 0.8 360
360
2.0E--06
0.0E+00 0 2 4 6 8 10 12 14 16
1.0
1.2 IT11245
Average Output Current, IO -- A
Peak Reverse Voltage, VRM -- V
IT11246
No. A0451-2/3
SBE808
100
C -- VR
Surge Forward Current, IFSM(Peak) -- A
f=1MHz
12
IFSM -- t
Current waveform 50Hz sine wave
IS
Interterminal Capacitance, C -- pF
7
10
5
8
20ms t
3
6
4
2
2
10 0.1
0 2 3 5 7 1.0 2 3 5 7 10 2 7 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3
Reverse Voltage, VR -- V
IT07885
Time, t -- s
IT00626
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 2006. Specifications and information herein are subject to change without notice.
PS No. A0451-3/3


▲Up To Search▲   

 
Price & Availability of SBE808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X