Part Number Hot Search : 
MAPDCT PN8383 ADR440B UPC1031H C1124 TPS651 AM29L UA1458
Product Description
Full Text Search
 

To Download SAC30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAC SERIES
Low Capacitance Transient Voltage Suppressor Diodes
Voltage Range 5.0 to 50 Volts 500 Watts Peak Power 1.0 Watt Steady State
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 500W surge capability at 10 X 1000us waveform, duty cycle: 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: Typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 nS for bidirectional O High temperature soldering guaranteed: 260 C / 10 seconds / .375",(9.5mm) lead length / 5lbs.,(2.3kg) tension Idel for data line applications Maximum junction capacitance at o volts is 50 pF
DO-15
Mechanical Data
Case: JEDEC DO-15 molded plastic over a passicated junction Lead: Axial leads, solderable per MIL-STD750, Method 2026 Polarity: Color band denotes cathode except bipolar Weight: 0. 4 gram, 0.015 ounce
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms
O
Symbol PPK PD TJ, TSTG
Value Minimum 500 3.0 -55 to + 175
O
Units Watts Watts
O
(Note 1) Steady State Power Dissipation at TL=75 OC Lead Lengths .375", 9.5mm Operating and Storage Temperature Range
C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2.
- 638 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Breakdown Voltage Test Stand-Off Maximum VBR Current Voltage Reverse Leakage (Volts) (Note 1) @IT VWM at VWM Min SAC5.0 SAC6.0 SAC7.0 SAC8.0 SAC8.5 SAC10 SAC12 SAC15 SAC18 SAC22 SAC26 SAC30 SAC36 SAC45 SAC50 7.60 7.90 8.33 8.89 9.44 11.10 13.30 16.70 20.00 24.40 28.90 33.30 40.00 50.00 55.50 Max 9.21 9.51 10.2 10.9 11.5 13.6 16.3 20.4 24.4 29.8 35.3 40.7 48.9 61.1 68.3 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 (Volts) 5.0 6.0 7.0 8.0 8.5 10 12 15 18 22 26 30 36 45 50 ID (uA) 300 300 300 100 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Peak Pulse Current IPPM (Note 2)(Amps) 44 41 38 36 34 29 25 20 15 14 11.1 10.0 8.6 6.8 5.8 Maximum Clamping Voltage at IPPM VC(Volts) 10.00 11.2 12.6 13.4 14.0 16.3 19.0 23.6 28.8 35.4 42.3 48.6 60.0 77.0 88.0 Maximum Temperature Coefficient of VBR mV / C) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
O
Note: There are A suffix for types SAC 5.0 thru type SAC 50. "A" : + / - 5% tolerance.
Notes: 1.
Diode
Schematic
Low Capacitance TVS
Translent Voltage Suppressor
2. Device must be used with two units in parallel, opposite in polarity as shown in circuit for AC signal line protection
- 639 -
Characteristics and Application
SAC is a Transient Voltage Suppressor Diode in series with a compensation diode for low capacitance. Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of protection. Transient Voltage Suppressor provides excellent clamping capability. Since the low incremental surge resistance. For telecommumication : multi-protocol serial transceivers. Please refer as below: -) Cellular -) Universal series bus (USB) port production. -) Instrumentation. -) LAN / WAN equipment. -) Peripherals. -) High speed data lines. Tow devices are used in parallel and opposite polarity for protecting one bi-directional ines (FIG. 1), or with a steeling diode for protecting one unidirectional (FIG. 2). The low capacitance TVS series are used on high speeded interfaces such as video line, I C RS-485, RS-422 and USB, for ESD protection the lines which have signal, or data. Please refer as below: 1). Token Ring 2). I C 3). Video line 4). Set top box I/O 5). LAN / WAN equipment. 6). Security system 7). Automatic teller machine 8). HFC system 9). Networks
Low Capacitance TVS Low Capacitance TVS
2
2
FIG. 1
FIG. 2
Device must be used with two units in parallel, opposite in polarity as shown in circuit for AC signal line protection
- 640 -
RATINGS AND CHARACTERISTIC CURVES (SAC SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
100
FIG.2- PULSE DERATING CURVE
Average Power
10
Impulse Exponential Decay
Non-repetitive Pulse Waveform shown in Fig.3 TA=250C
PERCEMTAGE OF RATED POWER (%)
30
PPPM, PEAK PULSE POWER (KW)
75
Peak Power (single pulse)
50
PPK".5 tld
1
PPK td
Half Sine td=7tp
25
PPK
Square td Current Waveform
0.1 0.1 s
1.0 s
10 s
100 s
0 1.0ms 10ms
0
50
100
O
150
175
tp, PULSE WIDTH, (sec.)
TL, LEAD TEMPERATURE( C)
FIG.3- PULSE WAVEFORM
150
Tj=250C Pulse Width (td) is defined sa the point where the peak current decays to 50% of lPPM
IPPM-PEAK PULSE CURRENT, % IPSM
tr=10msec. Peak Value lPPM
100
HALF VALUE - IPP lPPM 2
50
10/1000msec. Waveform as defined by R.E.A.
td
0
0
1.0
2.0 t TIME (ms)
3.0
4.0
- 641 -


▲Up To Search▲   

 
Price & Availability of SAC30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X