Part Number Hot Search : 
16CTQ 3DG12 V5805 STV6400 VCT78 F7811W AM29F017 P100A
Product Description
Full Text Search
 

To Download S560-6611-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADSL Magnetics
Fujitsu
* Designed to comply with the requirements of GR1089, UL1950, EN60950, BABT and CSA950 to provide a supplementary insulation barrier with a working voltage of 250V UL File Number E150991 Minimum interwinding breakdown voltage of 1500 Vrms * * * * * *
TM01358
Operating and storage temperature range: -40 to +85 C Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning Reliability testing: shock, vibration, temperature cycling, temperature - humidity - bias
ELECTRICAL SPECIFICATIONS AT 25 C
Turns Ratio 2% Part Number Chip : Line Line Side Inductance1 H 10% Leakage Inductance3 H max DCR max Harmonic Distortion2 dB max 30 kHz +10 dBm on 100 load on Line Side 75
Line Side
Chip Side
Line Side
S560-6611-19
1:1
500
4
4.4
4.4
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected 1. Inductance measured at 10 kHz, 0.1 Vac load on line side 2. Measurements made with 100 source and 100 load impedance 3. Leakage inductance measured at 100 kHz, 0.1 Vac
SCHEMATIC
S560-6611-19
8
1
6 Chip 7
3 Line 2
5
4
(c)2001 Bel Fuse Inc. Specifications subject to change without notice. 08.01
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 1
ADSL Magnetics
TM01358
Fujitsu
0.380 [9.65] max
MECHANICAL
0.032 [0.80]
0.079 [2.0]
S560-6611-19
0.485 [12.32] max
0.374 0.532 [9.50] [13.50]
Suggested PCB Pad Layout
0.452 [11.48] max
0.024 [0.60]
0.079 [2.0]
0.404 [10.26] 0.520 [13.21] max
Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted.
Tape and Reel Packaging 32 mm wide by 16 mm pitch; 13 inch OD, 4 inch ID 300 components per reel, maximum Meets ANSI/EIA 481-2 Carrier Tape Standards
User Feed Direction Orientation of Component Inside Pocket
(c)2001 Bel Fuse Inc. Specifications subject to change without notice. 08.01
CORPORATE
Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
page 2


▲Up To Search▲   

 
Price & Availability of S560-6611-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X