Part Number Hot Search : 
SMC1602A 55C56 TDA8442 00000 2N6487 170M6497 BU2872AK IRF510
Product Description
Full Text Search
 

To Download Q67040-S4629 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPP06N60C3
CoolMOS
Features
TM
Power Transistor
Product Summary V DS @ T j,max R DS(on),max ID 650 0.75 6.2 V A
* New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * High peak current capability * Ultra low effective capacitances * Extreme dv /dt rated * Improved transconductance
PG-TO220
Type SPP06N60C3
Package PG-TO220
Ordering Code Q67040-S4629
Marking 06N60C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current1) Avalanche energy, single pulse Avalanche energy, repetitive t AR1),2) Avalanche current, repetitive t AR1) Drain source voltage slope Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V GS Power dissipation Operating and storage temperature Reverse diode dv/dt Rev. 1.4
8)
Value 6.2 3.9 18.6 200 0.5 6.2
Unit A
T C=25 C I D=3.1 A, V DD=50 V I D=6.2 A, V DD=50 V
mJ
A V/ns V
I D=6.2 A, V DS=480 V, T j=125 C static AC (f >1 Hz) T C=25 C
50 20 30 74 -55 ... 150 15
P tot T j, T stg dv/dt
W C V/ns 2005-09-21
page 1
SPP06N60C3
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC R thJA R thJA leaded SMD version, device on PCB, minimal footprint SMD version, device on PCB, 6 cm2 cooling area3) Soldering temperature4)
wavesoldering
Values typ. max.
Unit
-
-
1.7 62 62
K/W
Thermal resistance, junction ambient
-
35
-
T sold
1.6 mm (0.063 in.) from case for 10 s
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=6.2 A V DS=V GS, I D=0.26 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=3.9 A, T j=25 C V GS=10 V, I D=3.9 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=3.9 A 600 2.1 700 3 3.9 V
Zero gate voltage drain current
I DSS
-
0.1
1
A
-
0.68
100 100 0.75 nA
-
1.82 1 5.6
S
Rev. 1.4
page 2
2005-09-21
SPP06N60C3
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance C iss C oss C rss V GS=0 V, V DS=25 V, f =1 MHz V GS=0 V, V DS=0 V to 480 V V DD=480 V, V GS=10 V, I D=6.2 A, R G=12 47 7 12 52 10 ns 620 200 17 28 pF Values typ. max. Unit
Effective output capacitance, energy C o(er) related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage
1)
C o(tr) t d(on) tr t d(off) tf
Q gs Q gd Qg V plateau V DD=480 V, I D=6.2 A, V GS=0 to 10 V
-
3.3 12 24 5.5
31 -
nC
V
Pulse width limited by maximum temperature T j,max only Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f.
2) 3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
4) 5)
Soldering temperature for TO263: 220 C, reflow C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
6)
8)
ISD<=ID, di/dt<=400A/us, VDClink=400V, VpeakRev. 1.4
page 3
2005-09-21
SPP06N60C3
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current IS I S,pulse V SD t rr Q rr I rrm V R=480 V, I F=I S, di F/dt =100 A/s T C=25 C V GS=0 V, I F=6.2 A, T j=25 C 0.97 400 3.5 25 6.2 18.6 1.2 V ns C A A Values typ. max. Unit
Typical Transient Thermal Characteristics Symbol Value typ. R th1 R th2 R th3 R th4 R th5 0.0325 0.0448 0.251 0.31 0.301 K/W C th1 C th2 C th3 C th4 C th5 C th6 Unit Symbol Value typ. 0.0000502 0.000303 0.000428 0.00243 0.00526 1.097) Ws/K Unit
C th6 models the additional heat capacitance of the package in case of non-ideal cooling. It is not needed if R thCA=0 K/W.
7)
Rev. 1.4
page 4
2005-09-21
SPP06N60C3
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
80 102
limited by on-state resistance 1 s
60
10
1
10 s
100 s
P tot [W]
40
I D [A]
100
DC 1 ms 10 ms
20
10-1
0 0 40 80 120 160
10-2 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
101
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
20
20 V 7V
16
0.5
6.5 V
100
Z thJC [K/W]
12
0.2 0.1 0.05 0.02 0.01 single pulse
I D [A]
6V
8 10
-1
5.5 V
4
5V
4.5 V 4V
10-2 10-6 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 1.4
page 5
2005-09-21
SPP06N60C3
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
8
20 V 7V 6.5 V 6V 5.5 V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
4
4V 4.5 V 5V 5.5 V 6V
6
3
5V
R DS(on) []
I D [A]
20 V
4
2
4.5 V
2
4V
1
0 0 5 10 15 20
0 0 2 4 6 8 10
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=3.9 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
2
25
25 C
1.6
20
R DS(on) []
1.2
15
98 %
0.8
I D [A]
typ
10
150 C
0.4
5
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 1.4
page 6
2005-09-21
SPP06N60C3
9 Typ. gate charge V GS=f(Q gate); I D=6.2 A pulsed parameter: V DD
12
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
10
25 C 120 V 480 V 25 C, 98% 150 C, 98%
8
101
150 C
V GS [V]
6
I F [A]
100 10-1 0 10 20 30 0 0.5 1 1.5 2 2.5
4
2
0
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
8
12 Avalanche energy E AS=f(T j); I D=3.1 A; V DD=50 V
250
200 6
150 4
E AS [mJ]
125 C 25 C
-3 -2 -1 0 1 2 3
I AV [A]
100
2 50
0 10 10 10 10 10 10 10
0 20 60 100 140 180
t AR [s]
T j [C]
Rev. 1.4
page 7
2005-09-21
SPP06N60C3
13 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
104
660
103
Ciss
V BR(DSS) [V]
C [pF]
620
102
Coss
580
101
Crss
540 -60 -20 20 60 100 140 180
100 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
5
4
3
E oss [J]
2
1
0 0 100 200 300 400 500 600
V DS [V]
Rev. 1.4
page 8
2005-09-21
SPP06N60C3
Definition of diode switching characteristics
Rev. 1.4
page 9
2005-09-21
SPP06N60C3
PG-TO220-3-1, PG-TO220-3-21 : Outline
Rev. 1.4
page 10
2005-09-21
SPP06N60C3
Published by Infineon Technologies AG 81726 Munchen Germany (c) Infineon Technologies AG 2006 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.4
page 11
2005-09-21


▲Up To Search▲   

 
Price & Availability of Q67040-S4629

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X