Part Number Hot Search : 
93C06B1 3404A B41890 PE9908 15530 2SK3713 87C405AM TDA3504
Product Description
Full Text Search
 

To Download OE-F8HT17AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRYSTAL OSCILLATORS
Data Sheet 0635J
OE-X8HXXXXX Precision SC-cut OCXO in 36x27 mm "Europack"
Product Data Sheet Features
* * * * * * SC-cut crystal -9 High Stability (up to 5x10 ) Low Aging (5x10 /day, 5x10 /year) Low Phase Noise (-160 dBc/Hz, TYP, floor) Sine Wave or HCMOS/TTL output 4.8 MHz to 160 MHz Frequencies Available
-10 -8
0.50 (12,7 mm)
0.25 (6,35 mm)
Applications
* * * *
O0.030 (0,76 mm) TYP
Specifications: Systems Telecommunication
Data Communications GPS Instrumentation
0.70 (17,78 mm) 3
1.00 (25,40 mm)
4
2
1.07 (27,20 mm)
Vcc
1 5
1.42 (36,1 mm)
Vc
1
3 DUT 5 4 OUTPUT
Vref 2
10K
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL OSCILLATORS
OE-X8HXXXXX Series
Parameter Symb Absolute Maximum Ratings Vcc Input Break Down Voltage Ts Storage temper. Vc Control Voltage Electrical F Frequency Frequency stability F/F Aging Allan Variance SSB Phase Noise Condition Min -0.5 -40 -1 4.8 vs. Temp. vs. Supply per day per year .1s to 10s 1Hz 10 Hz 100 Hz 1 KHz 10 KHz After 30 minutes worst direction 4.75 3.15 11.4 10.000 10 1 5E-10 1E-7 1E-11 -90 -120 -150 -153 -160 Typ Max 13.0 85 9 160 2 Unit V C V MHz ppb ppb/V
Data Sheet 0635J
Note
1* See chart below after 30 days 5E-8 available2* All parameters for 10 MHz
dBc/Hz
3*
Retrace G-sensitivity Input Voltage
Vcc
steady state, 25C W Standard Operating steady state, -30C Temperature, for Op start-up @ -30C 3.2 Temp. 85 C ad 20% Subharmonics -45 dBc At Higher Frequencies Spectral Purity Spurious -80 Harmonics/Sine -35 -30 10KOhm//15pF (HCMOS/TTL), 50 Ohm (Sinewave) Load to 0.1ppm accuracy 3 5 minutes 3 min. at 12V Warm-up time 3.3V HCMOS/TTL compatible or Sinewave (+7 3) dBm -25dBm Harmonics at sine Output Waveform Vc 0 4.0 V Control voltage from nominal F 0.5 1 ppm Pull range Monotonic, posit 0.4 ppm/V Deviation slope Vc0 @25C, Fnom. 1.0 2.0 3.0 V Setability Environmental and Mechanical -30C to 70C Standard, Other options - see chart below Operating temp. range Per MIL-STD-202, 30G, 11ms Mechanical Shock Per MIL-STD-202, 5G to 2000 Hz Vibration 260C for 10s Max leads only Soldering Conditions Electrical Connections Pin #1-Vc ; Pin#2 - Vref; Pin #3 - Vcc; Pin #4- Output ; Pin #5- GND; Pin Out Power consumption
Notes: 1* Higher frequencies can be achieved either by using higher frequency crystals or by low noise analog harmonic multiplication. Both methods have advantages and drawbacks. If lowest possible phase noise on the noise floor is most important - high frequency crystal will be used. If phase noise close to the carrier and aging are more important - multiplication will be used. Please consult factory for your specific requirement. 2* Aging rate is usually proportional to the operating frequency, unless higher frequency is achieved by multiplication. Keep it in mind while specifying aging. 3* Phase noise deteriorates with frequencies going higher. If analog multiplication is used to achieve higher frequency the phase noise roughly follows the formula of additional 20LogN, where N is a multiplication factor across entire frequency offset range. If higher frequency is achieved by using higher frequency crystal phase noise close to the carrier deteriorates due to the lower Q of the crystal and is usually worse, compared to multiplied solution. On the noise floor, however it remains more or less the same. This design usually starts utilizing multiplication techniques in the range of 25 MHz to 35 MHz.
P
5.0 3.3 12.0 0.8 1.5 2.5 -50
10 1.0 5.25 3.45 12.6 1.2
ppb ppb/G V
See chart below to specify
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL OSCILLATORS
OE-X8HXXXXX Series
Data Sheet 0635J
Creating a Part Number OE - X 8H X XX X X Package Code OE 5 pin 36x27mm
Supply Voltage
Code 0 A F Specification 5V 5% 3.3V 5% 12V 5%
Aging
Code L S P Specification 1x10-9/Day 5x10-10/Day 2x10-10/Day
Temperature Range
Code A B C D E F Specification 0C to 50C -10C to 60C 0C to 70C -20C to 70C -30C to 70C -40C to 80C
Output
Code T S Specification TTL Sinewave
Temperature Stability
Code 17 58 28 18 59 YZ Specification 1x10-7 5x10-8 2x10-8 1x10-8 5x10-9 Yx10-Z
Not all combinations are available. Consult Factory.
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com


▲Up To Search▲   

 
Price & Availability of OE-F8HT17AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X