Part Number Hot Search : 
ELECTRO BD4148 BD4148 BD4148 BD4148 EUA2032 EV9800 269LN
Product Description
Full Text Search
 

To Download NE592 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE592 Video Amplifier
The NE592 is a monolithic, two-stage, differential output, wideband video amplifier. It offers fixed gains of 100 and 400 without external components and adjustable gains from 400 to 0 with one external resistor. The input stage has been designed so that with the addition of a few external reactive elements between the gain select terminals, the circuit can function as a high-pass, low-pass, or band-pass filter. This feature makes the circuit ideal for use as a video or pulse amplifier in communications, magnetic memories, display, video recorder systems, and floppy disk head amplifiers. Now available in an 8-pin version with fixed gain of 400 without external components and adjustable gain from 400 to 0 with one external resistor.
Features
http://onsemi.com MARKING DIAGRAMS
8 1 SOIC-8 D SUFFIX CASE 751 1 NE592 ALYW G
* * * * * * * * * * * *
120 MHz Unity Gain Bandwidth Adjustable Gains from 0 to 400 Adjustable Pass Band No Frequency Compensation Required Wave Shaping with Minimal External Components MIL-STD Processing Available Pb-Free Packages are Available
8 1 PDIP-8 N SUFFIX CASE 626 1 NE592N8 AWL YYWWG
Applications
Floppy Disk Head Amplifier Video Amplifier Pulse Amplifier in Communications Magnetic Memory Video Recorder Systems
+V R1 R2 R8 R10 R9 Q6 Q5 Q4 Q3 R11 OUTPUT 1
14 1 SOIC-14 D SUFFIX CASE 751A 1 NE592D14G AWLYWW
1
14 PDIP-14 N SUFFIX CASE 646 1 NE592N14 AWLYYWWG
INPUT 1 Q1 G1A R3 G2A Q2
INPUT 2 G1B R5 G2B R12 OUTPUT 2
A L, WL Y, YY W, WW G or G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
ORDERING INFORMATION
Q9 Q10 See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. Q11 R14 -V
Q7A
Q7B
Q8
R7A
R7B
R15
R16
R13
Figure 1. Block Diagram
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 4
1
Publication Order Number: NE592/D
NE592
PIN CONNECTIONS
D, N Packages
INPUT 2 NC G2B GAIN SELECT G1B GAIN SELECT VNC OUTPUT 2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 INPUT 1 NC G2A GAIN SELECT G1A GAIN SELECT V+ NC OUTPUT 1 INPUT 2 G1B GAIN SELECT 1 2 4
D, N Packages
8 7 6 5 INPUT 1 G1A GAIN SELECT V+ OUTPUT 1
V- 3 OUTPUT 2
(Top View)
(Top View)
MAXIMUM RATINGS (TA = +25C, unless otherwise noted.)
Rating Supply Voltage Differential Input Voltage Common-Mode Input Voltage Output Current Operating Ambient Temperature Range Operating Junction Temperature Storage Temperature Range Maximum Power Dissipation, TA = 25C (Still Air) (Note 1) D-14 Package D-8 Package N-14 Package N-8 Package D-14 Package D-8 Package N-14 Package N-8 Package Symbol VCC VIN VCM IOUT TA TJ TSTG PD MAX 0.98 0.79 1.44J1.17 RqJA 145 182 100 130 C/W Value "8.0 "5.0 "6.0 10 0 to +70 150 65 to +150 Unit V V V mA C C C W
Thermal Resistance, Junction-to-Ambient
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Derate above 25C at the following rates: D-14 package at 6.9 mW/C D-8 package at 5.5 mW/C N-14 package at 10 mW/C N-8 package at 7.7 mW/C.
http://onsemi.com
2
NE592
DC ELECTRICAL CHARACTERISTICS (VSS = "6.0 V, VCM = 0, typicals at TA = +25C, min and max at 0C v TA v 70C, unless otherwise noted. Recommended operating supply voltages VS = "6.0 V.)
Characteristic Differential Voltage Gain Gain 1 (Note 2) Gain 2 (Notes 3 and 4) Input Resistance Gain 1 (Note 2) Gain 2 (Notes 3 and 4) Input Capacitance Input Offset Current Input Bias Current Input Noise Voltage Input Voltage Range Common-Mode Rejection Ratio Gain 2 (Note 4) Test Conditions RL = 2.0 kW, VOUT = 3.0 VP-P Symbol AVOL Min 250 80 - 10 8.0 - - - - - - "1.0 60 50 - PSRR VOS 50 Typ 400 100 4.0 30 - 2.0 0.4 - 9.0 - 12 - 86 - 60 70 Max 600 120 - - - - 5.0 6.0 30 40 - - - - - - dB V Unit V/V
- TA = 25C 0C v TA v 70C Gain 2 (Note 4) TA = 25C 0C v TA v 70C TA = 25C 0C v TA v 70C BW 1.0 kHz to 10 MHz - VCM "1.0 V, f < 100 kHz, TA = 25C VCM "1.0 V, f < 100 kHz, 0C v TA v 70C VCM "1.0 V, f < 5.0 MHz DVS = "0.5 V
RIN
kW
CIN IOS IBIAS VNOISE VIN CMRR
pF mA mA mVRMS V dB
Supply Voltage Rejection Ratio Gain 2 (Note 4) Output Offset Voltage Gain 1 Gain 2 (Note 4) Gain 3 (Note 5) Gain 3 (Note 5) Output Common-Mode Voltage Output Voltage Swing Differential Output Resistance Power Supply Current
RL = R RL = R RL = R, TA = 25C RL = R, 0C v TA v 70C RL = R, TA = 25C RL = 2.0 kW, TA = 25C RL = 2.0 kW, 0C v TA v 70C - RL = R, TA = 25C RL = R, 0C v TA v 70C
- - - - 2.4 3.0 2.8 - - -
- - 0.35 - 2.9 4.0 - 20 18 -
1.5 1.5 0.75 1.0 3.4 - - - 24 27
VCM VOUT ROUT ICC
V V W mA
supply voltages VS = "6.0 V.) Characteristic Bandwidth Gain 1 (Note 2) Gain 2 (Notes 3 and 4) Rise Time Gain 1 (Note 2) Gain 2 (Notes 3 and 4) Propagation Delay Gain 1 (Note 2) Gain 2 (Notes 3 and 4) 2. 3. 4. 5.
AC ELECTRICAL CHARACTERISTICS (TA = +25C VSS = "6.0 V, VCM = 0, unless otherwise noted. Recommended operating
Test Conditions
-
Symbol BW
Min - - - - - -
Typ 40 90 10.5 4.5 7.5 6.0
Max - - 12 - 10 -
Unit MHz
VOUT = 1.0 VP-P
tR
ns
VOUT = 1.0 VP-P
tPD
ns
Gain select Pins G1A and G1B connected together. Gain select Pins G2A and G2B connected together. Applies to 14-pin version only. All gain select pins open.
http://onsemi.com
3
NE592
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON-MODE REJECTION RATIO - dB
100 OUTPUT VOLTAGE SWING - Vpp 90 80 70 60 50 40 30 20 10 0 10k 100k 1M 10M 100M GAIN 2 VS = +6V TA = 25oC
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 VS = +6V TA = 25oC RL = 1kW
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 1 5 10 50 100 500 1000 -0.4 -15 -10 -5 0 5 10 15 20 25 30 35 GAIN 2 GAIN 1 VS = +6V TA = 25oC RL = 1k
FREQUENCY - Hz
FREQUENCY - MHz
TIME - ns
Figure 2. Common-Mode Rejection Ratio as a Function of Frequency
Figure 3. Output Voltage Swing as a Function of Frequency
Figure 4. Pulse Response
28 TA = 25oC SUPPLY CURRENT - mA 24 OUTPUT VOLTAGE - V
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 GAIN 2 TA = 25oC RL = 1kW
1.6 1.4 OUTPUT VOLTAGE - V VS = +8V VS = +6V VS = +3V 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 0 5 10 15 20 25 30 35 TIME - ns -15 -10 -5 0 5 10 15 20 25 30 35 Tamb = 0oC TA = 25oC TA = 70oC GAIN 2 VS = +6V RL = 1kW
20
16
12
8 3 4 5 6 7 8 SUPPLY VOLTAGE - +V
-0.4 -15 -10 -5
TIME - ns
Figure 5. Supply Current as a Function of Temperature
Figure 6. Pulse Response as a Function of Supply Voltage
Figure 7. Pulse Response as a Function of Temperature
SINGLE ENDED VOLTAGE GAIN - dB
1.10 1.08 RELATIVE VOLTAGE GAIN 1.06 1.04 1.02 1.00 0.98 0.96 0.94 0.92 0.90 0 10 20 30 40 50 60 70 GAIN 1 GAIN 2 VS = +6V
60 50 40 30 20 10 0 -10 1 5 10 TA = -55oC TA = 25oC TA = 125oC
1.4 GAIN 2 VS = +6V RL = 1kW 1.3 RELATIVE VOLTAGE GAIN 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 50 100 500 1000 3 4 5 6 7 8 FREQUENCY - MHz SUPPLY VOLTAGE - +V GAIN 1 GAIN 2 Tamb = 25oC
TEMPERATURE - oC
Figure 8. Voltage Gain as a Function of Temperature
Figure 9. Gain vs. Frequency as a Function of Temperature
Figure 10. Voltage Gain as a Function of Supply Voltage
http://onsemi.com
4
NE592
TYPICAL PERFORMANCE CHARACTERISTICS
60 50 40 30 20 10 0 -10 VS = +6V VS = +3V 1 5 10 50 100 500 1000 VS = +8V 51W 51W RADJ 1kW 1kW GAIN 2 TA = 25oC RL = 1kW 0.2mF 14 1 12 11 4 8 7 0.2mF DIFFERENTIAL VOLTAGE GAIN - V/V 1000 VS = +6V f = 100kHz TA = 25oC FIGURE 2
SINGLE ENDED VOLTAGE GAIN - dB
100
592 3
10
1
.1
VS = +6V TA = 25oC
.01 1 10 100 1K 10K 100K 1M RADJ - W
FREQUENCY - MHz
Figure 11. Gain vs. Frequency as a Function of Supply Voltage
Figure 12. Voltage Gain Adjust Circuit
Figure 13. Voltage Gain as a Function of RADJ (Figure 2)
OVERDRIVE RECOVERY TIME - ns
21 20 19 18 17 16 15 14 -60 VS = +6V
70 60 50 40 30 20 10 0 -20 20 60 100 140 0 20 40 60 80 100 120 140 160 180 200 DIFFERENTIAL INPUT VOLTAGE - mV TEMPERATURE - oC OUTPUT VOLTAGE SWING - V OR OUTPUT SINK CURRENT - mA VS = +6V TA = 25oC GAIN 2
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 3.0 4.0 5.0 6.0 7.0 SUPPLY VOLTAGE - +V 8.0 VOLTAGE CURRENT TA = 25oC
SUPPLY CURRENT - mA
Figure 14. Supply Current as a Function of Temperature
Figure 15. Differential Overdrive Recovery Time
Figure 16. Output Voltage and Current Swing as a Function of Supply Voltage
7.0 OUTPUT VOLTAGE SWING - Vpp 6.0 5.0 4.0 3.0 2.0 1.0 0 10 50 100 500 1K LOAD RESISTANCE - W 5K 10K VS = +6V TA = 25oC
70 INPUT RESISTANCE - K 60 50 40 30 20 10 0 -60
INPUT NOISE VOLTAGE - Vrms
GAIN 2 VS = +6V
100 90 80 70 60 50 40 30 20 10 0 1 10 100 1K SOURCE RESISTANCE - W 10K GAIN 2 VS = +6V TA = 25oC BW = 10MHz
-20 0 20 60 100 TEMPERATURE - oC
140
Figure 17. Output Voltage Swing as a Function of Load Resistance
Figure 18. Input Resistance as a Function of Temperature
Figure 19. Input Noise Voltage as a Function of Source Resistance
http://onsemi.com
5
NE592
TYPICAL PERFORMANCE CHARACTERISTICS
0 GAIN 2 VS = +6V TA = 25oC 0 -50 -100 -150 -200 -250 -300 -350 0 1 2 3 4 5 6 7 8 9 10 1 10 100 FREQUENCY - MHz 1000 GAIN 1 GAIN 2 VS = +6V TA = 25oC
PHASE SHIFT - DEGREES
-10
-15
-20 -25 FREQUENCY - MHz
Figure 20. Phase Shift as a Function of Frequency
PHASE SHIFT - DEGREES
-5
Figure 21. Phase Shift as a Function of Frequency
60 50 VOLTAGE GAIN - dB 40 30 20 10 0 GAIN 1 GAIN 2
VOLTAGE GAIN - dB
VS = +6V Tamb = 25oC RL = 1KW
40 30 20 10 0 -10 -20 -30 -40 -50 .01
VS = +6V TA = 25oC GAIN 3
1
10
100
1000
.1
FREQUENCY - MHz
1 10 100 FREQUENCY - MHz
1000
Figure 22. Voltage Gain as a Function of Frequency
Figure 23. Voltage Gain as a Function of Frequency
TEST CIRCUITS (TA = 25C, unless otherwise noted.)
VIN
592
RL
VOUT
51W
51W
0.2mF
ein
592 0.2mF
eout eout
51W 51W 1kW 1kW
Figure 24. Test Circuits
http://onsemi.com
6
NE592
2re 11 +6
14 V1 [ 1.4 @ 10 4 Z(S) ) 2re 1.4 @ 104 Z(S) ) 32
10 V0 5 7
NOTE: V 0(s) v 1(s)
1
592
4 Z -6 Basic Configuration +5 +6 10 1 10 8 7 2 9 4 8 529
[
+6 0.2mF
14
V1 Q
11 10 8
592 2KW V0
14
11
7
1 4 5
7 0.2mF
592 1 4 5
5
C
Q 2KW
AMPLITUDE: 1-10 mV p-p FREQUENCY: 1-4 MHz -6
3 6
-6
NOTE: For frequency F1 << 1/2 (32) C V ] 1.4 x 10 4C dVi dT
READ HEAD
DIFFERENTIATOR/AMPLIFIER
ZERO CROSSING DETECTOR
O
Disc/Tape Phase-Modulated Readback Systems
Differentiation with High Common-Mode Noise Rejection
Figure 25. Typical Applications
Z NETWORK
FILTER TYPE
V0 (s) TRANSFER V1 (s) FUNCTION 1.4 10 4 1 s)R L
R
L LOW PASS
L
R
C HIGH PASS
1.4
R
10 4
s s ) 1 RC
R
L
C BAND PASS
1.4
L
10 4
s s 2 ) R Ls ) 1 LC
L R C 1.4 10 4 s 2 ) 1 LC s 2 ) 1 LC ) s RC
BAND REJECT
R
NOTES: In the networks above, the R value used is assumed to include 2re, or approximately 32W. S = jW W = 2f
Figure 26. Filter Networks
http://onsemi.com
7
NE592
ORDERING INFORMATION
Device NE592D8 NE592D8G NE592D8R2 NE592D8R2G NE592N8 NE592N8G NE592D14 NE592D14G NE592D14R2 NE592D14R2G NE592N14 NE592N14G 0 to +70C Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) PDIP-14 PDIP-14 (Pb-Free) 25 Units/Rail 2500 / Tape & Reel 55 Units/Rail 50 Units/Rail 2500 / Tape & Reel 98 Units/Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
http://onsemi.com
8
NE592
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AH
-X-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
NE592
PACKAGE DIMENSIONS
PDIP-8 N SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A-
L
C -T-
SEATING PLANE
J N D K
M
M TA
M
H
G 0.13 (0.005) B
M
http://onsemi.com
10
NE592
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
11
NE592
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
12
NE592/D


▲Up To Search▲   

 
Price & Availability of NE592

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X