Part Number Hot Search : 
V640EBTI BFP520 GBU808 SM8707E 1M41VPA GBU808 24MC92M 1M41VPA
Product Description
Full Text Search
 

To Download NCV4276DT50RK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCV4276 Low-Drop Voltage Regulator
This industry standard linear regulator has the capability to drive loads up to 400 mA at 5.0, 3.3, 2.5 and 1.8 V. Package options include DPAK and D2PAK. This device is pin-for-pin compatible with the Infineon part number TLE4276.
Features http://onsemi.com MARKING DIAGRAMS
DPAK 5-PIN DT SUFFIX CASE 175AA 4276 ALYWW x
* * * * *
*
5.0, 3.3, 2.5 and 1.8 V; 4%; Output Voltage at 400 mA 500 mV (max) Dropout Voltage Inhibit Input Very Low Current Consumption Fault Protection +45 V Peak Transient Voltage -42 V Reverse Voltage Short Circuit Thermal Overload NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes
1 5
1
1 5
D2PAK 5-PIN DS SUFFIX CASE 936A
NCV4276 AWLYYWW
I Error Amplifier - + Current Limit and Saturation Sense
Q
Pin 1. I 1 2. INH Tab, 3. GND* 4. NC 5. Q * Tab is connected to Pin 3 on all packages.
Bandgap Reference Thermal Shutdown
A WL, L YY, Y WW
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the ordering information section on page 9 of this data sheet.
INH GND
NC
Figure 1. Block Diagram
(c) Semiconductor Components Industries, LLC, 2004
1
August, 2004 - Rev. 7
Publication Order Number: NCV4276/D
NCV4276
PIN FUNCTION DESCRIPTION
Pin No. 1 2 3 4 5 Symbol I Input; Battery Supply Input Voltage. Inhibit; Set low-to inhibit. Description
NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN N NNNNNNNNNNNNNNNNNNNNNNNN NNNNNNNNNNNNNNNNNNNNNNNN N N NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN NNNNNNNNNN NNNNNNNNNNNNNNNNNNNNNNNN N NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN N NNNNNNNNNN NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN NNNNNNNNNN NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN N NNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNNN N
INH GND NC Q Ground; Pin 3 internally connected to heatsink. Not Connected for fixed voltage versions. Output; 4.0%, 400 mA output. Use 22 mF, ESR < 2.0 W at 10 kHz to ground. See Figure 3.
MAXIMUM RATINGS
Input [I (DC)]
Rating
Min
Max 45 - 45 40 100 40 - - 150 150
Unit V V V V mA V kV V C C C C
-42 - -42 -1.0 - Q + 0.5 4.0 200 -40 -50 Reflow (SMD styles only) Note 1 Wave Solder (through hole styles only) Note 2 - -
Input [I (Peak Transient Voltage)] Inhibit INH Output (Q) Ground (GND) Operating Range (I) ESD Susceptibility (Human Body Model) (Machine Model) Junction Temperature Storage Temperature Lead Temperature Soldering
240 Peak (Note 3) 260 Peak
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Parameter DPAK 5-PIN PACKAGE Min Pad Board (Note 4) Junction-to-T (psi-JLx, yJLx) ab Junction-to-Ambient (RqJA, qJA) D2PAK 5-PIN PACKAGE 0.4 sq. in. Spreader Board (Note 6) Junction-to-T (psi-JLx, yJLx) ab Junction-to-Ambient (RqJA, qJA) 3.8 74.8 1.2 sq. in. Spreader Board (Note 7) 4.0 41.6 C/W C/W 4.2 100.9 1 Pad Board (Note 5) 4.7 46.8 C/W C/W Test Conditions (Typical Value) Unit
1. 10 seconds max. 2. 60 seconds max above 183C. 3. -5C/+0C allowable conditions. 4. 1 oz. copper, 0.26 inch2 (168 mm2) copper area, 0.62 thick FR4. 5. 1 oz. copper, 1.14 inch2 (736 mm2) copper area, 0.62 thick FR4. 6. 1 oz. copper, 0.373 inch2 (241 mm2) copper area, 0.62 thick FR4. 7. 1 oz. copper, 1.222 inch2 (788 mm2) copper area, 0.62 thick FR4. During the voltage range which exceeds the maximum tested voltage of I, operation is assured, but not specified. Wider limits may apply. Thermal dissipation must be observed closely.
http://onsemi.com
2
NCV4276
ELECTRICAL CHARACTERISTICS (VI = 13.5 V; -40C < TJ < 150C; unless otherwise noted)
Characteristic Output Output Voltage, 5.0 V Version Output Voltage, 5.0 V Version Output Voltage, 3.3 V Version Output Voltage, 3.3 V Version Output Voltage, 2.5 V Version Output Voltage, 2.5 V Version Output Voltage, 1.8 V Version Output Voltage, 1.8 V Version Output Current Limitation Output Current Limitation (Sleep Mode) Iq = II - IQ Quiescent Current, Iq = II - IQ Quiescent Current, Iq = II - IQ Quiescent Current, Iq = II - IQ Dropout Voltage, 5.0 V Version 3.3 V Version 2.5 V Version 1.8 V Version Load Regulation Line Regulation Power Supply Ripple Rejection Temperature Output Voltage Drift Inhibit Inhibit On Voltage Inhibit Off Voltage Input Current VQ w 4.8 V VQ v 0.1 V VINH = 5.0 V II Input CI1 100 mF CI2 100 nF INH IINH 2 - 0.5 5.0 2.8 1.7 10 3.5 - 20 Output V V mA 5.0 mA < IQ < 400 mA, 6.0 V < VI < 28 V 5.0 mA < IQ < 200 mA, 6.0 V < VI < 40 V 5.0 mA < IQ < 400 mA, 6.0 V < VI < 28 V 5.0 mA < IQ < 200 mA, 6.0 V < VI < 40 V 5.0 mA < IQ < 400 mA, 6.0 V < VI < 28 V 5.0 mA < IQ < 200 mA, 6.0 V < VI < 40 V 5.0 mA < IQ < 400 mA, 6.0 V < VI < 28 V 5.0 mA < IQ < 200 mA, 6.0 V < VI < 40 V - INH = 0 V, TJ < 100C IQ = 1.0 mA IQ = 250 mA IQ = 400 mA IQ = 250 mA, Vdr = VI - VQ 4.8 4.8 3.168 3.168 2.4 2.4 1.728 1.728 400 - - - - - - - - -35 -25 - - 5.0 5.0 3.300 3.300 2.5 2.5 1.800 1.800 630 0.5 130 10 20 250 - - - 10 2.5 60 0.5 5.2 5.2 3.432 3.432 2.6 2.6 1.872 1.872 1100 10 220 15 35 500 1.2 2.0 2.7 35 25 - - V V V V V V V V mA mA mA mA mA mV V V V mV mV dB mV/K Test Conditions Min Typ Max Unit
IQ = 5.0 mA to 400 mA V = 12 V to 32 V, IQ = 5.0 mA fr = 100 Hz, Vr = 0.5 Vpp -
I1
5Q CQ NCV4276 3 GND 4 NC
IQ
RL
Figure 2. Measuring Circuit
http://onsemi.com
3
NCV4276
TYPICAL PERFORMANCE CHARACTERISTICS
1000 Unstable ESR Region for CVout = 1 mF - 22 mF
100
ESR (W)
10
1 Maximum ESR for CVout = 1 mF - 22 mF Stable ESR Region 0.01 0 50 100 150 200 250 300 350 400 450 OUTPUT CURRENT (mA)
0.1
Figure 3. Output Stability with Output Capacitor ESR
Circuit Description The error amplifier compares a temperature-stable reference voltage to a voltage that is proportional to the output voltage (Q) (generated from a resistor divider) and drives the base of a series transistor via a buffer. Saturation control as a function of the load current prevents any oversaturation of the output power device preventing excessive substrate current (quiescent current). Calculating Power Dissipation in a Single Output Linear Regulator The maximum power dissipation for a single output regulator (Figure 4) is:
PD(max) + [VI(max) * VQ(min)] IQ(max) ) VI(max)Iq
(1)
II VI SMART REGULATOR(R)
IQ VQ
} Control Features
Iq
Figure 4. Single Output Regulator with Key Performance Parameters Labeled
where VI(max) VQ(min) IQ(max) Iq
is the maximum input voltage, is the minimum output voltage, is the maximum output current for the application, is the quiescent current the regulator consumes at IQ(max).
Heat Sinks A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC and into the surrounding air. Each material in the heat flow path between the IC and the outside environment will have a thermal resistance. Like series electrical resistances, these resistances are summed to determine the value of RqJA:
RqJA + RqJC ) RqCS ) RqSA
(3)
where RqJC is the junction-to-case thermal resistance, RqCS is the case-to-heatsink thermal resistance, RqSA is the heatsink-to-ambient thermal resistance. RqJC appears in the package section of the data sheet. Like RqJA, it too is a function of package type. RqCS and RqSA are functions of the package type, heatsink and the interface between them. These values appear in data sheets of heat sink manufacturers. Thermal, mounting, and heatsinking considerations are discussed in the ON Semiconductor application note AN1040/D.
Once the value of PD(max) is known, the maximum permissible value of RqJA can be calculated:
T RqJA + 150C * A PD
(2)
The value of RqJA can then be compared with those in the package section of the data sheet. Those packages with RqJA less than the calculated value in Equation 2 will keep the die temperature below 150C. In some cases, none of the packages will be sufficient to dissipate the heat generated by the IC, and an external heatsink will be required.
http://onsemi.com
4
NCV4276
Table 1. DPAK 5-Lead Thermal RC Network Models
Drain Copper Area (1 oz thick) (SPICE Deck Format) 168 C_C1 C_C2 C_C3 C_C4 C_C5 C_C6 C_C7 C_C8 C_C9 C_C10 Junction node1 node2 node3 node4 node5 node6 node7 node8 node9 Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd 168 mm2 mm2 736 mm2 mm2 168 mm2 736 mm2 Cauer Network 736 Units W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C R's C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W 0.0123 0.0585 0.0304 0.3997 3.115 3.571 12.851 35.471 46.741 R's 0.0123 0.0585 0.0287 0.3772 2.68 1.38 5.92 7.39 28.94 C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W Tau 1.36E-08 7.41E-07 1.04E-05 3.91E-05 1.80E-03 3.77E-01 3.79E+00 2.65E+01 8.71E+01 Foster Network Tau 1.361E-08 7.411E-07 1.029E-05 3.737E-05 1.376E-03 2.851E-02 9.475E-01 1.173E+01 8.59E+01 Units sec sec sec sec sec sec sec sec sec sec
1.00E-06 1.00E-05 6.00E-05 1.00E-04 4.36E-04 6.77E-02 1.51E-01 4.80E-01 3.740 10.322 168 mm2
1.00E-06 1.00E-05 6.00E-05 1.00E-04 3.64E-04 1.92E-02 1.27E-01 1.018 2.955 0.438 736 mm2
R_R1 R_R2 R_R3 R_R4 R_R5 R_R6 R_R7 R_R8 R_R9 R_R10 NOTE:
Junction node1 node2 node3 node4 node5 node6 node7 node8 node9
node1 node2 node3 node4 node5 node6 node7 node8 node9 Gnd
0.015 0.08 0.4 0.2 2.97519 8.2971 25.9805 46.5192 17.7808 0.1
0.015 0.08 0.4 0.2 2.6171 1.6778 7.4246 14.9320 19.2560 0.1758
Bold face items represent the package without the external thermal system.
http://onsemi.com
5
NCV4276
Table 2. D2PAK 5-Lead Thermal RC Network Models
Drain Copper Area (1 oz thick) (SPICE Deck Format) 241 C_C1 C_C2 C_C3 C_C4 C_C5 C_C6 C_C7 C_C8 C_C9 C_C10 Junction node1 node2 node3 node4 node5 node6 node7 node8 node9 Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd 241 mm2 mm2 788 mm2 mm2 241 mm2 788 mm2 Cauer Network 653 Units W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C R's C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W 0.0123 0.0585 0.0257 0.3413 1.77 1.54 4.13 6.27 60.80 R's 0.0123 0.0585 0.0260 0.3438 1.81 1.52 3.46 5.03 29.30 C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W Tau 1.361E-08 7.411E-07 1.005E-05 3.460E-05 7.868E-04 7.431E-03 2.786E+00 2.014E+01 1.134E+02 Foster Network Tau 1.361E-08 7.411E-07 1.007E-05 3.480E-05 8.107E-04 7.830E-03 2.012E+00 2.601E+01 1.218E+02 Units sec sec sec sec sec sec sec sec sec sec
1.00E-06 1.00E-05 6.00E-05 1.00E-04 2.82E-04 5.58E-03 4.25E-01 9.22E-01 1.73 7.12 241 mm2
1.00E-06 1.00E-05 6.00E-05 1.00E-04 2.87E-04 5.95E-03 4.61E-01 2.05 4.88 1.31 653 mm2
R_R1 R_R2 R_R3 R_R4 R_R5 R_R6 R_R7 R_R8 R_R9 R_R10 NOTE:
Junction node1 node2 node3 node4 node5 node6 node7 node8 node9
node1 node2 node3 node4 node5 node6 node7 node8 node9 gnd
0.015 0.08 0.4 0.2 1.85638 1.23672 9.81541 33.1868 27.0263 1.13944
0.0150 0.0800 0.4000 0.2000 1.8839 1.2272 5.3383 18.9591 13.3369 0.1191
Bold face items represent the package without the external thermal system.
The Cauer networks generally have physical significance and may be divided between nodes to separate thermal behavior due to one portion of the network from another. The Foster networks, though when sorted by time constant (as above) bear a rough correlation with the Cauer networks, are really only convenient mathematical models. Cauer networks can be easily implemented using circuit simulating tools, whereas Foster networks may be more easily implemented using mathematical tools (for instance, in a spreadsheet program), according to the following formula:
R(t) +
S Ri 1-e-t taui i+1
n
http://onsemi.com
6
NCV4276
110 100 90 qJA (C/W) qJA (C/W) 80 70 60 50 40 30 150 200 250 300 350 400 450 500 550 600 650 700 750 COPPER AREA (mm2) 2 oz 1 oz 110 100 90 80 70 60 50 40 30 150 200 250 300 350 400 450 500 550 600 650 700 750 COPPER AREA (mm2) 2 oz 1 oz
Figure 5. qJA vs. Copper Spreader Area, DPAK 5-Lead
Figure 6. qJA vs. Copper Spreader Area, D2PAK 5-Lead
100 Cu Area 167 mm2 10 R(t) C/W Cu Area 736 mm2
1.0 sqrt(t) 0.1
0.01 0.0000001
0.000001
0.00001
0.0001
0.001
0.01 TIME (sec)
0.1
1.0
10
100
1000
Figure 7. Single-Pulse Heating Curves, DPAK 5-Lead
100 Cu Area 167 mm2 10 R(t) C/W Cu Area 736 mm2
1.0
0.1
0.01 0.0000001
0.000001
0.00001
0.0001
0.001
0.01 TIME (sec)
0.1
1.0
10
100
1000
Figure 8. Single-Pulse Heating Curves, D2PAK 5-Lead
http://onsemi.com
7
NCV4276
100 50% Duty Cycle 20% RqJA 736 mm2 C/W 10 10% 5% 2% 1%
1.0
0.1 Non-normalized Response 0.01 0.0000001 0.000001 0.00001 0.0001 0.001 0.01 0.1 1.0 10 100 1000
PULSE WIDTH (sec)
Figure 9. Duty Cycle for 1" Spreader Boards, DPAK 5-Lead
100 50% Duty Cycle RqJA 788 mm2 C/W 10 20% 10% 5% 1.0 2% 1%
0.1 Non-normalized Response 0.01 0.0000001 0.000001 0.00001 0.0001 0.001 0.01 0.1 1.0 10 100 1000
PULSE WIDTH (sec)
Figure 10. Duty Cycle for 1" Spreader Boards, D2PAK 5-Lead
Junction
R1
R2
R3
Rn
C1
C2
C3
Cn Ambient (thermal ground)
Time constants are not simple RC products. Amplitudes of mathematical solution are not the resistance values.
Figure 11. Grounded Capacitor Thermal Network ("Cauer" Ladder)
R1 R2 R3 Rn
Junction
C1
C2
C3
Cn
Each rung is exactly characterized by its RC-product time constant; amplitudes are the resistances.
Ambient (thermal ground)
Figure 12. Non-Grounded Capacitor Thermal Ladder ("Foster" Ladder)
http://onsemi.com
8
NCV4276
ORDERING INFORMATION
Device NCV4276DT50RK NCV4276DS50 NCV4276DS50R4 NCV4276DT33RK NCV4276DS33 NCV4276DS33R4 NCV4276DT25RK NCV4276DS25 NCV4276DS25R4 NCV4276DT18RK NCV4276DS18 NCV4276DS18R4 1.8 V 2.5 V 3.3 V 5.0 V Output Voltage Package DPAK, 5-Pin D2PAK 5 Pin PAK, 5-Pin DPAK, 5-Pin D2PAK 5 Pin PAK, 5-Pin DPAK, 5-Pin D2PAK 5 Pin PAK, 5-Pin DPAK, 5-Pin D2PAK 5 Pin PAK, 5-Pin Shipping 2500 Tape & Reel 50 Units / Rail 800 Tape & Reel 2500 Tape & Reel 50 Units / Rail 800 Tape & Reel 2500 Tape & Reel 50 Units / Rail 800 Tape & Reel 2500 Tape & Reel 50 Units / Rail 800 Tape & Reel
http://onsemi.com
9
NCV4276
PACKAGE DIMENSIONS
DPAK 5 CENTER LEAD CROP DT SUFFIX CASE 175AA-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.020 0.028 0.018 0.023 0.024 0.032 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.045 BSC 0.170 0.190 0.185 0.210 0.025 0.040 0.020 --- 0.035 0.050 0.155 0.170 MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.51 0.71 0.46 0.58 0.61 0.81 4.56 BSC 0.87 1.01 0.46 0.58 2.60 2.89 1.14 BSC 4.32 4.83 4.70 5.33 0.63 1.01 0.51 --- 0.89 1.27 3.93 4.32
-T- B V R C E
SEATING PLANE
R1
S
A
1234 5
Z U
K F L D G
5 PL
J H 0.13 (0.005)
M
DIM A B C D E F G H J K L R R1 S U V Z
T
http://onsemi.com
10
NCV4276
PACKAGE DIMENSIONS
D2PAK 5 LEAD DS SUFFIX CASE 936A-02 ISSUE B
-T- A K B
12345 OPTIONAL CHAMFER
TERMINAL 6
E
U V
S H M L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. TAB CONTOUR OPTIONAL WITHIN DIMENSIONS A AND K. 4. DIMENSIONS U AND V ESTABLISH A MINIMUM MOUNTING SURFACE FOR TERMINAL 6. 5. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH OR GATE PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO EXCEED 0.025 (0.635) MAXIMUM. DIM A B C D E G H K L M N P R S U V INCHES MIN MAX 0.386 0.403 0.356 0.368 0.170 0.180 0.026 0.036 0.045 0.055 0.067 BSC 0.539 0.579 0.050 REF 0.000 0.010 0.088 0.102 0.018 0.026 0.058 0.078 5 _ REF 0.116 REF 0.200 MIN 0.250 MIN MILLIMETERS MIN MAX 9.804 10.236 9.042 9.347 4.318 4.572 0.660 0.914 1.143 1.397 1.702 BSC 13.691 14.707 1.270 REF 0.000 0.254 2.235 2.591 0.457 0.660 1.473 1.981 5 _ REF 2.946 REF 5.080 MIN 6.350 MIN
D 0.010 (0.254)
M
T
N G R
P
C
http://onsemi.com
11
NCV4276
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
12
NCV4276/D


▲Up To Search▲   

 
Price & Availability of NCV4276DT50RK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X