Part Number Hot Search : 
C128401 LTC37 AD9012 MB16F 015015 TLE3101 MPXQS33K STM7710
Product Description
Full Text Search
 

To Download MT3S06T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MT6L57AE
NPN
MT6L57AE
VHF~UHF /*
* * (6 ) ES6 2 : mm
Q1: SSM (TESM) 3 (SSM/TESM) MT3S06S (MT3S06T) Q2: SSM (TESM) MT3S04AS (MT3S04AT)
(Ta = 25C)
VCBO VCEO VEBO IC IB PC ( 1) Tj Tstg Q1 10 5 1.5 15 7 100 125 -55~125 Q2 10 5 2 40 10 V V V mA mA mW C C

JEDEC JEITA
2-2N1C
: 0.003 g ()
1:
Q1Q2
1
2003-03-28
MT6L57AE
Q1 (Ta = 25C)
ICBO IEBO hFE fT iS21ei2 (1) iS21ei2 (2) NF (1) NF (2) Cre VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 1 V, IC = 5 mA VCE = 3 V, IC = 5 mA VCE = 1 V, IC = 5 mA, f = 2 GHz VCE = 3 V, IC = 7 mA, f = 2 GHz VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 3 mA, f = 2 GHz VCB = 1 V, IE = 0, f = 1 MHz ( 2) 3/4 3/4 70 7 3/4 4.5 3/4 3/4 3/4 3/4 3/4 3/4 10 7.5 8 1.7 1.6 0.35 0.1 1 140 3/4 3/4 3/4 3 3 0.75 GHz dB mA mA





dB pF
2:
Cre 3
Q2 (Ta = 25C)
ICBO IEBO hFE fT (1) fT (2) iS21ei2 (1) iS21ei (2) NF (1) NF (2) Cre
2
VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 1 V, IC = 5 mA VCE = 1 V, IC = 5 mA VCE = 3 V, IC = 7 mA VCE = 1 V, IC = 5 mA, f = 1 GHz VCE = 3 V, IC = 20 mA, f = 1 GHz VCE = 1 V, IC = 5 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 1 V, IE = 0, f = 1 MHz ( 2)
3/4 3/4 80 2 5 3/4 7.5 3/4 3/4 3/4
3/4 3/4 3/4 4.5 7 8.5 11 1.3 1.2 0.9
0.1 1 160 3/4 3/4 3/4 3/4 2.2 2 1.25
mA mA
GHz

dB




dB pF
2:
Cre 3

2
2003-03-28


▲Up To Search▲   

 
Price & Availability of MT3S06T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X