Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download MPVZ12GC7U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MPVZ12 Rev 2, 01/2007
10 kPa Uncompensated Silicon Pressure Sensors
The MPVZ12 series is a silicon piezoresistive pressure sensor providing a very accurate and linear voltage output -- directly proportional to the applied pressure. This standard, low cost, uncompensated sensor permits manufacturers to design and add their own external temperature compensating and signal conditioning networks. Compensation techniques are simplified because of the predictability of Freescale's single element strain gauge design. Features * * * * * * * Low Cost Patented Silicon Shear Stress Strain Gauge Design Ratiometric to Supply Voltage Easy to Use Chip Carrier Package Options Differential and Gauge Options Durable Epoxy Package Increased media compatibility fluorocarbon gel
MPVZ12 SERIES
UNCOMPENSATED PRESSURE SENSOR 0 TO 10 kPA (0-1.45 psi) 55 mV FULL SCALE SPAN (TYPICAL) SMALL OUTLINE PACKAGE
MPVZ12GC6U CASE 482A-01
Application Examples * Air Movement Control * Environmental Control Systems * Level Indicators * Leak Detection * Medical Instrumentation * Industrial Controls * Pneumatic Control Systems * Robotics
MPVZ12GC7U CASE 482C-03
ORDERING INFORMATION(1)
Device Type Ported Options Gauge Case No. 482A 482C 1735 1560 Order Number MPVZ12GC6U MPVZ12GC7U MPVZ12GW6U MPVZ12GW7U Device Marking MPVZ12G MPVZ12G MZ12GW MZ12GW MPVZ12GW7U CASE 1560-02 MPVZ12GW6U CASE 1735-01
1. MPVZ12 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure connections.
PIN NUMBERS
1 2 3 4 GND +Vout Vs -Vout 5 6 7 8 N/C N/C N/C N/C
NOTE: Pin 1 is noted by the notch in the lead.
(c) Freescale Semiconductor, Inc., 2007. All rights reserved.
3
+VS 2 Sensing Element 4 +VOUT
-VOUT
1 GND
Figure 1. Uncompensated Pressure Sensor Schematic
VOLTAGE OUTPUT VERSUS APPLIED DIFFERENTIAL PRESSURE
The output voltage of the differential or gauge sensor increases with increasing pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly, output Table 1. Maximum Ratings(1)
Rating Maximum Pressure (P1 > P2) Burst Pressure (P1 > P2) Storage Temperature Operating Temperature Symbol PMAX PBURST TSTG TA Value 75 100 -40 to +125 -40 to +125 Unit kPa kPa C C
voltage increases as increasing vacuum is applied to the vacuum side (P2) relative to the pressure side (P1).
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
MPVZ12 2 Sensors Freescale Semiconductor
Table 2. Operating Characteristics (VS = 3.0 Vdc, TA = 25C unless otherwise noted, P1 > P2)
Characteristic Differential Pressure Range Supply Voltage(2)
(1)
Symbol POP VS Io
Min 0 -- -- 45 0 -- -0.5 -- -- -0.22 -- 0.28 400 750 -- -- --
Typ -- 3.0 6.0 55 20 5.5 -- 0.1 0.5 -- 15 -- -- -- 1.0 20 0.5
Max 10 6.0 -- 70 35 -- 5.0 -- -- -0.16 -- 0.34 550 1250 -- -- --
Unit kPa Vdc mAdc mV mV mV/kPa %VFSS %VFSS %VFSS %VFSS/C V/C %Zin/C W W ms ms %VFSS
Supply Current Full Scale Span Offset(4) Sensitivity Linearity(5) Pressure Hysteresis6 (0 to 10 kPa)
(5) (3)
VFSS Voff V/P -- -- -- TCVFSS TCVoff
(5)
Temperature Hysteresis
(-40C to +125C) Span(5)
Temperature Coefficient of Full Scale Temperature Coefficient of Offset(5)
Temperature Coefficient of Resistance Input Impedance Output Impedance Response Time Warm-Up Time Offset Stability
(6)
TCR Zin Zout tR -- --
(10% to 90%)
(7)
(8)
1. 1.0 kPa (kiloPascal) equals 0.145 psi. 2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional error due to device self-heating. 3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum related pressure. 4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure. 5. Accuracy (error budget) consists of the following: * Linearity: * * * * * Output deviation from a straight line relationship with pressure, using end point method, over the specified pressure range. Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the minimum or maximum operating temperature points, with zero differential pressure applied. Pressure Hysteresis: Output deviation at any pressure with the specified range, when this pressure is cycled to and from the minimum or maximum rated pressure at 25C. TcSpan: Output deviation at full rated pressure over the temperature range of 0 to 85C, relative to 25C. TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85C, relative to 25C. TCR: ZIN deviation with minimum rated pressure applied, over the temperature range of -40C to 125C, relative to 25C.
6. Response Time is defined as the time form the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. 7. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure is stabilized. 8. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
MPVZ12 Sensors Freescale Semiconductor 3
TEMPERATURE COMPENSATION Figure 2 shows the typical output characteristics of the MPVZ12 series over temperature. Because this strain gauge is an integral part of the silicon diaphragm, there are no temperature effects due to differences in the thermal expansion of the strain gauge and the diaphragm, as are often encountered in bonded strain gauge pressure sensors. However, the properties of the strain gauge itself are temperature dependent, requiring that the device be temperature compensated if it is to be used over an extensive temperature range. Temperature compensation and offset calibration can be achieved rather simply with additional resistive components, or by designing your system using the MPX2010D series sensor. Several approaches to external temperature compensation over both -40 to +125C and 0 to +80C ranges are presented in Applications Note AN840.
LINEARITY Linearity refers to how well a transducer's output follows the equation: Vout = Voff + sensitivity x P over the operating pressure range (Figure 3). There are two basic methods for calculating nonlinearity: (1) end point straight line fit or (2) a least squares best line fit. While a least squares fit gives the "best case" linearity error (lower numerical value), the calculations required are burdensome. Conversely, an end point fit will give the "worst case" error (often more desirable in error budget calculations) and the calculations are more straightforward for the user. Freescale's specified pressure sensor linearities are based on the end point straight line method measured at the midrange pressure.
80 70 60 Output (mVdc) 50 40 30 20 10 0 PSI 0 kPa 0.3 2.0 0.6 4.0 0.9 6.0 1.2 8.0 10 1.5 Offset (Typ) +125C VS = 3 VDC P1 > P2 +25C -40C Span Range (Typ)
Pressure Differential
Figure 2. Output versus Pressure Differential
80 70 60 50 Output (mVdc) 40 30 20 10 0 0 Offset (Voff) Pressure (kPA) Max POP Theoretical Actual Span (VFSS) Linearity
Figure 3. Linearity Specification Comparison
MPVZ12 4 Sensors Freescale Semiconductor
Gel Die Coat P1 Wire Bond
Die
Stainless Steel Cap
Thermoplastic Case
Lead Frame
P2 Differential Sensing Element
Die Bond
Figure 4. Cross-Sectional Diagram (not to scale)
Figure 4 illustrates the differential or gauge configuration in the basic chip carrier (applicable to cases 482, 1560 and 1735). A gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon diaphragm.
Operating characteristics, internal reliability and qualification tests are based on use of dry clean air as the pressure media. Media other than dry clean air may have adverse effects on sensor performance and long term reliability. Contact the factory for information regarding media compatibility in your application.
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing gel which isolates the die from the environment. The Freescale MPVZ12 series is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side may be identified by using the following table
Pressure (P1) Side Identifier Top with Port Attached Top with Port Attached Top with Port Attached Top with Port Attached
Part Number MPVZ12GC6U MPVZ12GC7U MPVZ12GW6U MPVZ12GW7U
Case Type 482A 98ASB17757C 482C 98ASB17759C 1735 98ASA10686D 1560 98ASA10611D
MPVZ12 Sensors Freescale Semiconductor 5
PACKAGE DIMENSIONS
-A-
4 5
D 8 PL 0.25 (0.010)
M
TB
S
A
S
N -B- G
8 1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5_ TYPICAL DRAFT. DIM A B C D G H J K M N S V W INCHES MIN MAX 0.415 0.425 0.415 0.425 0.500 0.520 0.038 0.042 0.100 BSC 0.002 0.010 0.009 0.011 0.061 0.071 0_ 7_ 0.444 0.448 0.709 0.725 0.245 0.255 0.115 0.125 MILLIMETERS MIN MAX 10.54 10.79 10.54 10.79 12.70 13.21 0.96 1.07 2.54 BSC 0.05 0.25 0.23 0.28 1.55 1.80 0_ 7_ 11.28 11.38 18.01 18.41 6.22 6.48 2.92 3.17
S
W
V C H J K M
PIN 1 IDENTIFIER
-T-
SEATING PLANE
CASE 482A-01 ISSUE A SMALL OUTLINE PACKAGE
-A-
4 5
N -B- G
8 1
0.25 (0.010)
M
TB
D 8 PL SA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5_ TYPICAL DRAFT. 6. DIMENSION S TO CENTER OF LEAD WHEN FORMED PARALLEL. S DIM A B C D G J K M N S V W SEATING PLANE INCHES MIN MAX 0.415 0.425 0.415 0.425 0.500 0.520 0.026 0.034 0.100 BSC 0.009 0.011 0.100 0.120 0_ 15 _ 0.444 0.448 0.540 0.560 0.245 0.255 0.115 0.125 MILLIMETERS MIN MAX 10.54 10.79 10.54 10.79 12.70 13.21 0.66 0.864 2.54 BSC 0.23 0.28 2.54 3.05 0_ 15 _ 11.28 11.38 13.72 14.22 6.22 6.48 2.92 3.17
DETAIL X S W
V C
PIN 1 IDENTIFIER
-T- K M J DETAIL X
CASE 482C-03 ISSUE B SMALL OUTLINE PACKAGE
MPVZ12 6 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 1735-01 ISSUE A SMALL OUTLINE PACKAGE
MPVZ12 Sensors Freescale Semiconductor 7
PACKAGE DIMENSIONS
CASE 1735-01 ISSUE A SMALL OUTLINE PACKAGE
MPVZ12 8 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 1735-01 ISSUE A SMALL OUTLINE PACKAGE
MPVZ12 Sensors Freescale Semiconductor 9
PACKAGE DIMENSIONS
CASE 1560-02 ISSUE C SMALL OUTLINE PACKAGE
MPVZ12 10 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 1560-02 ISSUE C SMALL OUTLINE PACKAGE
MPVZ12 Sensors Freescale Semiconductor 11
PACKAGE DIMENSIONS
CASE 1560-02 ISSUE C SMALL OUTLINE PACKAGE
MPVZ12 12 Sensors Freescale Semiconductor
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2007. All rights reserved.
MPVZ12 Rev. 2 01/2007


▲Up To Search▲   

 
Price & Availability of MPVZ12GC7U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X