Part Number Hot Search : 
SP6655 AN626 16NO7 MEGA328 CC327 SMDA12C SP6649EU 631SC
Product Description
Full Text Search
 

To Download MCA255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCA230X, MCA231X, MCA255X MCA230, MCA231, MCA255
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
APPROVALS
l
2.54 6.4 6.2 1.54 8.8 8.4 1 2 3
Dimensions in mm
UL recognised, File No. E91231
-
'X' SPECIFICATION APPROVALS l VDE 0884 in 2 available lead form : - STD - G form VDE 0884 inSMD approval pending l SETI approved, reg. no.151786-18 DESCRIPTION The MCA230, MCA231, MCA255 series of optically coupled isolators consist of an infrared light emitting diode and NPN silicon photodarlington in a space efficient dual in line plastic package. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Current Transfer Ratio l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS Computer terminals l Industrial systems controllers l Measuring instruments l Signal transmission between systems of different potentials and impedances
l
6 5 4
4.3 4.1 0.5 0.3
7.8 7.4
0.5
3.3
9.6 8.4
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO MCA255 MCA230, MCA231 Collector-base Voltage BVCBO MCA255 MCA230, MCA231 Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION 55V 30V 55V 30V 7V 150mW 60mA 5V 105mW
OPTION SM SURFACE MOUNT
OPTION G
5.08 max. 1.2 0.6 1.4 0.9 0.26 10.16
10.2 9.5
Total Power Dissipation 250mW (derate linearly 3.3mW/C above 25C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92189-AAS/A2
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO) MCA230, MCA231 MCA255 Collector-base Breakdown (BVCBO) MCA230, MCA231 MCA255 Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) MIN TYP MAX UNITS 1.2 3 10 1.5 V V A V V V V V nA TEST CONDITION IF = 20mA IR = 10A VR = 3V IC = 100A (note 2) IC = 100A (note 2) IC = 10A (note 2) IC = 10A (note 2) IE = 10A VCE = 10V 10mA IF , 5V VCE 10mA IF , 5V VCE 50mA IF , 50mA IC 1mA IF , 2mA IC 5mA IF , 10mA IC 10mA IF , 50mA IC (note 1) (note 1) VIO = 500V (note 1) VCC= 2V,RL = 100, IF = 10mA , fig.1
Output
30 55 30 55 5 100
Coupled
Collector Output Current ( IC ) (Note 2) MCA230, MCA255 100 MCA231 200 Collector-emitter Saturation VoltageVCE(SAT) MCA230, MCA255 MCA231
% % 1.0 1.0 1.0 1.2 V V V V VRMS VPK s s
Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO Output Turn on Time ton Output Turn off Time toff
5300 7500 5x1010 10 100
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
FIGURE 1 VCC = 10V Input IF = 10mA 100 ton tr Input Output Output 10% 90% 10% 90% toff tf
7/12/00
DB92189-AAS/A2
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW) Current transfer ratio CTR (%) 10000 5000 1000 800 500 100 50 10
Current Transfer Ratio vs. Forward Current
150
100
50
VCE = 5V TA = 25C
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 100
0 0.1 0.2 0.5 1 2 5 10 20 50 100 Forward current IF (mA) Collector Current vs. Collector-emitter Voltage 100 50mA 20 Collector current I C (mA) 80 60 40 2mA 20 0 -30 0 25 50 75 100 125 0 1 2 3 4 5 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature Collector-emitter voltage VCE ( V ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5 Relative current transfer ratio IF = 1mA 10mA 5mA TA = 25C
80 Forward current I F (mA)
CE(SAT)
60
40 20 0
(V) 1.2 1.0 0.8 0.6 0.4 0.2 0 -30
Collector-emitter saturation voltage V
IF = 50mA IC = 50mA
IF = 10mA VCE = 5V
1.0
0.5
0 0 25 50 75 100 -30 Ambient temperature TA ( C ) 0 25 50 75 Ambient temperature TA ( C ) 100
7/12/00
DB92189-AAS/A2


▲Up To Search▲   

 
Price & Availability of MCA255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X