Part Number Hot Search : 
SG6506 FM206 LA9251 SC3BH1 T495X AN2320S 15100 S10K2
Product Description
Full Text Search
 

To Download MAX2585 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0773; Rev 0; 3/07
MAX2585 Evaluation Kit
General Description
The MAX2585 evaluation kit (EV kit) simplifies evaluation of the MAX2585 RF-to-baseband receiver IC. The EV kit enables testing of the device's RF performance and requires no additional support circuitry. The EV kit's signal inputs and outputs use SMA and BNC connectors for easy connection to RF test equipment. Easy Evaluation of the MAX2585 On-Board +2.85V Regulators Allow Operation from +5V and -5V Supplies On-Board Op Amps Convert Differential I/Q Baseband Signals into Single-Ended Signals Jumpers for Supply Pins, Digital Power Control, and Shutdown All Critical Peripheral Components Included
Features
Evaluates: MAX2585
Ordering Information
PART MAX2585EVKIT TEMP RANGE -40C to +85C PINPACKAGE 48 fcLGA-EP* PKG CODE L4877F-1
*EP = Exposed paddle.
MAX2585 Component List
DESIGNATION C1, C3, C6, C7, C8, C10, C15, C25, C27, C31, C34, C35, C36, C39, C43, C47, C48, C54, C55, C56, C58, C59, C60, C65-C68, C69, C71, C87, C88, C99, C114-C120 C2, C4 QTY DESCRIPTION DESIGNATION C14, C24, C26, C29, C51, C61, C62, C63, C64, C98, C100, C101, C124 0 Not installed, capacitors C17, C94 C18, C90, C91 C22 2 6800pF 10% capacitors (0402) Murata GRM155R71E682K 1.5pF 0.1pF capacitors (0402) Murata GRM1555C1H1R5B 0.033F 10% capacitors (0402) Murata GRM155R71A333K 6800pF 5% capacitor (0805) Murata GRM2165C1H682J 0.01F 10% capacitors (0402) Murata GRM155R71C103K 0.033F 10% capacitor (0603) Murata GRM188R71E333K C28 C30, C79, C82 C33, C95 C37, C38, C40, C41, C42, C44, C45, C46 C49 C50 QTY DESCRIPTION
13
100pF 5% capacitors (0402) Murata GRM1555C1H101J
2 3 1 1 3 2
1000pF 10% capacitors (0402) Murata GRM155R71H102K 10F 10% capacitors (0805) Murata GRM21BR60J106K 470pF 10% capacitor (0402) Murata GRM155R71H471K 0.047F 10% capacitor (0402) Murata GRM155R71C473K 10F 10% capacitors (1206) Murata GRM31CR60J106K 1.0F 10% capacitors (0805) Murata GRM40X7R105K010 0.1F 10% capacitors (0402) Murata RM155R61A104K 22pF 5% capacitor (0402) Murata GRM1555C1H220J 0.033F 5% capacitor (1206) Murata GRM3195C1H333J
C5, C32
2
C9, C16
2
C11
1
8
C12, C86, C123 C13
3 1
1 1
________________________________________________________________ Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2585 Evaluation Kit Evaluates: MAX2585
Component List (continued)
DESIGNATION C72, C74, C76 C73, C78 C75, C77, C80, C81 C96, C97 FL1 FL3 QTY 3 2 4 2 0 1 DESCRIPTION 0.1F 10% capacitors (0603) Murata GRM188R71C104K 0.01F 10% capacitors (0805) Murata GRM21BR72A103K 1.0F 10% capacitors (1206) Murata GRM319R71C105K 22F 20% capacitors (0805) TDK C2012X5R0J226M Not installed 220 surface-mount EMI filter (0603) Murata BLM18AG221SN1D Cellular RX filter Fujitsu FAR-F5EA-881M50-D27B PCS RX filter Fujitsu FAR-F6EA-1G9600-D2AC Not installed, 0.062in SMA endlaunch jack receptacles Johnson 142-0701-801 0.062in SMA end-launch jack receptacles Johnson 142-0701-801 50 BNC PCB receptacles (jack) Amphenol 31-5329-52RFX 2 x 10 header dual in-line header (100 mil) Sullins PTC36SAAN 1 x 2 header, 2-pin in-line headers (100 mil) Sullins PTC36SAAN Not installed, in-line headers Sullins PTC36SAAN DESIGNATION JU9, JU10, JU24, JU30 JU11, JU12, JU20, JU21, TP9, TP11, TP12 L2, L5 L3 L4, L8, L9 L10, L11 FL4 FL5 1 1 R1, R6, R7, R20, R34-R37 R2, R9-R12, R30, R33, R38, R39 R3 R4 R5, R18, R19, R22-R29, R31, R32, R50, R57, R58, R59, R60, R61, R62 R8, R17 R13 R14, R15 R16 12 R21 T1 TP2, TP13-TP16 U1 J17 1 QTY 4 DESCRIPTION 1 x 3 header, 3-pin in-line headers (100 mil) Sullins PTC36SAAN Test points Keystone S9000-ND 43nH 5% inductors (0603) Murata LQG15HN43NJ02 2.2nH 0.3nH inductor (0402) Murata LQG15HN2N2S00 Not installed, inductors 33nH 5% inductors (0402) Murata LQG15HN33NJ00 1k 1% resistors (0402) 0 5% resistors (0402) 47k 5% resistor (0402) 3.01 1% resistor (0402)
7
2 1 0 2 8 9 1 1
J1, J6, J9-J15
0
J2, J3, J7, J8
4
0
Not installed, resistors
J4, J5
2
2 1 2 1 1 1 0 1
51 5% resistors (0402) 4.7k 5% resistor (0402) 20k 1% resistors (0402) 10k variable resistor Bournes 3296W-1-103 22 5% resistor (0402) Balun TOKO 617DB-1675 Not installed MAX2585 CDMA receiver Maxim MAX2585ELM Shunts (JU9, JU10, JU16, JU19, JU23, JU24, JU26, JU28, JU30, JU36, JU38) Sullins STC02SYAN
JU1, JU2, JU3, JU13, JU16, JU19, JU23, JU25, JU26, JU28, JU36, JU38 JU7, JU33, JU37, JU39
0
--
11
2
_______________________________________________________________________________________
MAX2585 Evaluation Kit
Component List (continued)
DESIGNATION U2, U3 QTY 2 DESCRIPTION MAX4444 differential-to-singleended line receivers Maxim MAX4444ESE Not installed 2088-2174MHz single-band RX VCO GPS and tri-mode ALPS Electric Co. UCVA4X211A MAX8877 low-dropout linear regulators Maxim MAX8877EUK28 19.2MHz voltage-controlled TCXO Kyocera KT5032N19200DCB28PLA Not installed MAX4747 50 low-voltage quad SPST/dual SPDT analog switches in UCSP Maxim MAX4747EBE-T
Connections and Setup
This section provides step-by-step instructions for getting the EV kit up and running in cellular band CDMA mode: 1) Verify shunts JU1, JU2, JU3, JU9, JU10, JU16, JU19, JU23, JU24, JU26, JU28, JU30, JU36, and JU38 are in place. 2) Verify shunts JU9, JU10, and JU30 are in the ON (VCC) position. 3) The gain control pin voltage of the MAX2585 can be controlled by an on-board variable resistor or by an additional DC power supply. To use the variable resistor to adjust the gain control voltage, install a shunt across the two pins of JU24 closest to the edge of the board. Remove JU24 and connect a DC power supply to the VGC connector (TP8) on the board to use an external supply to adjust the gain control voltage. 4) Connect the INTF2300 interface cable to the EV kit's 20-pin connector (J17). Note: Pin 1 of the interface cable corresponds to the red wire. Pin 1 of the connector is indicated on the printed circuit board (PCB) by a flattened corner in the J17 silkscreen outline. 5) With their outputs turned off, connect a +5.0V power supply to the header labeled +5V (JU11), and a -5.0V power supply to the header labeled -5V (JU20). Connect the power-supply ground to the header labeled GND (JU12 or JU21). 6) Install and run the MAX2585 control software (available from the factory). 7) With the MAX2585 control software active in the entry view screen, select the appropriate device type. 8) In the register-view screen of the control software, set the registers to typical cellular band CDMA settings as shown in Table 1. 9) Turn on the +5.0V and -5.0V power supplies. Then turn on the gain control power supply (optional). 10) Select the resend registers button at the top of the screen to send all registers to the MAX2585. 11) With its output turned off, connect a continuous wave RF signal source to CLNA_IN (J3). Set the RF frequency to 881.1MHz with a -104dBm power level. 12) In either the entry view or register view screen of the control software, toggle the DC cal pin box from 1 to 0, and then back to 1. 13) Enable the output of the RF signal source.
Evaluates: MAX2585
U4
0
U5, U7
2
U6
1
U10
0
Note: Components listed in bold are on backside of the board.
Quick Start
The MAX2585 EV kit is fully assembled and factory tested. Follow the instructions in the Connections and Setup section.
Required Test Equipment
This section lists the recommended test equipment to verify the operation of the MAX2585. It is intended as a guide only, and substitutions may be possible: * DC supply capable of delivering +5.0V and 250mA of continuous current * DC supply capable of delivering -5.0V and 250mA of continuous current * DC supply capable of delivering +2.5V at low current (< 1mA) for the gain control voltage (optional) * Signal source capable of operating up to 2.5GHz * RF spectrum analyzer with a minimum 1kHz-to-3GHz frequency range * IBM PC or compatible with Windows(R) 95/98/2000/ NT 4.0/XP, or later operating system and an available parallel port * INTF2300 interface board (supplied with the EV kit)
Windows is a registered trademark of Microsoft Corp. _______________________________________________________________________________________ 3
MAX2585 Evaluation Kit Evaluates: MAX2585
14) Connect Q_OUT (J5) or I_OUT (J4) to the spectrum analyzer. Set the spectrum analyzer to span from 1kHz to 640kHz. Set the resolution bandwidth to 3kHz and the reference level to 0dBm. 15) Observe the 100kHz output tone on the spectrum analyzer display. Adjust the VGC voltage to obtain an output power level of -28.5dBm. 16) To evaluate the MAX2585 in PCS CDMA mode, enter the typical PCS band CDMA register settings as shown in Table 1 and repeat the steps above with the signal source frequency set to 1960.1MHz and power level set to -104dBm. Connect the signal source to PLNA_IN (J2) for PCS band operation.
PCB Construction
The MAX2585 EV kit PCB uses a 10-mil-wide trace for 50 transmission line. The PCB has a 6-mil-layer profile on FR4 with a dielectric constant of 4.5.
INTF2300 SPI Interface Board
The INTF2300 interface board is used to interface 3-wire SPITM protocol from a PC's parallel port to the EV kit. This board translates 5V logic from the PC to VCC of the EV kit. The INTF2300 also provides buffering and EMI filtering. Its absolute maximum supply voltage is 4.6V, limited by the breakdown of the buffer IC. The recommended operating supply voltage range is +2.7V to +3.6V. The INTF2300 gets its power-supply voltage from the MAX2585 board if the shunt on the INTF2300 board is installed in the VCC position.
Layout Considerations
The MAX2585 EV kit can serve as a guide for board layout. Keep PC board trace lengths as short as possible to minimize parasitics. Also, keep decoupling capacitors as close to the IC as possible with a direct connection to the ground plane.
SPI is a trademark of Motorola, Inc.
Table 1. Register Conditions Table
REGISTER SETTINGS MODE PCS Band CDMA Cellular Band CDMA REG 8: BIAS 0AAAF 0AAAF REG 9: DCCAL 62000 62000 REG A: NDIV 09920 15824 REG B: PLLCONF 28160 A8320 REG C: OPCTRL 16EDD 16EDE REG D: RESERVED1 00304 00304 REG E: RESERVED2 55C00 55C00 REG F: TEST 13830 13830
4
_______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 1. MAX2585 EV Kit Schematic (Sheet 1 of 2) _______________________________________________________________________________________ 5
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 1. MAX2585 EV Kit Schematic (Sheet 2 of 2) 6 _______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
GND VCC DB25M 1 2 3
JU1
1
2
1
TO PC PARALLEL PORT 11 12
20
19
20
INTF2300
1
MAX2585EVKIT
2
1
VCCOUT 12 11
20
GND 20 19
Figure 2. INTF2300 Schematic
_______________________________________________________________________________________
7
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 3. MAX2585 EV Kit PCB Layout--Top Silkscreen 8 _______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 4. MAX2585 EV Kit PCB Layout--Primary Component Side _______________________________________________________________________________________ 9
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 5. MAX2585 EV Kit PCB Layout--Inner Layer 2 10 ______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 6. MAX2585 EV Kit PCB Layout--Inner Layer 3 ______________________________________________________________________________________ 11
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 7. MAX2585 EV Kit PCB Layout--Inner Layer 4 12 ______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 8. MAX2585 EV Kit PCB Layout--Inner Layer 5 _______________________________________________________________________________________ 13
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 9. MAX2585 EV Kit PCB Layout--Secondary Component Side 14 ______________________________________________________________________________________
MAX2585 Evaluation Kit Evaluates: MAX2585
Figure 10. MAX2585 EV Kit PCB Layout--Bottom Silkscreen
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 15 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX2585

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X