Part Number Hot Search : 
67040 223988 00VDC GZF51C SM101 A1405 MUR160 LC863
Product Description
Full Text Search
 

To Download IRFE210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91722B
IRFE210 REPETITIVE A ALANCHE AND dv/dt RATED V JANTX2N6784U HEXFET TRANSISTORS JANTXV2N6784U SURFACE MOUNT (LCC-18) [REF:MIL-PRF-19500/556] 200V, N-CHANNEL
Product Summary
Part Number IRFE210 BVDSS 200V RDS(on) 1.5 ID 2.25A
The leadless chip carrier (LCC) package represents the logical next step in the continual evolution of surface mount technology. Desinged to be a close replacement for the TO-39 package, the LCC will give designers the extra flexibility they need to increase circuit board density. International Rectifier has engineered the LCC package to meet the specific needs of the power market by increasing the size of the bottom source pad, thereby enhancing the thermal and electrical performance. The lid of the package is grounded to the source to reduce RF interference.
LCC-18
Features:
! ! ! ! ! ! ! !
Surface Mount Small Footprint Alternative to TO-39 Package Hermetically Sealed Dynamic dv/dt Rating Avalanche Energy Rating Simple Drive Requirements Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 10V, TC = 25C ID @ VGS = 10V, TC = 100C I DM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Pckg. Mounting Surface Temp. Weight For footnotes refer to the last page 2.25 1.5 9.0 15 0.12 20 20 3.9 -55 to 150 300 (for 5 S) 0.42(typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
1/17/01
IRFE210
Electrical Characteristics
Parameter
BVDSS BV DSS/TJ RDS(on) VGS(th) gfs IDSS
@ Tj = 25C (Unless Otherwise Specified) Min
200 -- -- -- 2.0 1.4 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.23 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.1 -- -- 1.5 1.725 4.0 -- 25 250 100 -100 6.2 1.2 5.0 15 20 30 20 -- V V/C V S( ) A nA nC
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 10V, ID =1.5A VGS =10V, ID =2.25A VDS = VGS, ID =250A VDS > 15V, IDS =1.5A VDS=160V, VGS=0V VDS =160V VGS = 0V, TJ = 125C VGS =20V VGS =-20V VGS =10V, ID= 2.25A VDS =100V VDD =100V, ID =2.25A, RG =7.5
Drain-to-Source Breakdown Voltage Temperature Coefficient of Breakdown Voltage Static Drain-to-Source On-State Resistance Gate Threshold Voltage Forward Transconductance Zero Gate Voltage Drain Current
IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
ns nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS =25V f = 1.0MHz
Ciss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
150 57 15
-- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr QRR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 2.25 9.0 1.5 350 0.66
Test Conditions
A
V nS c Tj = 25C, IS =2.25A, VGS = 0V Tj = 25C, IF =2.25A, di/dt 100A/s VDD 50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJ-PCB Junction to Case Junction to PC Board
Min Typ Max Units
-- -- -- -- 8.3 C/W 27" " "
Test Conditions
Soldered to a copper clad PC board
For footnotes refer to the last page
2
www.irf.com
IRFE210
10
I D , Drain-to-Source Current (A)
1
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
4.5V
4.5V
0.1 0.1
20s PULSE WIDTH TJ = 25C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10
2.5
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 2.25A
2.0
1.5
1
1.0
0.5
0.1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3.
Typical Transfer Characteristics
Fig 4.
Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFE210
300
VGS , Gate-to-Source Voltage (V)
240
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 2.25A V DS = 160V V DS = 100V V DS = 40V
16
C, Capacitance (pF)
180
Ciss
12
120
8
Coss
60
4
Crss
0 1 10 100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 2 4 6 8
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150 C
ID , Drain Current (A)
10
10us
1
100us
TJ = 25 C
1
1ms
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2 1.4
0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
10ms
VSD ,Source-to-Drain Voltage (V)
1000
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFE210
2.5
V DS
2.0
RD
ID , Drain Current (A)
VGS RG
D.U.T.
+
1.5
-V DD
10V
1.0
Pulse Width 1 s Duty Factor 0.1 %
0.5
Fig 10a. Switching Time Test Circuit
VDS
0.0
90%
25 50 75 100 125 150
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10 D = 0.50
Thermal Response (Z thJC )
0.20 1 0.10 0.05 0.02 0.01 0.1
SINGLE PULSE (THERMAL RESPONSE)
P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
Fig 11.
Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFE210
EAS , Single Pulse Avalanche Energy (mJ)
50
15V
40
ID 1.0A 1.4A BOTTOM 2.25A TOP
VDS
L
DRIVER
30
RG
D.U.T
IAS tp
+ V - DD
20
A
10V 20V
0.01
10
Fig 12a. Unclamped Inductive Test Circuit
0
25
50
75
100
125
150
V(BR)DSS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b.
Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFE210
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 50V, starting TJ = 25C, Peak IL =2.25A,
Foot Notes:
ISD 2.25A, di/dt 70A/s,
VDD 200V, TJ 150C Suggested RG =7.5 Pulse width 300 s; Duty Cycle 2%
Case Outline and Dimensions -- LCC-18
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 1/01
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRFE210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X