Part Number Hot Search : 
BAT40 TVT15AW 316MS8E IP122 90W10 80N6F P125K 1C474
Product Description
Full Text Search
 

To Download ICS9LPR501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9LPR501
64-pin CK505 w/Fully Integrated Voltage Regulator
Recommended Application: CK505 compliant clock with fully integrated voltage regulator Output Features: * 2 - CPU differential low power push-pull pairs * 10 - SRC differential low power push-pull pairs * 1 - CPU/SRC selectable differential low power push-pull pair * 1 - SRC/DOT selectable differential low power push-pull pair * 5 - PCI, 33MHz * 1 - PCI_F, 33MHz free running * 1 - USB, 48MHz * 1 - REF, 14.318MHz Key Specifications: * CPU outputs cycle-cycle jitter < 85ps * SRC output cycle-cycle jitter < 125ps * PCI outputs cycle-cycle jitter < 250ps * +/- 100ppm frequency accuracy on CPU & SRC clocks Features/Benefits: * Does not require external pass transistor for voltage regulator * Supports spread spectrum modulation, default is 0.5% down spread * * Uses external 14.318MHz crystal, external crystal load caps are required for frequency tuning Selectable between one SRC differential push-pull pair and two single-ended outputs Pin Configuration
PCI0/CR#_A VDDPCI PCI1/CR#_B PCI2/TME PCI3 PCI4/SRC5_EN PCI_F5/ITP_EN GNDPCI VDD48 USB_48MHz/FSLA GND48 VDD96_IO DOTT_96/SRCT0 DOTC_96/SRCC0 GND VDD SRCT1/SE1 SRCC1/SE2 GND VDDPLL3_IO SRCT2/SATAT SRCC2/SATAC GNDSRC SRCT3/CR#_C SRCC3/CR#_D VDDSRC_IO SRCT4 SRCC4 GNDSRC SRCT9 SRCC9 SRCC11/CR#_G 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 SCLK SDATA REF0/FSLC/TEST_SEL VDDREF X1 X2 GNDREF FSLB/TEST_MODE CK_PWRGD/PD# VDDCPU CPUT0 CPUC0 GNDCPU CPUT1_F CPUC1_F VDDCPU_IO NC CPUT2_ITP/SRCT8 CPUC2_ITP/SRCC8 VDDSRC_IO SRCT7/CR#_F SRCC7/CR#_E GNDSRC SRCT6 SRCC6 VDDSRC PCI_STOP#/SRCT5 CPU_STOP#/SRCC5 VDDSRC_IO SRCC10 SRCT10 SRCT11/CR#_H
64-pin TSSOP * Internal Pull-Up Resistor ** Internal Pull-Down Resistor
Table 1: CPU Frequency Select Table FS LC B0b7 0 0 0 0 1 1 1 1
2
FS LB B0b6 0 0 1 1 0 0 1 1
1
FSLA B0b5 0 1 0 1 0 1 0 1
1
CPU MHz 266.66 133.33 200.00 166.66 333.33 100.00 400.00
SRC MHz
PCI MHz
REF MHz
USB MHz
DOT MHz
100.00
33.33
14.318
48.00
96.00
Reserved
1. FSLA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values. Also refer to the Test Clarification Table. 2. FSLC is a three-level input. Please see the VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values.
1118E--08/08/07
9LPR501
Integrated Circuit Systems, Inc.
ICS9LPR501
Pin Description
PIN #
PIN NAME TYPE DESCRIPTION
3.3V PCI clock output or Clock Request control A for either SRC0 or SRC2 pair The power-up default is PCI0 output, but this pin may also be used as a Clock Request control of SRC pair 0 or SRC pair 2 via SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 0 of SMBus address space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 2 or pair 0 using the CR#_A_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 7 0 = PCI0 enabled (default) 1= CR#_A enabled. Byte 5, bit 6 controls whether CR#_A controls SRC0 or SRC2 pair Byte 5, bit 6 0 = CR#_A controls SRC0 pair (default), 1= CR#_A controls SRC2 pair Power supply pin for the PCI outputs, 3.3V nominal 3.3V PCI clock output/Clock Request control B for either SRC1 or SRC4 pair The power-up default is PCI1 output, but this pin may also be used as a Clock Request control of SRC pair 1 or SRC pair 4 via SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 1 of SMBus address space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using the CR#_B_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 5 0 = PCI1 enabled (default) 1= CR#_B enabled. Byte 5, bit 6 controls whether CR#_B controls SRC1 or SRC4 pair Byte 5, bit 4 0 = CR#_B controls SRC1 pair (default) 1= CR#_B controls SRC4 pair 3.3V PCI clock output / Trusted Mode Enable (TME) Latched Input. This pin is sampled on power-up as follows 0 = Overclocking of CPU and SRC Allowed 1 = Overclocking of CPU and SRC NOT allowed After being sampled on power-up, this pin becomes a 3.3V PCI Output 3.3V PCI clock output. 3.3V PCI clock output / SRC5 pair or PCI_STOP#/CPU_STOP# enable strap. On powerup, the logic value on this pin determines if the SRC5 pair is enabled or if CPU_STOP#/PCI_STOP# is enabled (pins 37 and 38). The latched value controls the pin function on pins 37 and 38 as follows 0 = PCI_STOP#/CPU_STOP# 1 = SRC5/SRC5# Free running PCI clock output and ITP/SRC8 enable strap. This output is not affected by the state of the PCI_STOP# pin. On powerup, the state of this pin determines whether pins 38 and 39 are an ITP or SRC pair. 0 =SRC8/SRC8# 1 = ITP/ITP# Ground for PCI clocks. Power supply for USB clock, nominal 3.3V. Fixed 48MHz USB clock output. 3.3V./ 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. Ground pin for the 48MHz outputs. Power supply for DOT96 outputs, VDD96_IO is 1.05 to 3.3V with +/-5% tolerance True clock of SRC or DOT96. The power-up default function is SRC0. After powerup, this pin function may be changed to DOT96 via SMBus Byte 1, bit 7 as follows: 0= SRC0 1=DOT96 Complement clock of SRC or DOT96. The power-up default function is SRC0#. After powerup, this pin function may be changed to DOT96# via SMBus Byte 1, bit 7 as follows 0= SRC0# 1=DOT96# Ground pin for the DOT96 clocks. Power supply for SRC / SE1 and SE2 clocks, 3.3V nominal.
1
PCI0/CR#_A
I/O
2
VDDPCI
PWR
3
PCI1/CR#_B
I/O
4
PCI2/TME
I/O
5
PCI3
OUT
6
PCI4/SRC5_EN
I/O
7
PCI_F5/ITP_EN
I/O
8 9 10 11 12 13
GNDPCI VDD48 USB_48MHz/FSLA GND48 VDD96_IO DOTT_96/SRCT0
PWR PWR I/O PWR PWR OUT
14
DOTC_96/SRCC0
OUT
15 16
GND VDD
PWR PWR
1118E--08/08/07
2
Integrated Circuit Systems, Inc.
ICS9LPR501
Pin Description (Continued)
PIN #
17 18 19 20 21 22 23
PIN NAME
SRCT1/SE1 SRCC1/SE2 GND VDDPLL3_IO SRCT2/SATAT SRCC2/SATAC GNDSRC
TYPE
OUT OUT PWR PWR OUT OUT PWR
DESCRIPTION
True clock of differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, -0.5% downspread. The pin function may be changed via SMBus B1b[4:1] Complement clock of differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, -0.5% downspread. The pin function may be changed via SMBus B1b[4:1] Ground pin for SRC / SE1 and SE2 clocks, PLL3. Power supply for PLL3 output. VDDPLL3_IO is 1.05 to 3.3V with +/-5% tolerance True clock of differential SRC/SATA clock pair. Complement clock of differential SRC/SATA clock pair. Ground pin for SRC clocks. True clock of differential SRC clock pair/ Clock Request control C for either SRC0 or SRC2 pair The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request control of SRC pair 0 or SRC pair 2 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC3 output must first be disabled in byte 4, bit 7 of SMBus address space . After the SRC3 output is disabled, the pin can then be set to serve as a Clock Request pin for either SRC pair 2 or pair 0 using the CR#_C_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 3 0 = SRC3 enabled (default) 1= CR#_C enabled. Byte 5, bit 2 controls whether CR#_C controls SRC0 or SRC2 pair Byte 5, bit 2 0 = CR#_C controls SRC0 pair (default), 1= CR#_C controls SRC2 pair Complementary clock of differential SRC clock pair/ Clock Request control D for either SRC1 or SRC4 pair The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request control of SRC pair 1 or SRC pair 4 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC3 output must first be disabled in byte 4, bit 7 of SMBus address space . After the SRC3 output is disabled, the pin can then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using the CR#_D_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 1 0 = SRC3 enabled (default) 1= CR#_D enabled. Byte 5, bit 0 controls whether CR#_D controls SRC1 or SRC4 pair Byte 5, bit 0 0 = CR#_D controls SRC1 pair (default), 1= CR#_D controls SRC4 pair Power supply for SRC clocks. VDDSRC_IO is 1.05 to 3.3V with +/-5% tolerance True clock of differential SRC clock pair 4 Complement clock of differential SRC clock pair 4 Ground pin for SRC clocks. True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. SRC11 complement /Clock Request control for SRC9 pair The power-up default is SRC11#, but this pin may also be used as a Clock Request control of SRC9 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair must first be disabled in byte 3, bit 7 of SMBus configuration space After the SRC11 output is disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC9 pair using byte 6, bit 5 of SMBus configuration space Byte 6, bit 5 0 = SRC11# enabled (default) 1= CR#_G controls SRC9
24
SRCT3/CR#_C
I/O
25
SRCC3/CR#_D
I/O
26 27 28 29 30 31
VDDSRC_IO SRCT4 SRCC4 GNDSRC SRCT9 SRCC9
PWR I/O I/O PWR OUT OUT
32
SRCC11/CR#_G
I/O
1118E--08/08/07
3
Integrated Circuit Systems, Inc.
ICS9LPR501
Pin Description (Continued)
PIN #
PIN NAME TYPE DESCRIPTION
SRC11 true or Clock Request control H for SRC10 pair The power-up default is SRC11, but this pin may also be used as a Clock Request control of SRC10 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair must first be disabled in byte 3 bit 7 of SMBus configuration space After the SRC11 output is disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC10 pair using byte 6, bit 4 of SMBus configuration space Byte 6, bit 4 0 = SRC11 enabled (default) 1= CR#_H controls SRC10. True clock of differential SRC clock pair. Cpmplement clock of differential SRC clock pair. Power supply for SRC outputs. VDDSRC_IO is 1.05 to 3.3V with +/-5% tolerance Stops all CPU Clocks, except those set to be free running clocks / Complement clock of differential SRC pair. The function of this pin is set up by the power-up strap on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function as follows: 0= CPU_STOP# 1 = SRC5 In AMT mode 3 bits are shifted in from the ICH to set the FSC, FSB, FSA values Stops all PCI Clocks, except those set to be free running clocks / Complement clock of differential SRC pair. The function of this pin is set up by the power-up strap on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function as follows: 0= PCI_STOP# 1 = SRC5# In AMT mode, this pin is a clock input which times the FSC, FSB, FSA bits shifted in on pin 37. VDD pin for SRC internal circuits, 3.3V nominal Complement clock of low power differential SRC clock pair. True clock of low power differential SRC clock pair. Ground for SRC clocks SRC7 complement or Clock Request control E for SRC6 pair The power-up default is SRC7#, but this pin may also be used as a Clock Request control of SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must first be disabled in byte 3, bit 3 of SMBus configuration space . After the SRC output is disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC6 pair using byte 6, bit 7 of SMBus configuration space Byte 6, bit 7 0 = SRC7# enabled (default) 1= CR#_E controls SRC6. SRC7 true or Clock Request control 8 for SRC8 pair The power-up default is SRC7, but this pin may also be used as a Clock Request control of SRC8 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must first be disabled in byte 3, bit 3 of SMBus configuration space After the SRC output is disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC8 pair using byte 6, bit 6 of SMBus configuration space Byte 6, bit 6 0 = SRC7# enabled (default) 1 = CR#_F controls SRC8. Power supply for SRC outputs. VDDSRC_IO is 1.05 to 3.3V with +/-5% tolerance Complement clock of low power differential CPU2/Complement clock of differential SRC pair. The function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows: Pin 7 latched input Value 0 = SRC8# 1 = ITP# True clock of low power differential CPU2/True clock of differential SRC pair. The function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows: Pin 7 latched input Value 0 = SRC8 1 = ITP No Connect
33
SRCT11/CR#_H
I/O
34 35 36
SRCT10 SRCC10 VDDSRC_IO
OUT OUT PWR
37
CPU_STOP#/SRCC5
I/O
38
PCI_STOP#/SRCT5
I/O
39 40 41 42
VDDSRC SRCC6 SRCT6 GNDSRC
PWR OUT OUT PWR
43
SRCC7/CR#_E
I/O
44
SRCT7/CR#_F
I/O
45
VDDSRC_IO
PWR
46
CPUC2_ITP/SRCC8
OUT
47
CPUT2_ITP/SRCT8
OUT
48
NC
N/A
1118E--08/08/07
4
Integrated Circuit Systems, Inc.
ICS9LPR501
Pin Description (Continued)
PIN #
49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 CPUC1_F CPUT1_F GNDCPU CPUC0 CPUT0 VDDCPU CK_PWRGD/PD# FSLB/TEST_MODE GNDREF X2 X1 VDDREF REF0/FSLC/TEST_SEL SDATA SCLK
PIN NAME
VDDCPU_IO
TYPE
PWR OUT OUT PWR OUT OUT PWR IN IN PWR OUT IN PWR I/O I/O IN
DESCRIPTION
Supply for CPU outputs. VDDCPU_IO is 1.05 to 3.3V with +/-5% tolerance Complement clock of low power differenatial CPU clock pair. This clock will be free-running during iAMT. True clock of low power differential CPU clock pair. This clock will be free-running during iAMT. Ground Pin for CPU Outputs Complement clock of low power differential CPU clock pair. True clock of low power differential CPU clock pair. Power Supply 3.3V nominal. Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to Test Clarification Table. Ground pin for crystal oscillator circuit Crystal output, nominally 14.318MHz. Crystal input, Nominally 14.318MHz. Power pin for the REF outputs, 3.3V nominal. 3.3V 14.318MHz reference clock/3.3V tolerant low threshold input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values/ TEST_SEL: 3-level latched input to enable test mode. Refer to Test Clarification Table. Data pin for SMBus circuitry, 5V tolerant. Clock pin of SMBus circuitry, 5V tolerant.
Fully Integrated Regulator Connection for Desktop/Mobile Applications
ICS9LPR501
VDDCPU_IO, Pin 49
1.05V to 3.3V (+/-5%) CPU_IO Decoupling Network
NC PIN 48
96_IO Decoupling Network
PLL3_IO Decoupling Network
SRC_IO Decoupling Network
VDDSRC_IO Pin 45,36,26
VDDPLL3_IO, Pin 20
VDD96_IO, Pin 12
1118E--08/08/07
5
Integrated Circuit Systems, Inc.
ICS9LPR501
General Description
ICS9LPR501 follows Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for next generation P4 Intel processors and Intel chipsets. ICS9LPR501 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.
Block Diagram
X1 R EF X2
REF CPU(1:0)
OSC
SRC8/ITP
CPU
CPU PLL1 SS
SRC
SR C _M A IN
SRC(11-9,7:3)
PCI33MHz SRC PCI
PLL3 SS
PCI33MHz
SRC2/SATA FSLA CKPWRGD/PD# PCI_STOP# CPU_STOP# CR#_(A:H) SRC5_EN ITP_EN FSLC/TESTSEL FSLB/TESTMODE SRC1/SE(2:1)
Control Logic
Differential Output
SE Outputs
7
SATA
SRC0/DOT96
PLL2 Non-SS
DOT96MHz 48MHz 48MHz
Power Groups
Pin Number VDD GND 49 52 55 52 26, 36, 45 23, 29, 42 39 23, 29, 42 20 19 16 19 12 11 9 11 61 58 2 8
1118E--08/08/07
Description CPUCLK Low power outputs Master Clock, Analog Low power outputs SRCCLK PLL 1 Low power outputs PLL3/SE PLL 3 DOT 96Mhz Low power outputs USB 48 Xtal, REF PCICLK
6
Integrated Circuit Systems, Inc.
ICS9LPR501
Absolute Maximum Ratings
PARAMETER Maximum Supply Voltage Maximum Supply Voltage Maximum Input Voltage Minimum Input Voltage Storage Temperature Input ESD protection SYMBOL VDDxxx VDDxxx_IO VIH VIL Ts ESD prot CONDITIONS Supply Voltage Low-Voltage Differential I/O Supply 3.3V LVCMOS Inputs Any Input Human Body Model GND - 0.5 -65 2000 150 0.99 MIN MAX 4.6 3.8 4.6 UNITS Notes V V V V
1,7 1,7 1,7,8 1,7 1,7 1,7
C
V
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER Ambient Operating Temp Supply Voltage Supply Voltage Input High Voltage Input Low Voltage Input Leakage Current Input Leakage Current Output High Voltage Output Low Voltage Output High Voltage Output Low Voltage Low Threshold InputHigh Voltage (Test Mode) Low Threshold InputHigh Voltage Low Threshold InputLow Voltage SYMBOL Tambient VDDxxx VDDxxx_IO VIHSE VILSE IIN IINRES VOHSE VOLSE VOHDIF VOLDIF VIH_FS_TEST VIH_FS VIL_FS IDD_DEFAULT IDD_PLL3DIF Operating Supply Current IDD_PLL3SE IDD_IO IDD_PD3.3 Power Down Current IDD_PDIO IDD_iAMT3.3 IDD_iAMT0.8 Fi Lpin CIN Input Capacitance Spread Spectrum Modulation Frequency
1118E--08/08/07
CONDITIONS Supply Voltage Low-Voltage Differential I/O Supply Single-ended inputs Single-ended inputs VIN = VDD , VIN = GND Inputs with pull or pull down resistors VIN = VDD , VIN = GND Single-ended outputs, IOH = -1mA Single-ended outputs, IOL = 1 mA Differential Outputs, IOH = TBD mA Differential Outputs, IOL = TBD mA 3.3 V +/-5% 3.3 V +/-5% 3.3 V +/-5% 3.3V supply, PLL3 off 3.3V supply, PLL3 Differential Out 3.3V supply, PLL3 Single-ended Out 0.8V supply, Differential IO current, all outputs enabled 3.3V supply, Power Down Mode 0.8V IO supply, Power Down Mode 3.3V supply, iAMT Mode 0.8V IO supply, iAMTMode VDD = 3.3 V Logic Inputs Output pin capacitance X1 & X2 pins Triangular Modulation
MIN 0 3.135 0.99 2 VSS - 0.3 -5 -200 2.4
MAX 70 3.465 3.465 VDD + 0.3 0.8 5 200
UNITS Notes C V V V V uA uA V 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 1 1 1 1 1
0.4 0.7 0.9 0.4 2 0.7 VSS - 0.3 VDD + 0.3 1.5 0.35 200 250 250 70 1 0.1 80 10 15 7 1.5 5 6 TBD 30 33
V V V V V V mA mA mA mA mA mA mA mA MHz nH pF pF pF kHz
iAMT Mode Current Input Frequency Pin Inductance
COUT CINX fSSMOD
7
Integrated Circuit Systems, Inc.
ICS9LPR501
AC Electrical Characteristics - Input/Common Parameters
PARAMETER Clk Stabilization Tdrive_SRC Tdrive_PD# Tdrive_CPU Tfall_PD# Trise_PD# SYMBOL TSTAB T DRSRC TDRPD T DRSRC T FALL T RISE CONDITIONS From VDD Power-Up or deassertion of PD# to 1st clock SRC output enable after PCI_STOP# de-assertion Differential output enable after PD# de-assertion CPU output enable after CPU_STOP# de-assertion Fall/rise time of PD#, PCI_STOP# and CPU_STOP# inputs MIN MAX 1.8 15 300 10 5 5 UNITS Notes ms ns us ns ns ns 1 1 1 1 1 1
AC Electrical Characteristics - Low Power Differential Outputs
PARAMETER Rising Edge Slew Rate Falling Edge Slew Rate Slew Rate Variation Maximum Output Voltage Minimum Output Voltage Differential Voltage Swing Crossing Point Voltage Crossing Point Variation Duty Cycle CPU Jitter - Cycle to Cycle SRC Jitter - Cycle to Cycle DOT Jitter - Cycle to Cycle CPU[1:0] Skew CPU[2_ITP:0] Skew SRC[10:0] Skew SYMBOL tSLR tFLR tSLVAR VHIGH VLOW VSWING VXABS VXABSVAR DCYC CPUJ C2C SRCJ C2C DOTJ C2C CPUSKEW10 CPUSKEW20 SRCSKEW CONDITIONS Differential Measurement Differential Measurement Single-ended Measurement Includes overshoot Includes undershoot Differential Measurement Single-ended Measurement Single-ended Measurement Differential Measurement Differential Measurement Differential Measurement Differential Measurement Differential Measurement Differential Measurement Differential Measurement 45 -300 300 300 550 140 55 85 125 250 100 150 TBD MIN 2.5 2.5 MAX 8 8 20 1150 UNITS NOTES V/ns V/ns % mV mV mV mV mV % ps ps ps ps ps ps 1,2 1,2 1 1 1 1 1,3,4 1,3,5 1 1 1 1 1 1 1
1118E--08/08/07
8
Integrated Circuit Systems, Inc.
ICS9LPR501
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER Long Accuracy Clock period Absolute min/max period Output High Voltage Output Low Voltage Output High Current Output Low Current Rising Edge Slew Rate Falling Edge Slew Rate Duty Cycle Skew Intentional PCI-PCI delay Jitter, Cycle to cycle SYMBOL ppm T period Tabs VOH VOL IOH IOL tSLR tFLR dt1 tskew tdelay tjcyc-cyc CONDITIONS see Tperiod min-max values 33.33MHz output nominal 33.33MHz output spread 33.33MHz output nominal/spread IOH = -1 mA IOL = 1 mA V OH @MIN = 1.0 V VOH@MAX = 3.135 V VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V Measured from 0.8 to 2.0 V Measured from 2.0 to 0.8 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V 1 1 45 30 38 4 4 55 250 200 nominal 500 -33 -33 MIN -300 29.99100 29.49100 2.4 0.4 MAX 300 30.00900 30.15980 30.65980 UNITS NOTES 1,6 ppm ns ns ns V V mA mA mA mA V/ns V/ns % ps ps ps 6 6 6 1 1 1 1 1 1 1 1 1 1 1,9 1
Intentional PCI Clock to Clock Delay
200 ps nominal steps
PCI0 PCI1 PCI2 PCI3 PCI4 PCI_F5
1.0ns
Electrical Characteristics - USB48MHz
PARAMETER Long Accuracy Clock period Absolute min/max period Output High Voltage Output Low Voltage Output High Current Output Low Current Rising Edge Slew Rate Falling Edge Slew Rate Duty Cycle Jitter, Cycle to cycle
1118E--08/08/07
SYMBOL ppm Tperiod T abs VOH VOL IOH IOL tSLR tFLR dt1 tjcyc-cyc
CONDITIONS see Tperiod min-max values 48.00MHz output nominal 48.00MHz output nominal IOH = -1 mA IOL = 1 mA V OH @MIN = 1.0 V VOH@MAX = 3.135 V VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V Measured from 0.8 to 2.0 V Measured from 2.0 to 0.8 V VT = 1.5 V VT = 1.5 V
MIN -100 20.83125 20.48130 2.4
MAX 100 20.83542 21.18540 0.4
UNITS NOTES ppm 1,2 ns ns V V mA mA mA mA V/ns V/ns % ps 2 2 1 1 1 1 1 1 1 1 1 1
-29 -23 29 27 1 1 45 2 2 55 350
9
Integrated Circuit Systems, Inc.
ICS9LPR501
Electrical Characteristics - REF-14.318MHz
PARAMETER Long Accuracy Clock period Absolute min/max period Output High Voltage Output Low Voltage Output High Current Output Low Current Rising Edge Slew Rate Falling Edge Slew Rate Duty Cycle Jitter SYMBOL ppm Tperiod Tabs VOH VOL IOH IOL tSLR tFLR dt1 tjcyc-cyc CONDITIONS see Tperiod min-max values 14.318MHz output nominal 14.318MHz output nominal IOH = -1 mA IOL = 1 mA VOH @MIN = 1.0 V, VOH@MAX = 3.135 V VOL @MIN = 1.95 V, VOL @MAX = 0.4 V Measured from 0.8 to 2.0 V Measured from 2.0 to 0.8 V VT = 1.5 V VT = 1.5 V -33 30 1 1 45 MIN -300 69.8203 69.8203 2.4 0.4 -33 38 4 4 55 1000 MAX 300 69.8622 70.86224 UNITS Notes ppm ns ns V V mA mA V/ns V/ns % ps 1,2 2 2 1 1 1 1 1 1 1 1
Electrical Characteristics - SMBus Interface
PARAMETER SMBus Voltage Low-level Output Voltage Current sinking at VOLSMB = 0.4 V SCLK/SDATA Clock/Data Rise Time SCLK/SDATA Clock/Data Fall Time Maximum SMBus Operating Frequency SYMBOL VDD VOLSMB IPULLUP T RI2C T FI2C F SMBUS @ IPULLUP SMB Data Pin (Max VIL - 0.15) to (Min VIH + 0.15) (Min VIH + 0.15) to (Max VIL - 0.15) Block Mode 4 1000 300 100 CONDITIONS MIN 2.7 MAX 5.5 0.4 UNITS Notes V V mA ns ns kHz 1 1 1 1 1 1
Notes on Electrical Characteristics:
1 2 3 4 5
Guaranteed by design and characterization, not 100% tested in production. Slew rate measured through Vswing centered around differential zero Vxabs is defined as the voltage where CLK = CLK#
Only applies to the differential rising edge (CLK rising and CLK# falling) Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#. The average cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. 6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
7 8 9
Operation under these conditions is neither implied, nor guaranteed. Maximum input voltage is not to exceed maximum VDD See PCI Clock-to-Clock Delay Figure
1118E--08/08/07
10
Integrated Circuit Systems, Inc.
ICS9LPR501
Table 1: CPU Frequency Select Table FS LC B0b7 0 0 0 0 1 1 1 1
2
FSLB B0b6 0 0 1 1 0 0 1 1
1
FSLA B0b5 0 1 0 1 0 1 0 1
1
CPU MHz 266.66 133.33 200.00 166.66 333.33 100.00 400.00
SRC MHz
PCI MHz
REF MHz
USB MHz
DOT MHz
100.00
33.33
14.318
48.00
96.00
Reserved
1. FSLA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values. Also refer to the Test Clarification Table. 2. FSLC is a three-level input. Please see the VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values.
Table 2: PLL3 Quick Configuration
B1b4 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 B1b3 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 B1b2 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 B1b1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Pin 17
MHz 100.00 100.00 100.00 100.00 100.00 100.00 N/A 24.576 24.576 98.304 27.000 25.000 27.000 N/A N/A
Pin 18
MHz 100.00 100.00 100.00 100.00 100.00 100.00 N/A 24.576 98.304 98.304 27.000 25.000 27 SS N/A N/A
Spread %
Comment
PLL 3 disabled 0.5% Down Spread SRCCLK1 from SRC_MAIN 0.5% Down Spread Only SRCCLK1 from PLL3 1% Down Spread Only SRCCLK1 from PLL3 1.5% Down Spread Only SRCCLK1 from PLL3 2% Down Spread Only SRCCLK1 from PLL3 2.5% Down Spread Only SRCCLK1 from PLL3 N/A N/A None 24.576Mhz on SE1 and SE2 None 24.576Mhz on SE1, 98.304Mhz on SE2 None 98.304Mhz on SE1 and SE2 None 27Mhz on SE1 and SE2 None 25Mhz on SE1 and SE2 -0.5% Down on Pin 18 27Mhz on SE1 and SE2 N/A N/A N/A N/A
1118E--08/08/07
11
Integrated Circuit Systems, Inc.
ICS9LPR501
Table 3: IO_Vout select table B9b2 B9b1 B9b0 IO_Vout 0.3V 0 0 0 0.4V 0 0 1 0.5V 0 1 0 0.6V 0 1 1 0.7V 1 0 0 0.8V 1 0 1 0.9V 1 1 0 1.0V 1 1 1
Table 4: Device ID table
B8b7 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 B8b6 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 B8b5 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 B8b4 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Comment
56 pin TSSOP 64 pin TSSOP
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
1118E--08/08/07
12
Integrated Circuit Systems, Inc.
ICS9LPR501
CPU Power Management Table
PD# CPU_STOP# 1 0 1 1 1 X 0 X PCI_STOP# 1 X X X M1 CR# X X X X SMBus Register OE Enable Enable Enable Disable CPU1 Running Low/20K High Low/20K Running CPU1# Running Low Low Low Running CPU(0,2) Running Low/20K High Low/20K Low/20K CPU(0,2)# Running Low Low Low Low
SRC, LCD, DOT Power Management Table
PD# CPU_STOP# 1 0 1 1 1 X X X X X PCI_STOP# 1 X 0 X X M1 CR# 0 X X 1 X SMBus Register OE Enable Enable Enable Enable Disable SRC/LCD SRC#/LCD# Free-Run Running Low/20K Running Running Low/20K Low/20K Running Low Running Running Low Low SRC/LCD SRC#/LCD# PCI Stoppable/CR Selected Running Running Low/20K High Low/20K Low/20K Low/20K Low Low Low Low Low DOT Running Low/20K Running Running Low/20K Low/20K DOT# Running Low Running Running Low Low
Singled-ended Power Management Table
PD# CPU_STOP# 1 0 1 1 X X X X PCI_STOP# 1 X 0 X M1 CR# X X X X SMBus Register OE Enable Enable Enable Disable PCIF/PCI Free-run Running Low Running Low Low PCIF/PCI Stoppable Running Low Low Low Low USB Running Low Running Low Low REF Running Low Running Low Low
1118E--08/08/07
13
Integrated Circuit Systems, Inc.
ICS9LPR501
General SMBus serial interface information for the ICS9LPR501 How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) sends the data byte count = X ICS clock will acknowledge Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) * ICS clock will acknowledge each byte one at a time * Controller (host) sends a Stop bit * * * * * * * *
How to Read:
* * * * * * * * * * * * * * Controller (host) will send start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) will send a separate start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the data byte count = X ICS clock sends Byte N + X -1 ICS clock sends Byte 0 through byte X (if X(H) was written to byte 8). Controller (host) will need to acknowledge each byte Controllor (host) will send a not acknowledge bit Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host) starT bit T Slave Address D2(H) WR WRite Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
Index Block Read Operation
Controller (Host) T starT bit Slave Address D2(H) WR WRite Beginning Byte = N ACK RT Repeat starT Slave Address D3(H) RD ReaD ACK Data Byte Count = X ACK Beginning Byte N X Byte ICS (Slave/Receiver)
ACK
ACK
Byte N + X - 1 ACK P stoP bit
ACK
Byte N + X - 1 N P Not acknowledge stoP bit
1118E--08/08/07
14
Integrated Circuit Systems, Inc.
ICS9LPR501
Byte 0 FS Readback and PLL Selection Register
Bit 7 6 5 4 3 2 1 Pin Name FSLC FSLB FSLA iAMT_EN Reserved SRC_Main_SEL SATA_SEL Description CPU Freq. Sel. Bit (Most Significant) CPU Freq. Sel. Bit CPU Freq. Sel. Bit (Least Significant) Set via SMBus or dynamically by CK505 if detects dynamic M1 Reserved Select source for SRC Main Select source for SATA clock 1 = on Power Down de-assert return to last known state 0 = clear all SMBus configurations as if cold power-on and go to latches open state This bit is ignored and treated at '1' if device is in iAMT mode. Type R R R RW RW RW RW Legacy Mode SRC Main = PLL1 SATA = SRC_Main iAMT Enabled SRC Main = PLL3 SATA = PLL2 0 See Table 1 : CPU Frequency Select Table 1 Default Latch Latch Latch 0 0 0 0
0
-
PD_Restore
RW
Configuration Not Saved
Configuration Saved
1
Byte 1 DOT96 Select and PLL3 Quick Config Register
Bit 7 6 5 4 3 2 1 0 Pin 13/14 Name SRC0_SEL PLL1_SSC_SEL PLL3_SSC_SEL PLL3_CF3 PLL3_CF2 PLL3_CF1 PLL3_CF0 PCI_SEL Description Select SRC0 or DOT96 Select 0.5% down or center SSC Select 0.5% down or center SSC PLL3 Quick Config Bit 3 PLL3 Quick Config Bit 2 PLL3 Quick Config Bit 1 PLL3 Quick Config Bit 0 PCI_SEL Type RW RW RW RW RW RW RW RW 0 SRC0 Down spread Down spread 1 DOT96 Center spread Center spread Default 0 0 0 0 0 0 1 1
See Table 2: PLL3 Quick Configuration Only applies if Byte 0, bit 2 = 0. PCI from PLL1 PCI from SRC_MAIN
Byte 2 Output Enable Register
Bit 7 6 5 4 3 2 1 0 Pin Name REF_OE USB_OE PCIF5_OE PCI4_OE PCI3_OE PCI2_OE PCI1_OE PCI0_OE Description Output enable for REF, if disabled output is tri-stated Output enable for USB Output enable for PCI5 Output enable for PCI4 Output enable for PCI3 Output enable for PCI2 Output enable for PCI1 Output enable for PCI0 Type RW RW RW RW RW RW RW RW 0 Output Disabled Output Output Output Output Output Output Output Disabled Disabled Disabled Disabled Disabled Disabled Disabled 1 Output Enabled Output Output Output Output Output Output Output Enabled Enabled Enabled Enabled Enabled Enabled Enabled Default 1 1 1 1 1 1 1 1
Byte 3 Output Enable Register
Bit 7 6 5 4 3 2 1 0 Pin Name SRC11_OE SRC10_OE SRC9_OE SRC8/ITP_OE SRC7_OE SRC6_OE SRC5_OE SRC4_OE Description Output enable for SRC11 Output enable for SRC10 Output enable for SRC9 Output enable for SRC8 or ITP Output enable for SRC7 Output enable for SRC6 Output enable for SRC5 Output enable for SRC4 Type RW RW RW RW RW RW RW RW Output Output Output Output Output Output Output Output 0 Disabled Disabled Disabled Disabled Disabled Disabled Disabled Disabled Output Output Output Output Output Output Output Output 1 Enabled Enabled Enabled Enabled Enabled Enabled Enabled Enabled Default 1 1 1 1 1 1 1 1
Byte 4 Output Enable and Spread Spectrum Disable Register
Bit 7 6 5 4 3 2 1 0 Pin Name SRC3_OE SATA/SRC2_OE SRC1_OE SRC0/DOT96_OE CPU1_OE CPU0_OE PLL1_SSC_ON PLL3_SSC_ON Description Output enable for SRC3 Output enable for SATA/SRC2 Output enable for SRC1 Output enable for SRC0/DOT96 Output enable for CPU1 Output enable for CPU0 Enable PLL1's spread modulation Enable PLL3's spread modulation Type RW RW RW RW RW RW RW RW 0 Output Disabled Output Disabled Output Disabled Output Disabled Output Disabled Output Disabled Spread Disabled Spread Disabled 1 Output Enabled Output Enabled Output Enabled Output Enabled Output Enabled Output Enabled Spread Enabled Spread Enabled Default 1 1 1 1 1 1 1 1
1118E--08/08/07
15
Integrated Circuit Systems, Inc.
ICS9LPR501
Byte 5 Clock Request Enable/Configuration Register
Bit 7 6 5 4 3 2 1 0 Pin Name CR#_A_EN CR#_A_SEL CR#_B_EN CR#_B_SEL CR#_C_EN CR#_C_SEL CR#_D_EN CR#_D_SEL Description Enable CR#_A (clk req), PCI0_OE must be = 1 for this bit to take effect Sets CR#_A to control either SRC0 or SRC2 Enable CR#_B (clk req) Sets CR#_B -> SRC1 or SRC4 Enable CR#_C (clk req) Sets CR#_C -> SRC0 or SRC2 Enable CR#_D (clk req) Sets CR#_D -> SRC1 or SRC4 Type RW RW RW RW RW RW RW RW 0 Disable CR#_A CR#_A -> SRC0 Disable CR#_B CR#_B -> SRC1 Disable CR#_C CR#_C -> SRC0 Disable CR#_D CR#_D -> SRC1 1 Enable CR#_A CR#_A -> SRC2 Enable CR#_B CR#_B -> SRC4 Enable CR#_C CR#_C -> SRC2 Enable CR#_D CR#_D -> SRC4 Default 0 0 0 0 0 0 0 0
Byte 6 Clock Request Enable/Configuration and Stop Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name CR#_E_EN CR#_F_EN CR#_G_EN CR#_H_EN Reserved Reserved SSCD_STP_CRTL (SRC1) SRC_STP_CRTL Description Enable CR#_E (clk req) -> SRC6 Enable CR#_F (clk req) -> SRC8 Enable CR#_G (clk req) -> SRC9 Enable CR#_H (clk req) -> SRC10 Reserved Reserved If set, SSCD (SRC1) stops with PCI_STOP# If set, SRCs (except SRC1) stop with PCI_STOP# Type RW RW RW RW RW RW RW RW 0 Disable CR#_E Disable CR#_F Disable CR#_G Disable CR#_H 1 Enable CR#_E Enable CR#_F Enable CR#_G Enable CR#_H Default 0 0 0 0 0 0 0 0
Free Running Free Running
Stops with PCI_STOP# assertion Stops with PCI_STOP# assertion
Byte 7 Vendor ID/ Revision ID
Bit 7 6 5 4 3 2 1 0 Pin Name Rev Code Bit Rev Code Bit Rev Code Bit Rev Code Bit Vendor ID bit Vendor ID bit Vendor ID bit Vendor ID bit Description 3 2 1 0 3 2 1 0 Revision ID Type R R R R R R R R 0 Vendor specific 1 Default X X X X 0 0 0 1
Vendor ID ICS is 0001, binary
Byte 8 Device ID and Output Enable Register
Bit 7 6 5 4 3 2 1 0 Pin Name Device_ID3 Device_ID2 Device_ID1 Device_ID0 Reserved Reserved SE1_OE SE2_OE Description Table of Device identifier codes, used for differentiating between CK505 package options, etc. Reserved Reserved Output enable for SE1 Output enable for SE2 Type R R R R RW RW RW RW 0 See Device ID Table 1 Default 0 0 0 1 0 0 0 0
Disabled Disabled
Enabled Enabled
Byte 9 Output Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name PCIF5 STOP EN TME_Readback REF Strength Test Mode Select Test Mode Entry IO_VOUT2 IO_VOUT1 IO_VOUT0 Description Allows control of PCIF5 with assertion of PCI_STOP# Truested Mode Enable (TME) strap status Sets the REF output drive strength Allows test select, ignores REF/FSC/TestSel Allows entry into test mode, ignores FSB/TestMode IO Output Voltage Select (Most Significant Bit) IO Output Voltage Select IO Output Voltage Select (Least Significant Bit) Type RW R RW RW RW RW RW RW 0 Free running normal operation 1X (2Loads) Outputs HI-Z Normal operation See Table 3: V_IO Selection (Default is 0.8V) 1 Stops with PCI_STOP# assertion no overclocking 2X (3 Loads) Outputs = REF/N Test mode Default 0 0 1 0 0 1 0 1
1118E--08/08/07
16
Integrated Circuit Systems, Inc.
ICS9LPR501
Byte 10 CK505 Rev 0.85 Functions (ICS Rev H Silicon and Higher)
Bit 7 6 5 4 3 2 1 0 Pin Name SRC5_EN Readback Reserved Reserved Reserved Reserved Reserved CPU 1 Stop Enable CPU 0 Stop Enable Description Readback of SRC5 enable latch Type R RW RW RW RW RW RW RW 0 CPU/PCI Stop Enabled TBD TBD TBD TBD TBD Free Running Free Running 1 SRC5 Enabled TBD TBD TBD TBD TBD Stoppable Stoppable Default Latch 0 0 0 0 0 1 1
Reserved
Enables control of CPU1 with CPU_STOP# Enables control of CPU 0 with CPU_STOP#
Byte 11 CK505 Rev 1.0 functions (ICS Rev P silicon and higher)
Bit 7 6 5 4 3 2 1 0 Pin Name Reserved Reserved Reserved Reserved CPU2_iAMT_EN CPU1_iAMT_EN PCIe-Gen2 CPU2 Stop Enable Description Reserved Enables CPU2(ITP) output in iAMT state (M1) Enables CPU1 output in iAMT state (M1) PCIe-Gen2 status Enables control of CPU2(ITP) with CPU_STOP# Type RW RW RW RW RW RW R RW 0 TBD TBD TBD TBD Off in iAMT Off in iAMT non-Gen2 Free Running 1 TBD TBD TBD TBD Free running in iAMT Free running in iAMT PCIe Gen2 compliant Stoppable Default 0 0 0 0 0 1 0 1
Byte 12 Byte Count Register
Bit 7 6 5 4 3 2 1 0 Pin Name Reserved Reserved BC5 BC4 BC3 BC2 BC1 BC0 Description Type RW RW RW RW RW RW RW RW 0 1 Default 0 0 0 0 1 1 0 1
Read Back byte count register
Byte 13 CK505 PLL1 M/N Programming Register
Bit 7 6 5 4 3 2 1 0 Pin Name N Div8 N Div9 M Div5 M Div4 M Div3 M Div2 M Div1 M Div0 Type RW RW RW RW The decimal representation of M Div (5:0) is equal RW to reference divider value. Default at power up = RW latch-in or Byte 0 Rom table. RW RW Description N Divider 8 N Divider 9 0 1 Default X X X X X X X X
Byte 14 CK505 PLL1 M/N Programming Register
Bit 7 6 5 4 3 2 1 0 Pin Name N Div7 N Div6 N Div5 N Div4 N Div3 N Div2 N Div1 N Div0 Type RW RW RW The decimal representation of N Div (9:0) is equal RW to VCO divider value. Default at power up = latchRW in or Byte 0 Rom table. RW RW RW Description 0 1 Default X X X X X X X X
Byte 15 CK505 PLL1 Spread Spectrum Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name SSP7 SSP6 SSP5 SSP4 SSP3 SSP2 SSP1 SSP0 Description Type RW RW RW RW RW RW RW RW 0 1 Default X X X X X X X X
These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values.
1118E--08/08/07
17
Integrated Circuit Systems, Inc.
ICS9LPR501
Byte 16 CK505 PLL1 Spread Spectrum Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name Reserved SSP14 SSP13 SSP12 SSP11 SSP10 SSP9 SSP8 Description Reserved Type RW RW RW RW RW RW RW RW 0 1 Default 0 x X X X X X X
These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values.
Byte 17 CK505 PLL3 M/N Programming Register
Bit 7 6 5 4 3 2 1 0 Pin Name N Div8 N Div9 M Div5 M Div4 M Div3 M Div2 M Div1 M Div0 Type RW RW RW RW The decimal representation of M Div (5:0) is equal RW to reference divider value. Default at power up = RW latch-in or Byte 0 Rom table. RW RW Description N Divider 8 N Divider 9 0 1 Default X X X X X X X X
Byte 18 CK505 PLL3 M/N Programming Register
Bit 7 6 5 4 3 2 1 0 Pin Name N Div7 N Div6 N Div5 N Div4 N Div3 N Div2 N Div1 N Div0 Type RW RW RW The decimal representation of N Div (9:0) is equal RW to VCO divider value. Default at power up = latchRW in or Byte 0 Rom table. RW RW RW Description 0 1 Default X X X X X X X X
Byte 19 CK505 PLL3 Spread Spectrum Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name SSP7 SSP6 SSP5 SSP4 SSP3 SSP2 SSP1 SSP0 Description Type RW RW RW RW RW RW RW RW 0 1 Default X X X X X X X X
These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values.
Byte 20 CK505 PLL3 Spread Spectrum Control Register
Bit 7 6 5 4 3 2 1 0 Pin Name Reserved SSP14 SSP13 SSP12 SSP11 SSP10 SSP9 SSP8 Description Reserved Type RW RW RW RW RW RW RW RW 0 1 Default 0 X X X X X X X
These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values.
Byte 21 M/N Enables
Bit 7 6 5 4 3 2 1 0 Pin Name Reserved Reserved Reserved Reserved Reserved Reserved M/N Enable CPU M/N Enable SRC/PCI Description Type RW RW RW RW RW RW RW RW 0 1 Default 0 0 0 0 0 0 0 0
Disable Disable
Enable Enable
1118E--08/08/07
18
Integrated Circuit Systems, Inc.
ICS9LPR501
Byte 22 CPU M/N Programming
Bit 7 6 5 4 3 2 1 0 Pin Name N Div bit 8 N Div bit 9 M Div Bit 5 M Div Bit 4 M Div Bit 3 M Div Bit 2 M Div Bit 1 M Div Bit 0 Description PLL 1 M/N Programming (Intel PLL1 CPU) Type RW RW RW RW RW RW RW RW 0 1 Default X X X X X X X X
Byte 23 CPU M/N Programming
Bit 7 6 5 4 3 2 1 0 Pin Name N Div bit 7 N Div bit 6 N Div bit 5 N Div bit 4 N Div bit 3 N Div bit 2 N Div bit 1 N Div Bit 0 Description PLL 1 M/N Programming (Intel PLL1 CPU) Type RW RW RW RW RW RW RW RW 0 1 Default X X X X X X X X
Byte 24 CPU Divider Programming
Bit
7 6 5 4 3 2 1 0
Pin
Name Reserved Reserved Reserved Reserved CPUDiv3 CPUDiv2 CPUDiv1 CPUDiv0
Description
Reserved
Type RW RW RW RW RW
0
1
Default
0 0 0 0
0000:/2 0001:/3 0010:/5 0011:/7
1000:/8 1001:/12 1010:/20 1011:/28
X X X X
CPU Divider Ratio Programming Bits
RW RW RW
Byte 25 SRC and PCI Divider Programming (CK505 PLL1)
Bit
7 6 5 4 3 2 1 0
Pin
Name PCIDiv3 PCIDiv2 PCIDiv1 PCIDiv0 SRCDiv3 SRCDiv2 SRCDiv1 SRCDiv0
Description
PCI Divider Ratio Programming Bits for PLL1
Type RW RW RW RW RW RW RW RW
0 0000:/2 0001:/3 0010:/5 0011:/9 0000:/2 0001:/3 0010:/5 0011:/9
1 1000:/8 1001:/12 1010:/20 1011:/36 1000:/8 1001:/12 1010:/20 1011:/36
Default
X X X X X X X X
SRC Divider Ratio Programming Bits
Byte 63 Special Power Management Features (Rev P Silicon and Higher)
Bit 7 6 5 4 3 2 1 0 Pin Name Description Internal flags RW RW RW RW RW RW RW RW RW 0 1 Default 0 0 0 0 0 0 0 1
SATA PLL XTAL PD Control
Power Management Feature Controls XTAL on/off in legacy PD
off off
on on
1118E--08/08/07
19
Integrated Circuit Systems, Inc.
ICS9LPR501
Test Clarification Table
Comments HW SW
REF/N or HI-Z B9b4 FSLB/ FSLC/ TEST_MOD TEST TEST_SEL E ENTRY BIT HW PIN HW PIN B9b3
Power-up w/ TEST_SEL = 1 to enter test mode Cycle power to disable test mode FSLC./TEST_SEL -->3-level latched input If power-up w/ V>2.0V then use TEST_SEL If power-up w/ V<2.0V then use FSLC FSLB/TEST_MODE -->low Vth input TEST_MODE is a real time input If TEST_SEL HW pin is 0 during power-up, test mode can be invoked through B9b3. If test mode is invoked by B9b3, only B9b4 is used to select HI-Z or REF/N FSLB/TEST_Mode pin is not used. Cycle power to disable test mode, one shot control
<2.0V >2.0V >2.0V >2.0V
X 0 0 1
0 X X X
0 0 1 0
OUTPUT NORMAL HI-Z REF/N REF/N
>2.0V
1
X
1
REF/N
<2.0V
X
1
0
HI-Z
<2.0V
X
1
1
REF/N
B9b3: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION) B9b4: 1= REF/N, Default = 0 (HI-Z)
1118E--08/08/07
20
Integrated Circuit Systems, Inc.
ICS9LPR501
N
c
L
SYMBOL A A1 A2 b c D E E1 e L N aaa VARIATIONS
INDEX AREA
E1
E
12 D
a
6.10 mm. Body, 0.50 mm. Pitch TSSOP (240 mil) (20 mil) In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX -1.20 -.047 0.05 0.15 .002 .006 0.80 1.05 .032 .041 0.17 0.27 .007 .011 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS 8.10 BASIC 0.319 BASIC 6.00 6.20 .236 .244 0.50 BASIC 0.020 BASIC 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS 0 8 0 8 -0.10 -.004
A2 A1
A
-Ce
b SEATING PLANE
N 64
D mm. MIN 16.90 MAX 17.10 MIN .665
D (inch) MAX .673
Reference Doc.: JEDEC Publication 95, MO-153
aaa C
10-0039
Ordering Information
ICS9LPR501yGLFT
Example:
ICS XXXX y G LF T
Designation for tape and reel packaging Lead Free, RoHS Compliant (Optional) Package Type G = TSSOP Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 to 7 digit numbers) Prefix ICS = Standard Device
1118E--08/08/07
21
Integrated Circuit Systems, Inc.
ICS9LPR501
Revision History
Rev. A B C D E Issue Date Description 1. Updated Byte 11 10/27/06 2. Updated IDD to CK505 Rev 1.0 spec 1. Updated M/N programming bytes, removed the +2 and +8 02/09/07 2. Added Byte 63 bit 1 for SATA PLL on/off 04/03/07 Added Bytes 24-25. 04/17/07 Removed SSOP Ordering Information. 08/08/07 Release to Final. Page # Various Various 20 22 -
1118E--08/08/07
22


▲Up To Search▲   

 
Price & Availability of ICS9LPR501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X