Part Number Hot Search : 
2N4427 MK1411S FSL137 SLC555D ELL6SH8 90030 DAC08EF TNY255P
Product Description
Full Text Search
 

To Download HMC561 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Features
High Output Power: +17 dBm Low Input Power Drive: 0 to +6 dBm Fo Isolation: 15 dBc @ Fout= 16 GHz 100 KHz SSB Phase Noise: -139 dBc/Hz Die Size: 1.6 x 0.9 x 0.1 mm
Typical Applications
2
FREQUENCY MULTIPLIERS - CHIP
The HMC561 is suitable for: * Clock Generation Applications: SONET OC-192 & SDH STM-64 * Point-to-Point & VSAT Radios * Test Instrumentation * Military & Space
Functional Diagram
General Description
The HMC561 is a x2 active broadband frequency multiplier chip utilizing GaAs PHEMT technology. When driven by a +5 dBm signal, the multiplier provides +17 dBm typical output power from 8 to 21 GHz and the Fo and 3Fo isolations are 15 dBc at 16 GHz. The HMC561 is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -139 dBc/Hz at 100 kHz offset helps maintain good system noise performance.
Electrical Specifications, TA = +25C, Vdd1= Vdd2= +5V, 5 dBm Drive Level
Parameter Frequency Range, Input Frequency Range, Output Output Power Fo Isolation (with respect to output level) 3Fo Isolation (with respect to output level) 4Fo Isolation (with respect to output level) Input Return Loss Output Return Loss SSB Phase Noise (100 kHz Offset) Supply Current (Idd) (Vdd1= Vdd2= +5V, Vgg = -1.7V Typ.) *Adjust Vgg between -2.0 and -1.2V to achieve Idd1 + Idd2 = 98 mA 14 Min. Typ. 4 - 10.5 8 - 21 17 15 15 15 15 12 -139 98 126 Max. Units GHz GHz dBm dBc dBc dBc dB dB dBc/Hz mA
2 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Output Power vs. Temperature @ 5 dBm Drive Level
22 20 OUTPUT POWER (dBm)
Output Power vs. Drive Level
20 15 10 5 0 -5 -10
-2 dBm 0 dBm 4 dBm 2 dBm 6 dBm
2
FREQUENCY MULTIPLIERS - CHIP
2 - 39
16 14 12 10 8 6 4 2 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 FREQUENCY (GHz)
+25C +85C -55C
OUTPUT POWER (dBm)
18
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 FREQUENCY (GHz)
Output Power vs. Supply Voltage @ 5 dBm Drive Level
22 20 OUTPUT POWER (dBm)
Isolation @ 5 dBm Drive Level
20 15 OUTPUT POWER (dBm) 10 5 0 -5 -10 -15 -20 -25 -30 -35
F0 2F0 3F0 4F0
18 16 14 12 10 8 6 4 2 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 FREQUENCY (GHz)
4.5V 5.0V 5.5V
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 FREQUENCY (GHz)
Output Power vs. Input Power
25 20 OUTPUT POWER (dBm) 15 10 5 0 -5 -10 -15 -4 -2 0 2 4 6 8 10 INPUT POWER (dBm)
8GHz 14GHz 20GHz
SSB Phase Noise Performance, Fout= 16 GHz, Input Power = +3 dBm
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 2 10 SSB PHASE NOISE (dBc/Hz)
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
0
+25C -55C +85C
2
RETURN LOSS (dB)
0 -5
-4
FREQUENCY MULTIPLIERS - CHIP
-15 -20 -25 -30 -35 -40 3 4 5 6 7 8 9 10 11 12 FREQUENCY (GHz)
+25C +85C -55C
RETURN LOSS (dB)
-10
-8
-12
-16
-20 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 FREQUENCY (GHz)
Supply Current vs. Input Power
130 125 120 115 110 Idd (mA) 105 100 95 90 85 80 75 70 -10 -8 -6 -4 -2 0 2 4 6 8 10
INPUT POWER (dBm)
Absolute Maximum Ratings
RF Input (Vdd1= Vdd2= +5V) Supply Voltage (Vdd1, Vdd2) Channel Temperature Continuous Pdiss (T= 85 C) (derate 10.4 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +10 dBm +5.5 Vdc 175 C 940 mW 95.9 C/W -65 to +150 C -40 to +85 C
Typical Supply Current vs. Vdd1, Vdd2
Vdd1, Vdd2 (Vdc) 4.5 5.0 5.5 Idd1 + Idd2 (mA) 97 98 99
Note: Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
2 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Outline Drawing
2
FREQUENCY MULTIPLIERS - CHIP
2 - 41
Pin Description
Pin Number Function Description Interface Schematic
1, 4, 8
GND
Die bottom must be connected to RF ground.
2
RFIN
Pin is AC coupled and matched to 50 Ohms.
3
Vgg
Gate control for multiplier. Adjust to achieve Idd of 98 mA. Please follow "MMIC Amplifier Biasing Procedure" Application note.
5, 6
Vdd1, Vdd2
Supply voltage 5V 0.5V.
7
RFOUT
Pin is AC coupled and matched to 50 Ohms.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Assembly Diagram
2
FREQUENCY MULTIPLIERS - CHIP
2 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC561
v00.0407
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils). Gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is recommended to minimize inductance on RF, LO & IF ports. An RF bypass capacitor should be used on the Vdd input. A 100 pF single layer capacitor (mounted eutectically or by conductive epoxy) placed no further than 0.762mm (30 Mils) from the chip is recommended.
0.102mm (0.004") Thick GaAs MMIC
Wire 3 mil Ribbon Bond
2
FREQUENCY MULTIPLIERS - CHIP
2 - 43
0.076mm (0.003")
RF Ground Plane
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes.
0.102mm (0.004") Thick GaAs MMIC
Ribbon Bond 0.076mm (0.003")
RF Ground Plane
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC561

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X