Part Number Hot Search : 
FMBM5401 MTS800 P4N60 1N2999C IF850 LA2340 1N4743 IRFF113
Product Description
Full Text Search
 

To Download HER103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
HER101 THRU HER108
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0Amperes
FEATURES
. Plastic package has Underwrites Laboratory Flammability Classification 94V-0 . Low forward voltage drop . High current capability . High reliability . Low power loss,high effciency . High surge current capability . High speed seitching . Low leakage
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body . Epoxy: UL94V-0 rate flame retardant . Lead: plated axial leads, solderable per MIL-STD-750, method 2026 . Polarity: Color band denotes cathode end . Mounting Position: Any . Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive) load. For capacitive load,derate current by 20%)
HER HER HER HER HER HER HER HER Symbols 101 102 103 104 105 106 107 108
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=50 Peak forward surge current 8.3ms sing-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0 A Maximum DC Rreverse Current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm)lead length at TL=55 Maximum reverse recovery time(Note 1) Typical junction Capacitance(Note 2) Operating and storage temperature range Trr 50 15 -65 to +150 70 12 IR 100 VF 1.0 1.3 5.0 1.7 IFSM 30.0 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 300 210 300 1.0 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amp
Amps
Volts
A
ns pF
CJ
TJ TSTG
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A. 2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
HER101 THRU HER108
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0Amperes
RATINGS AND CHARACTERISTIC CURVES HER101 THRU HER108
FLG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARATERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.6-TYPICAL JUNCTION CAPACITANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of HER103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X