Part Number Hot Search : 
MSMB5298 DS2431 SK231 2N7372 SFH450V MM159X G510102 AT24C
Product Description
Full Text Search
 

To Download HDSP-561A-00000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HDSP-301x/303x Series HDSP-561x/563x Series 10 mm and 13 mm Slim Font Seven Segment Displays
Data Sheet
Features * Excellent appearance * Slim font design * Mitered corners, evenly illuminated segments Description These slim font seven segment displays incorporate a new slim font character design. This slim font features narrow width, specially mitered segments to give a fuller appearance to the illuminated character. Faces of these displays are painted a neutral gray for enhanced on/off contrast. All devices are available in either common anode or common cathode configuration with right hand decimal point. * Gray face for optimum on/off contrast * Choice of colors: HER, green, yellow, and AlGaAs * Choice of character size: 10 mm and 13 mm * Characterized for luminous intensity
Devices HER HDSP301E 303E 561E 563E Green HDSP301G 303G 561G 563G Yellow HDSP301Y 303Y 561Y 563Y AlGaAs HDSP301A 303A 561A 563A Description Common Anode, 10 mm Display Common Cathode, 10 mm Display Common Anode, 13 mm Display Common Cathode, 13 mm Display
Part Numbering System
5082 - x xx x - x x x xx HDSP - x xx x - x x x xx Mechanical Options[1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color[1] A: AlGaAs Red E: High Efficiency Red G: Green Y: Yellow Device Specific Configuration[1] Refer to Respective Data Sheet Package[1] Refer to Respective Data Sheet
Notes: 1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part-number. Color and Intensity Binbs are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective data sheet for specific bin limit information.
2
HDSP-301x/303x Series
FRONT VIEW
6.00 (0.236) 0.90 (0.035)
RIGHT SIDE
COUNTRY OF ORIGIN LUMINOUS INTENSITY CATEGORY COLOR BIN
10.00
2.54 0.38 (0.100)
10.00 (0.394) 1.85 (0.073)
HDSP-XXXX YWW XZ COO
12.80 0.25 (0.504)
4 x 2.54 (0.400)
O 1.20 (0.047)
6.40 0.25 (0.252) 7.00 0.25 (0.276)
0.53 0.05 (0.021)
TOP SIDE
9.70 0.25 (0.382)
10.40 MIN. (0.409)
DATE CODE
1+ 2+F
A
+ 10 +9
B
G
3+ 4+
0.30 0.05 (0.012) 7.62 0.38 (0.300) E D
+8
C+7 DP
5+
+6
PIN 6
NOTE: QDSP-399G DOES NOT HAVE PIN 6.
Pin 1 2 3 4 5 6 7 8 9 10
Function G F Common A/C E D DP C Common A/C B A
3
HDSP-561x/563x Series
45
7.40 (0.292) 10 1.25 (0.049)
13.00 (0.512)
17.50 0.3/-0.25 (0.689)
15.24 0.3 (0.600)
0.29 0.08 TYP. (0.011)
1.25 O (0.049)
6.40 0.25 (0.252) 3.60 0.3 (0.142) 7.00 0.25 (0.276)
12.25 0.25 (0.482)
10
9
8 a
7
6
f g b
0.58 0.08 (0.023)
3.59 0.3 TYP. (0.141) 2.54 0.3 TYP. (0.100)
e
c
d 1 2 3
DP 4 5
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. UNLESS OTHERWISE STATED, TOLERANCES ARE 0.25 mm.
Pin 1 2 3 4 5 6 7 8 9 10
Function E D Common A/C C DP B A Common A/C F G
4
Absolute Maximum Ratings Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wavesoldering Temperature for 3 Seconds 1.59 mm below body
Notes: 1. Derate above 33C at 0.34 mA/C for HER. 2. Derate above 27C at 0.32 mA/C for Green. 3. Derate above 30C at 0.33 mA/C for Yellow. 4. Derate above 60C at 0.25 mA/C for AlGaAs.
HER 105 90 30 -40 to +80 -40 to +80 5 250
Green 105 90 30 -40 to +80 -40 to +80 5 250
Yellow 105 90 30 -40 to +80 -40 to +80 5 250
AlGaAs 37 45 15 -20 to +80 -40 to +80 5 250
Units mW mA mA C C V C
Electrical/Optical Characteristics at TA = 25C HER Device Series HDSPParameter 301/303E Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin HER Device Series HDSPParameter 561/563E Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d IR RJ-PIN
Min. 1.251
Typ. 2.000 1.90 635 625
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Symbol IV VF PEAK d IR RJ-PIN
Min. 2.001
Typ. 3.526 1.90 635 625
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
5
Green Device Series HDSPParameter 301/303G Luminous Intensity/Segment (digit average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin Green Device Series HDSPParameter 561/563G Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d IR RJ-PIN
Min. 2.001
Typ. 3.200 2.25 568 573
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Symbol IV VF PEAK d IR RJ-PIN
Min. 3.201
Typ. 5.601 2.25 568 573
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Yellow Device Series HDSPParameter 301/303Y Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d IR RJ-PIN
Min. 1.251
Typ. 2.000 2.15 589 590
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
6
Yellow Device Series HDSPParameter 561/563Y Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d IR RJ-PIN
Min. 2.00
Typ. 3.526 2.15 589 590
Max.
Units mcd V
Test Conditions IF = 10 mA IF = 20 mA
2.50
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Notes: 1. Typical specification for reference only. Do not exceed absolute maximum ratings. 2. The dominant wavelength, , is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
AlGaAs Device Series HDSPParameter 301/303A Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin AlGaAs Device Series HDSPParameter 561/563A Luminous Intensity/Segment (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength Reverse Current Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d IR RJ-PIN
Min. 0.320
Typ. 0.505 1.80 660 643
Max.
Units mcd V
Test Conditions IF = 1 mA IF = 20 mA
2.20
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Symbol IV VF PEAK d IR RJ-PIN
Min. 0.506
Typ. 0.878 1.80 660 643
Max.
Units mcd V
Test Conditions IF = 1 mA IF = 20 mA
2.20
100 351.5
nm IF = 20 mA nm IF = 20 mA A VR = 5 V C/W/Seg.
Notes: 1. Typical specification for reference only. Do not exceed absolute maximum ratings. 2. The dominant wavelength, , is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
7
Intensity Bin Limits (mcd) Green
HDSP-301G/303G/561G/563G IV Bin Category Min. Max. K 1.800 3.600 L 2.800 5.600
Color Categories
Color Green Yellow Bin 3 4 2 3 Dominant Wavelength (nm) Min. Max. 570.00 574.50 567.00 571.50 586.50 590.00 584.00 587.50
Yellow
HDSP-301Y/303Y IV Bin Category Min. I 1.100 K 1.800 Max. 2.200 3.600
Note: 1. All categories are established for classification of products. Products may not be available in all categories. Please contact your Agilent representatives for further clarification/information.
Yellow
HDSP-561Y/563Y IV Bin Category Min. K 1.800 L 2.800 Max. 3.600 5.600
HER
HDSP-301E/303E/561E/563E IV Bin Category Min. Max. I 1.100 2.200 K 1.800 3.600
AlGaAs Red
HDSP-301A/303A/561A/563A IV Bin Category Min. Max. F 0.280 0.560 G 0.450 0.900
8
HDSP-301x/303x Series
IF - FORWARD CURRENT PER SEGMENT - mA
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER AND YELLOW AND TO 1 AT 10 mA FOR GREEN)
45
120 YELLOW 100 AlGaAs 80 HER 60 GREEN 40 20 0 0.0
12 10 8 YELLOW 6 4 AlGaAs 2 GREEN 0 0 5 10 15 20 25 30 35 40 HER
IDC - MAXIMUM DC CURRENT PER SEGMENT - mA
40 35
HER
RJ = 770C/W
30
YELLOW
25 20 15 10 5 0
GREEN
AlGaAs
0 10 20 30 40 50 60 70 80 90 100110120 TA - AMBIENT TEMPERATURE - C
1.0
2.0
3.0
4.0
5.0
VF - FORWARD VOLTAGE - V
IF - DC FORWARD CURRENT - mA
Figure 1. Maximum allowable DC current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC forward current.
HDSP-561x/563x Series
IF - FORWARD CURRENT PER SEGMENT - mA
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER AND YELLOW AND TO 1 AT 10 mA FOR GREEN)
45
120 YELLOW 100 AlGaAs 80 HER 60 GREEN 40 20 0 0.0
12 10 8 YELLOW 6 4 AlGaAs 2 GREEN 0 0 5 10 15 20 25 30 35 40 HER
IDC - MAXIMUM DC CURRENT PER SEGMENT - mA
40 35
HER
RJ = 770C/W
30
YELLOW
25 20 15 10 5 0
GREEN
AlGaAs
0 10 20 30 40 50 60 70 80 90 100110120 TA - AMBIENT TEMPERATURE - C
1.0
2.0
3.0
4.0
5.0
VF - FORWARD VOLTAGE - V
IF - DC FORWARD CURRENT - mA
Figure 4. Maximum allowable DC current vs. ambient temperature.
Figure 5. Forward current vs. forward voltage.
Figure 6. Relative luminous intensity vs. DC forward current.
Contrast Enhancement For information on contrast enhancement, please see Application Note 1015. Soldering/Cleaning Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride,
trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs, please refer to Application Note 1027.
9
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/ International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Obsoletes 5980-2919EN July 11, 2004 5988-4352EN


▲Up To Search▲   

 
Price & Availability of HDSP-561A-00000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X