Part Number Hot Search : 
CA91C078 AN8488SB GU88LS02 OP280V TC9198F MM68FGN ULN2003N 88523
Product Description
Full Text Search
 

To Download HDM3224ATS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224ATS-1
Dimensional Drawing
167.0 4.0 152.0 148.0 22.0 5.5 7.32 2.3 4.0 24.42 122.0 (VIEWING AREA) 115.0 (320 DOTS) 13.0 MAX 7.70.5 JAE/IL-G-4S-S3C2 0.33 115.17 200.01.0 0.03 0.33 0.03
320 X 240 Dots Graphic CCFL Backlight w/ Analog Touch Screen
CONNECTOR INFORMATION: SUPPLIED WITH 1.25mm FFC MATING: MOLEX 5597-14APB TOUCH SCREEN: MATING: MOLEX 39-51-3083
103.0 (T.S. GLASS)
109.00.5
104.00.5
101.00.2
3.0 92.0 86.4 5.0
4 1
1 4
50.01.0
4-y3.4
139.0 (T.S. GLASS) 35.0 TOUCH PANEL ACTIVE AREA
Dimension tolerance: +/-0.3mm
1
14
Features Features Backlight.........................................................................CCFL Options........................................STN/Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG 0 0 0 -20 MIN MAX 7.0 30.0 7.0 50 70 UNIT V V V C C
Physical Data Module Size..............................167.0W x 109.0H x 13.0T mm Viewing Area Size....................................122.0W x 92.0H mm Dot Pitch....................................................0.36W x 0.36H mm Dot Size.....................................................0.33W x 0.33H mm Weight..............................................................................205g
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 D0 D1 D2 D3 DISPOFF FRAME NC LOAD CP vDD VSS VEE VL FGND VCFL NC NC VCFL H/L H H/L H/L 5V 0V -22V H=On, L=Off First Line Marker No Connection Data Latch Data shift Power supply for logic Ground Power supply for LCD Operating voltage for LC Front panel ground H/L Display Data
Power Supply
VDD + RH L C M VLCD VSS VL VEE RH+RL = 10 ~ 20KW + RL 24V 5V
5 6 7 8 9 10 11 12 13 14 1
CCFL CONNECTOR
Power supply for CCFL No Connection No Connection CCFL Ground
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER SYM CONDITION MIN TYP MAX UNIT
2 3 4 V V V V V V 1 2 3 4
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE
VIH VIL VOH
-
0.8 VDD -
-
0.2 VDD 0.4 5.5 22.9
Touch Panel Connector
PIN SYMBOL YU XR YD XL Up Right Down Left FUNCTION
IOH=0.4mA VDD -0.4 IOL=0.4mA 4.5 22.1 5.0 22.5
OUTPUT LOW VOLTAGE VOL SUPPLY VOLTAGE DRIVE METHOD VDD VLCD
1/240 DUTY
Page 30
86.37


▲Up To Search▲   

 
Price & Availability of HDM3224ATS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X