Part Number Hot Search : 
12VDC 5KE10A 2SC4791 CWTF2 11004 CWTF2 FDLL923 BG12864E
Product Description
Full Text Search
 

To Download HDM3224-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224-Z
Dimensional Drawing 4.9" 320 X 240 Dots Graphic CCFL Backlight
CONNECTOR INFORMATION: 1) INTERFACE CONNECTOR ELCO 6224-12P-S-A or EQIVALENT 2) CCFL CONNECTOR MITSUMI M63M83-04 or EQIVALENT MATING CONNECTOR MITSUMI M60-04-30-134P or MITSUMI M60-04-30-114P or MITSUMI M61M73-04
Dimension tolerance: +/-0.5mm
Features Features Backlight.................................................................CCFL, LED Options.............................BLUE STN/ Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None Physical Data Module Size...........................142.6W x 92.6H x Max 7.5T mm Viewing Area Size....................................100.0W x 75.5H mm Dot Pitch.....................................................0.30W x 0.30H mm Dot Size..................................................0.285W x 0.285H mm Weight...............................................................................120g Power Supply
Electrical Characteristics (VDD=5.00.25V, 25C)
PARAMETER SYM CONDITION MIN TYP MAX UNIT
LOGIC SUPPLY VOLTAGE LC DRIVING VOLTAGE CCFL START VOLTAGE CCFL VOLTAGE CCFL CURRENT CCFL POWER CCFL FREQUENCY DRIVE METHOD
VDD-VSS VDD-VEE VS VL IL PL FL
Ta = 0C Ta = 25C Ta = 50C
4.75 2.7 22.9 21.9 20.9 4 1/240 DUTY
5.0 3.0 23.2 22.2 21.2 420 280 5 1.4 35
5.25 3.3 23.5 22.5 21.5 1000 6 -
V V V V V Vrms Vrms Arms W KHz
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 5 6 7 8 9 FRAME LOAD CP vDD VSS VEE D0 D1 D2 D3 DISPOFF NC GND NC NC HV H/L H=On, L=Off No Connection H/L Display Data H H/L H/L 5V 0V First Line Marker Data Latch Data shift Power supply for logic Ground Power supply for LC
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG 0 0 0 -20 MIN MAX 6.5 27.0 7.0 50 70 UNIT V V V C C
10 11 12 1 2 3 4
CCFL CONNECTOR
CCFL Ground No Connection No Connection Power supply for CCFL
Page 30


▲Up To Search▲   

 
Price & Availability of HDM3224-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X