Part Number Hot Search : 
DS2890V SB130 2SAA1 26LV400 MBRF2 CSNE371 RT3050 F2UAOR0
Product Description
Full Text Search
 

To Download HDM3224-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM3224-C
Dimensional Drawing
168.0 MAX 152.0 82.0 77.0 73.5 66.0 0.09 50.5 12410 8.02.0 4.01.0 17.00.3 1 0.03
320 X 240 Dots Color Graphic CCFL Backlight
46.5
90.9 (BEZEL OPENING)
0.33
115.17 (ACTIVE AREA) 120.0 (BEZEL OPENING)
86.370.2 (ACTIVE AREA)
R
G
B
111.00.5
101.0
P1.0X15=15.0
16 CENTER OF ACTIVE AREA
50.5
46.5
101.0
M63M83-04 (MITSUMI)
1 4
2-R1.75 CONDUCTOR
5.90.5
2-O3.5
6015 6.40.5 CONNECTOR INFORMATION: SUPPLIED WITH 1.0mm FFC MATING: MOLEX 52271-1690
Dimension tolerance: +/-0.3mm
Features Features Backlight..........................................................................CCFL Options....................................................................Color RGB Normal/Extended Temperature Bottom Viewing Built-in Controller.............................................................None Physical Data Module Size................................168.0W x 111.0H x 6.4T mm Viewing Area Size....................................120.0W x 90.0H mm Dot Pitch....................................................0.36W x 0.36H mm Dot Size.....................................................0.09W x 0.33H mm Weight..............................................................................280g Power Supply
VDD + RH L C M VLCD VSS VL 5V
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE OPERATING TEMPERATURE (WT) STORAGE TEMPERATURE (WT) SYMBOL VDD-VSS VEE VIN TOP TSTG TOP TSTG 0 -0.3 0 -20 -20 -30 MIN -0.3 MAX 7.0 42.0 7.0 50 70 70 80 UNIT V V V C C C C
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 FRAME LOAD CP DISPOFF VDD VSS VL D0 D1 D2 D3 D4 D5 D6 D7 VSS VCFL NC NC VCFL H H/L H/L H/L 5V 0V H/L H/L H/L H/L H/L H/L H/L H/L 0V Data bus First Line Marker Data Latch Data shift H=On, L=Off Power supply for logic Ground Operating voltage for LC
RL
25V +
5 6 7 8 9 10 MAX 5.5 23.6 VDD .2 VDD
-
RH+RL = 10 ~ 20K
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER SUPPLY VOLTAGE INPUT HIGH VOLTAGE INPUT LOW VOLTAGE CCFL OP. VOLTAGE CCFL OP. CURRENT CCFL START VOLTAGE CCFL FREQUENCY DRIVE METHOD SYM VDD VL VIH VIL VFL IFL VFLS FFL CONDITION TA = 0C MIN 4.5 23.3 .8 VDD 0 4 20 TYP 5.0 23.5 320 5 455 35 UNIT V V V V Vrms mArms Vrms KHz
11 12 13 14 15 16 1 2 3 4
6
-
CCFL CONNECTOR
Power supply for CCFL No Connection No Connection CCFL Ground
50
1/240 DUTY
Page 32
0.03


▲Up To Search▲   

 
Price & Availability of HDM3224-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X