Part Number Hot Search : 
C101A 81CNQ040 RL102 STUS020 ARX1009 2N5142 MC74AC1 MC74AC1
Product Description
Full Text Search
 

To Download HDM3224-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM3224-1
Dimensional Drawing
167.0 4.0 152.0 148.0 22.0 5.5 7.32 2.3 4.0 24.42 122.0 (VIEWING AREA) 115.0 (320 DOTS) 11.0 MAX 7.70.5 JAE/IL-G-4S-S3C2
320 X 240 Dots Graphic CCFL Backlight
1 109.00.5 101.00.2 1040.5 92.0 86.4 4 0.33
0.33 0.03
200.01.0
4-3.4 35.0 Dimension tolerance: +/-0.3mm 1 14
CONNECTOR INFORMATION: SUPPLIED WITH 1.25mm FFC MATING:MOLEX 5597-14APB
Features Features Backlight..........................................................................CCFL Options.........................................STN/Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller..............................................................None Physical Data Module Size...............................167.0W x 109.0H x 11.0T mm Viewing Area Size....................................122.0W x 92.0H mm Dot Pitch.....................................................0.36W x 0.36H mm Dot Size......................................................0.33W x 0.33H mm Weight...............................................................................205g Power Supply
VDD + RH L C M VLCD VSS VL VEE RH+RL = 10 ~ 20K + RL 22V 5V
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE CCFL OPERATING VOLTAGE CCFL OPERATING CURRENT CCFL OPERATING FREQUENCY SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG VFL IFL fFL 0 0 0 -20 15 MIN MAX 7.0 30.0 7.0 50 70 1000 10 50 UNIT V V V C C Vrms mA KhZ
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 5 6 7 8 9 UNIT V V V V V V 10 11 12 5.0 18.5 0.3 VDD 0.4 5.5 17.8 13 14 1 2 3 4 D0 D1 D2 D3 DISPOFF FRAME NC LOAD CP vDD VSS VEE VL FGND VCFL NC NC VCFL H/L H H/L H/L 5V 0V -22V H=On, L=Off First Line Marker No Connection Data Latch Data shift Power supply for logic Ground Power supply for LCD Operating voltage for LC Front panel ground H/L Display Data
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE SUPPLY VOLTAGE DRIVE METHOD SYM VIH VIL VOH VOL VDD -VL CONDITION IOH=0.4mA IOL=0.4mA MIN 0.7 VDD VDD -0.4 4.5 19.5 1/240 DUTY TYP MAX -
CCFL CONNECTOR
Power supply for CCFL No Connection No Connection CCFL Ground
Page 26
0.03


▲Up To Search▲   

 
Price & Availability of HDM3224-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X