Part Number Hot Search : 
KX7N10L TK12E60U SI532 UZ8850 22F1X RL107F 11001 BAS21D
Product Description
Full Text Search
 

To Download HDM16216H-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM16216H-B
Dimensional Drawing
84.0 +0.5 79.0 4.5 7.0 9.4 2.5 11.5 13.9 61.0 56.2 7.0 2.5 3.15 0.55 4.0 2.95 0.05 0.60
16 Character x 2 Lines, Connector on Bottom
0.65
11.5
2-R1.25
15.8
5.0
5.55 34.5 36.0 44.0 0.05
11.5 1 15 16
6.35
4.0
14 10.2 4.0 2.54x15=38.1 2.54
9.35
4-2.0
16-1.0 HOLE 76.0
0.4
2-2.5
4.0 4.7
Dimension tolerance: +/-0.3mm
Features Character Format .......................................5x7 Dots with Cursor Backlight....................................................................EL Optional Options....TN/Gray STN/Yellow STN, 12 o'Clock/6 o'Clock View Normal/Extended Temperature Normal/Negative Displays Physical Data Module Size.....................................84.0W x 44.0H x 10.0T mm Viewing Area Size.........................................61.0W x 15.8H mm Weight...................................................................................34g
Block Diagram
1.6
10 MAX
D0 - D7
LCD COM 1 - 16
E R/W RS VL VDD VSS
LCD PANEL
CONTROLLER HD44780 or EQUIVALENT 4 DRIVER SEG 40 40
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VL VIN TOP TSTG 0 0 VSS 0 -20 MIN MAX 7.0 13.5 VDD 50 70 UNIT V V V C C 1 2 3 4
Pin Connections
PIN NO. SYMBOL VSS VDD VL RS R/W E D0 D1 D2 D3 D4 D5 D6 D7 H/L H/L H,HL H/L H/L H/L H/L H/L H/L H/L H/L Data bus LEVEL 0V 5V H: Data input L: Instruction data input H: Data read L: Data write Enable signal Power supply FUNCTION
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE POWER SUPPLY CURRENT POWER SUPPLY FOR LCD DRIVE METHOD SYM VIH VIL VOH VOL IDD VDD-VL CONDITION IOH=0.2mA IOL=1.2mA VDD=5.0V TA=25C MIN 2.2 2.4 4.3 1/16 Duty TYP 1.0 MAX .6 0.4 2.2 4.7 UNIT V V V V mA V
5 6 7 8 9 10 11 12 13 14
Page 58


▲Up To Search▲   

 
Price & Availability of HDM16216H-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X