Part Number Hot Search : 
08775 2SC1213 ADL55 SS432G XR16L651 NJU7748 SMAJ5305 XGH24N60
Product Description
Full Text Search
 

To Download HCPLM700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Technical Data
HCPL-M700 HCPL-M701
Features * Surface Mountable * Very Small, Low Profile JEDEC Registered Package Outline * Compatible with Infrared Vapor Phase Reflow and Wave Soldering Processes * High Current Transfer Ratio - 2000% * Low Input Current Capability - 0.5 mA * TTL Compatible Output VOL = 0.1 V * Guaranteed ac and dc Performance Over Temperature: 0C to 70C * High Output Current 60 mA * Recognized under the Component Program of U.L. (File No. E55361) for Dielectric Withstand Proof Test Voltage of 2500 Vac, 1 Minute
Description
These small outline, low input current, high gain optocouplers are single channel devices in a five lead miniature footprint. They are electrically equivalent to the following HP optocouplers: SO-5 Package HCPL-M700 HCPL-M701 Standard DIP 6N138 6N139 SO-8 Package HCPL-0700 HCPL-0701
The SO-5 JEDEC registered (MO-155) package outline does not require "through holes" in a PCB. This package occupies approximately one-fourth the footprint area of the standard dual-in-line package. The lead profile is designed to be compatible with standard surface mount processes. These high gain series optocouplers use a Light Emitting
Diode and an integrated high gain photodetector to provide extremely high current transfer ratio between input and output. Separate pins for the photodiode and output stage results in TTL compatible saturation voltages and high speed operation. Where desired the VCC and VO terminals may be tied together to achieve conventional photodarlington operation.
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
2
The HCPL-M701 is for use in CMOS, LSTTL or other low power applications. A 400% minimum current transfer ratio is guaranteed over a 0-70C operating range for only 0.5 mA of LED current. The HCPL-M700 is designed for use mainly in TTL applications. Current Transfer Ratio is 300%
minimum over 0-70C for an LED current of 1.6 mA [1 TTL Unit Load (U.L.)]. A 300% CTR enables operation with 1 U.L. out with a 2.2 k pull-up resistor. Selection for lower input currents down to 250 A is available upon request.
Applications
* Ground Isolate Most Logic Families - TTL/TTL, CMOS/ TTL, CMOS/CMOS, LSTTL/ TTL, CMOS/LSTTL * Low Input Current Line Receiver * EIA RS232C Line Receiver * Telephone Ring Detector * ac Line Voltage Status Indicator - Low Input Power Dissipation * Low Power Systems Ground Isolation
Outline Drawing (JEDEC MO-155)
ANODE 1 4.4 0.1 (0.173 0.004)
6
VCC
MXXX XXX
7.0 0.2 (0.276 0.008) CATHODE 3
5 VOUT 4 GND
0.4 0.05 (0.016 0.002) 3.6 0.1* (0.142 0.004) 0.102 0.102 (0.004 0.004) 0.15 0.025 (0.006 0.001) 7 MAX. 1.27 BSG (0.050) 0.71 MIN. (0.028) MAX. LEAD COPLANARITY = 0.102 (0.004) DIMENSIONS IN MILLIMETERS (INCHES) * MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006) "HP" IS MARKED ON THE UNDERSIDE OF THE PACKAGE
2.5 0.1 (0.098 0.004)
Pin Location (for reference only)
4.4 (0.17) 0.3 (0.01)
Schematic
6 VCC ICC + IF
2.5 (0.10)
1.3 (0.05)
ANODE 1 VF CATHODE - 3 IO 5 VO
0.9 (0.04) 7.2 (0.28)
0.5 (0.02)
4 GND
3
Absolute Maximum Ratings
(No Derating Required up to 85C) Storage Temperature ................................................. -55C to +125C Operating Temperature ............................................... -40C to +85C Average Input Current - IF ........................................................ 20 mA Peak Input Current - IF .............................................................. 40 mA (50% duty cycle, 1 ms pulse width) Peak Transient Input Current - IF .............................................. 1.0 A (1 s pulse width, 300 pps) Reverse Input Voltage - VR .............................................................. 5 V Input Power Dissipation ........................................................... 35 mW Output Current - IO (Pin 5) ........................................................ 60 mA Supply and Output Voltage - VCC (Pin 6-4),VO (Pin 5-4) HCPL-M700 ................................................................... -0.5 V to 7 V HCPL-M701 ................................................................. -0.5 V to 18 V 100 mW Output Power Dissipation ..................................................................... Infrared and Vapor Phase Reflow Temperature .................. see below
260 240 220 200 180 160 140 120 100 80 60 40 20 0 0
T = 145C, 1C/SEC T = 115C, 0.3C/SEC
TEMPERATURE - C
T = 100C, 1.5C/SEC
1
2
3
4
5
6
7
8
9
10
11
12
TIME - MINUTES
Maximum Solder Reflow Thermal Profile. (Note: Use of Non-Chlorine Activated Fluxes is Recommended.)
Insulation Related Specifications
Parameter Min. External Air Gap (Clearance) Min. External Tracking Path (Creepage) Min. Internal Plastic Gap (Clearance) Tracking Resistance Isolation Group (per DIN VDE 0109) CTI Symbol L(IO1) L(IO2) Value 5 5 0.08 175 IIIa Units mm mm mm V Conditions Measured from input terminals to output terminals Measured from input terminals to output terminals Through insulation distance conductor to conductor DIN IEC 112/VDE 0303 Part 1 Material Group DIN VDE 0109
4
Electrical Specifications
Over recommended temperature (TA = 0C to 70C) unless otherwise specified. (See note 6.) Parameter Current Transfer Ratio Symbol Device Min. Typ.* Max. Units HCPLCTR M701 400 500 M700 Logic Low Output Voltage VOL M701 300 2000 1600 1600 0.1 0.1 0.2 M700 Logic High Output IOH M701 M700 Logic Low Supply Current Logic High Supply Current Input Forward Voltage Input Reverse Breakdown Voltage Temperature Coefficient of Forward Voltage Input Capacitance InputOutput Insulation Resistance (InputOutput) Capacitance (InputOutput) ICCL 0.1 0.05 0.1 0.4 3500 2600 2600 0.4 0.4 0.4 0.4 100 250 1.5 mA A V % Test Conditions IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V IF = 1.6 mA, V = 0.4 V, VCC = 4.5 V IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V IF = 1.6 mA, IO = 8 mA, VCC = 4.5 V IF = 5 mA, IO = 15 mA, VCC = 4.5 V IF = 12 mA, IO = 24 mA, VCC = 4.5 V IF = 1.6 mA, IO = 24 mA, VCC = 4.5 V IF = 0 mA, VO = VCC = 18 V IF = 0 mA, VO = VCC = 7 V IF = 1.6 mA, VO = Open, VCC = 18 V IF = 0 mA, VO = Open, VCC = 18 V TA = 25C IF = 1.6 mA IR = 10 A 4 1 Fig. 2, 3 Note 1
ICCH
0.01
10
A
VF
1.4
1.7 1.75
V
BVR
5
VF/TA
-1.8
mV/C
IF = 1.6 mA
CIN VISO 2500
60
pF VRMS
f = 1 MHz, VF = 0 RH 50%, t = 1 min, TA = 25C VI-O = 500 VDC 2, 3
RI-O
1012
2
CI-O
0.6
pF
f = 1 MHz
2
*All typicals at TA = 25C, VCC = 5 V.
5
Switching Specifications
Over recommended temperature (TA = 0C to 70C), VCC = 5 V, unless otherwise specified. Parameter Propagation Delay Time to Logic Low at Output Sym- Device bol HCPL- Min. tPHL M701 Typ.* Max. Unit 25 75 100 0.5 2 3 M700 5 20 25 Propagation Delay Time to Logic High at Output tPLH M701 10 60 90 1 10 15 M700 10 35 50 Common |CMH| Mode Transient Immunity at Logic High Output Common |CML| Mode Transient Immunity at Logic Low Output
*All typicals at TA = 25C. Notes: 1. dc CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100. 2. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together. 3. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 3000 VRMS for 1 second (leakage detection current limit, II-O 5 A). 4. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the falling edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V). 5. In applications where dV/dt may exceed 50,000 V/s (such as static discharge) a series resistor, RCC, should be included to protect the detector IC from destructively high surge currents. The recommended value is RCC = 220 . 6. Use of a 0.1 F bypass capacitor connected between pins 4 and 6 is recommended.
Test Conditions TA = 25C IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270 IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270 IF = 1.6 mA, RL = 2.2 k
Fig. Note 5, 6, 7
s
TA = 25C
TA = 25C
TA = 25C
5, 6, 7
TA = 25C
TA = 25C
1,000
10,000
V/s IF = 0 mA RL = 2.2 k |VCM| = 10 Vp-p
8
4, 5
1,000
10,000
V/s IF = 1.6 mA RL = 2.2 k |VCM| = 10 Vp-p
8
4, 5
6
CTR - CURRENT TRANSFER RATIO - %
5.0 mA
IO - OUTPUT CURRENT - mA
3.0 mA 2.5 mA 2.0 mA 1.5 mA
70 C 1600 1200 800 400 0 0.1 VCC = 5.0 V VO = 0.4 V
IO - OUTPUT CURRENT - mA
50 4.5 mA
4.0 mA 3.5 mA
2000
0 C 25 C
100
10 TA = 70C 1.0 TA = 25C 0.1 TA = 0C 0.01 0.01
25
1.0 mA
0.5 mA
0 0
TA = 25C VCC = 5.0 V 1.0 VO - OUTPUT VOLTAGE - V 2.0
1.0
10
0.1
1
10
IF - FORWARD CURRENT - mA
IF - INPUT DIODE FORWARD CURRENT - mA
Figure 1. dc Transfer Characteristics.
Figure 2. Current Transfer Ratio vs. Forward Current.
Figure 3. Output Current vs. Input Diode Forward Current.
1000
tp - PROPAGATION DELAY - s
IF - FORWARD CURRENT - mA
100 10 1.0 0.1 0.01 0.001 1.1
IF + VF -
TA = 25C
1.2
1.3
1.4
1.5
1.6
26 24 RL = 2.2 k I = 1.6 mA 22 F 1/f = 50 s 20 18 16 tPLH 14 12 10 8 6 4 tPHL 2 0 0 10 20 30 40 50 60 70 80 90 100 TA - TEMPERATURE - C
100.0 TA = 25C tf
TIME - s
tr 10.0 (SEE FIGURE 7 FOR TEST CIRCUIT) IF ADJUSTED FOR VOL = 2 V 1.0 0.1 1.0 10 RL - LOAD RESISTANCE - k
VF - FORWARD VOLTAGE - V
Figure 4. Input Diode Forward Current vs. Forward Voltage.
Figure 5. Propagation Delay vs. Temperature.
Figure 6. Non-Saturated Rise and Fall Times vs. Load Resistance.
7
IF 0 VO (SATURATED RESPONSE) 1.5 V 5V
PULSE GEN. ZO = 50 tr = 5 ns
IF 1 6 RL 5 0.1F 3 RM 4
+5 V
10% DUTY CYCLE 1/f 100 s 1.5 V VOL IF MONITOR
VO
CL = 15 pF*
tPHL
tPLH 5V
* INCLUDES PROBE AND FIXTURE CAPACITANCE
VO (NONSATURATED RESPONSE) tf
90% 10%
90% 10%
tr
Figure 7. Switching Test Circuit.
tr, tf = 16 ns VCM 0V tr 10 V 10% 90% 90% 10%
IF B 1 A tf 5 5V VFF 3 4 6
RCC (SEE NOTE 5) +5 V 220 RL VO 0.1F
VO SWITCH AT A: IF = 0 mA VO SWITCH AT B: IF = 1.6 mA
VOL +
VCM - PULSE GEN.
Figure 8. Test Circuit for Transient Immunity and Typical Waveforms.


▲Up To Search▲   

 
Price & Availability of HCPLM700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X