Part Number Hot Search : 
AN7216 2KW16C WSH135 TTC05101 LPR5150A CY7C42 2060C AN7216
Product Description
Full Text Search
 

To Download GP1S092HCPI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1S092HCPI
GP1S092HCPI
s Features
1. Subminiature, transmissive type (4.5x2.6x2.9mm) 2. Surface mount type 3. Wide gap (Gap width : 2mm) 4. Slit width (Detector side) : 0.3mm 5. Tape-packaged product
Subminiature, Surface Mount Type Photointerrupter
s Outline Dimensions
1.2MAX. a'
2 1
(Unit : mm)
Internal connection diagram
1 2 3
a
(C0.3)
3 4
4
Anode Collector Emitter Cathode
s Applications
0.70.1
s Absolute Maximum Ratings
Parameter Forward current Reverse voltage Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Total power dissipation Operating temperature Storage temperature *1 Soldering temperature
(Ta=25C) Unit mA V mW V V mA mW mW C C C
Package bottom
+0.1 0.05 -0.05
(C0.3) 0.8
+0.1 0.5-0.2
2.90.1
1. Cameras 2. CD-ROM drives 3. VCR
4.50.1 (0.75)
+0.2 2-0.1
(C0.4) Center of light path
2.6
0.1
a-a' section (0.3) Slit width
Input
Output
Symbol Rating 50 IF VR 6 P 75 35 VCEO 6 VECO 20 IC 75 PC 100 Ptot -25 to +85 Topr -40 to +100 Tstg 260 Tsol
0.4 *2
3.4
R0.60.1
3 4
2-10.05
2
1.20.05
1
Unspecified tolerance : 0.2mm ( ) : Reference dimensions The dimensions indicated by *refer to those measured from the lead base. Burr's dimensions : 0.15MAX.
*1 For MAX. 5s
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
GP1S092HCPI s Electro-optical Characteristics
Parameter Forward voltage Input Reverse current Output Collector dark current Collector current Transfer Collector-emitter saturation voltage characteRise time ristics Response time Fall time Symbol VF IR ICEO IC VCE(sat) tr tf Conditions IF=20mA VR=3V VCE=20V VCE=5V, IF=5mA IF=10mA, IC=40A VCE=5V, IC=100A RL=1 000 MIN. - - - 100 - - - TYP. 1.2 - - - - 50 50 MAX. 1.4 10 100 400 0.4 150 150 (Ta=25C) Unit V A nA A V s s
Fig.1 Forward Current vs. Ambient Temperature
60
Fig.2 Power Dissipation vs. Ambient Temperature
120 Ptot
40
Power dissipation P, Pc, Ptot (mW)
50 Forward current IF (mA)
100
80
P,Pc
30
60
20
40
10 0 -25
20 0 -25
0
25
50
75 85
100
0
25
50
75 85
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.3 Forward Current vs. Forward Voltage
100 +25C +50C +75C 10 -25C 0C
Fig.4 Collector Current vs. Forward Current
VCE=5V Ta=25C
1.0 0.9 Collector current IC (mA) 3 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
Forward current IF (mA)
1 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 Forward voltage VF (V)
0.0 0 2 4 6 8 10 12 14 16 18 20 Forward current IF (mA)
GP1S092HCPI Fig.5 Collector Current vs. Collector-emitter Voltage
3 2.7 Collector current IC (mA) 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 0 1 2 3 4 5 6 7 8 9 10 Collector-emitter voltage VCE (V) IF=5mA IF=30mA IF=20mA IF=10mA IF=40mA Ta=25C IF=50mA
Fig.6 Relative Collector Current vs. Ambient Temperature
120 110 100 Relative collector current (%) 90 80 70 60 50 40 30 20 10 0 -25 IF=5mA VCE=5V
0
25
50
75
Ambient temperature Ta (C)
Fig.7 Collector - emitter Saturation Voltage vs. Ambient Temperature
Collector-emitter saturation voltage VCE (sat) (V) 0.2 0.18 0.16 0.14 0.12 0.1 0.08 0.06 IF=10mA IC=40A
Fig.8 Collector Dark Current vs. Ambient Temperature
10-6
5
VCE=20V
Collector dark current ICEO (A) 0 25 50 75
2
10-7
5 2
10-8
5 2
10-9
5 2
0.04 -25
10-10
0
25
50
75
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.9 Response Time vs. Load Resistance
1 000 VCE=5V IC=100A Ta=25C
Fig.10 Test Circuit for Response Time
VCC RD Input RL Output Input Output 10% 90%
Response time (s)
100
tf tr td tr td ts tf
10
ts 1 0.1
1
10
100
Load resistance RL (k)
GP1S092HCPI Fig.11 Relative Collector Current vs. Shield Distance (1)
100 90 Relative collector current (%) 80 70 60 50 40 30 20 10 0 0 0.5 1 1.5 2 Shield distance L (mm) IF=5mA VCE=5V Relative collector current (%) L=0 L
Fig.12 Relative Collector Current vs. Shield Distance (2)
100 90 80 L=0 70 60 50 40 30 20 10 0 0 0.5 1 1.5 2 Shield distance L (mm) L IF=5mA VCE=5V
Application Circuits
NOTICE
qThe circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. qContact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. qObserve the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii)Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). qContact a SHARP representative in advance when intending to use SHARP devices for any "specific" applications other than those recommended by SHARP or when it is unclear which category mentioned above controls the intended use. qIf the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Control Law of Japan, it is necessary to obtain approval to export such SHARP devices. qThis publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. qContact and consult with a SHARP representative if there are any questions about the contents of this publication.
115


▲Up To Search▲   

 
Price & Availability of GP1S092HCPI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X