Part Number Hot Search : 
UPC7893 ISL3180E ARF526 28F640 C0603 AM79C987 M66207 OV2686
Product Description
Full Text Search
 

To Download FR103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101 - FR107
1.0 AMP. Fast Recovery Rectifiers DO-41
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss.
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, Lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.34 gram
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% FR FR Symbol FR Type Number 101 102 103 Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 Maximum RMS Voltage VRMS 35 70 140 Maximum DC Blocking Voltage VDC 50 100 200
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance Operating Temperature Range TJ
Maximum Ratings and Electrical Characteristics
FR 104
FR 105
FR 106
FR 107
Units V V V A A V uA uA nS pF
o
400 280 400 1.0 30 1.2 5.0 150
600 420 600
800 1000 560 700 800 1000
I(AV) IFSM VF IR Trr Cj
RJA RJC TJ
150
Storage Temperature Range TSTG TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
250 10 65 8 -65 to +150 -65 to +150
500
C /W
o o
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (FR101 THRU FR107)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.0 1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
0.75
100 Tj=125 0C
0.5
0.25
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
0 25 50 75 100
o
10
Tj=75 0C
0 125 150 175 AMBIENT TEMPERATURE. ( C)
1.0 Tj=25 0C
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT. (A)
0.1 40 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
30
8.3ms Single Half Sine Wave JEDEC Method
20
FIG.5- TYPICAL FORWARD CHARACTERISTICS
10 20 10 0 1 2 4 6 8 10 20 NUMBER OF CYCLES AT 60Hz 40 60 80 100
Tj=25oC Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS FORWARD CURRENT. (A)
3.0
FIG.4- TYPICAL JUNCTION CAPACITANCE
90
1.0
JUNCTION CAPACITANCE.(pF)
50
0.3
30 20
Tj=25 C
0
0.1
10
0.03
1 1
0.01 2 4 6 10 20 40 60 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 REVERSE VOLTAGE. (V) FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
(+) 50Vdc (approx) (-)
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of FR103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X