Part Number Hot Search : 
12FR20 74C32N 2SD2083 CRBV5 HT162609 CRBV5 1000B AN1230
Product Description
Full Text Search
 

To Download FDMC261007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMC2610 N-Channel UltraFET Trench(R) MOSFET
January 2007
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
200V, 9.5A, 200m Features General Description
Max rDS(on) = 200m at VGS = 10V, ID = 2.2A Max rDS(on) = 215m at VGS = 6V, ID = 1.5A Low Profile - 1mm max in a Power 33 RoHS Compliant
tm
This N-Channel MOSFET is a rugged gate version of Fairchild Semiconductor`s advanced Power Trench process. It has been optimized for power management applications.
Application
DC - DC Conversion
Bottom
Top
5
6
7
8 D 1 D
D
D
D D
G
5 6 7 8
4G 3S 2S 1S
D D
4
3
2
S
S
S
Power 33
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS ID PD TJ, TSTG Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Silicon limited) -Continuous -Pulsed Power Dissipation Power Dissipation Operating and Storage Junction Temperature Range TC = 25C TA = 25C (Note 1a) TC = 25C TA = 25C (Note 1a) Ratings 200 20 9.5 2.2 15 42 2.1 -55 to +150 W C A Units V V
Thermal Characteristics
RJC RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient (Note 1a) 3 60 C/W
Package Marking and Ordering Information
Device Marking FDMC2610 Device FDMC2610 Package Power 33 Reel Size 7'' Tape Width 8mm Quantity 3000 units
(c)2006 Fairchild Semiconductor Corporation FDMC2610 Rev.C
1
www.fairchildsemi.com
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 250A, referenced to 25C VDS = 160V, VGS = 0V TJ = 125C VGS = 20V, VDS = 0V 200 199 1 100 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A ID = 250A, referenced to 25C VGS = 10V, ID = 2.2A VGS = 6V, ID = 1.5A VGS = 10V, ID = 2.2A , TJ = 125C VDS = 5V, ID = 2.2A 2 3.2 -9.9 175 188 347 7 200 215 397 S m 4 V mV/C
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 100V, VGS = 0V, f = 1MHz f = 1MHz 720 41 12 0.7 960 55 20 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VGS = 0V to 10V VDD = 100V ID = 2.2A VDD = 100V, ID = 2.2A VGS = 10V, RGEN = 24 17 13 29 16 12.3 3 3.6 31 24 47 29 18 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 2.2A (Note 2) 0.8 69 114 1.2 104 171 V ns nC IF = 2.2A, di/dt = 100A/s
Notes: 1: RJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RCA is determined by the user's board design. a. 60C/W when mounted on a 1 in2 pad of 2 oz copper b. 135C/W when mounted on a minimum pad of 2 oz copper
2: Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%.
FDMC2610 Rev.C
2
www.fairchildsemi.com
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
15
1.8
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX VGS = 10V VGS = 7V
VGS = 4.5V
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX VGS = 5V
1.6 1.4 1.2 1.0 0.8
VGS = 6V
ID, DRAIN CURRENT (A)
10
VGS = 6V
VGS = 7V
5
VGS = 4.5V
VGS = 5V
VGS = 10V
0
0
1 2 VDS, DRAIN TO SOURCE VOLTAGE (V)
3
0
3
6 9 ID, DRAIN CURRENT(A)
12
15
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
600
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (m)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -75 -50
ID =2.2A VGS = 10V PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
ID = 1.4A
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
500
TA = 150oC
400 300
TA = 25oC
200 100
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (oC)
4
5 6 7 8 9 VGS, GATE TO SOURCE VOLTAGE (V)
10
Figure 3. Normalized On- Resistance vs Junction Temperature
12 ID, DRAIN CURRENT (A)
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
Figure 4. On-Resistance vs Gate to Source Voltage
20 10
IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
9
TJ = 150oC
1
TJ = 150oC TJ = 25oC
6
0.1
3
TJ = 25oC TJ = -55oC
0.01
TJ = -55oC
0
2
3 4 5 VGS, GATE TO SOURCE VOLTAGE (V)
6
1E-3 0.2
0.4 0.6 0.8 1.0 VSD, BODY DIODE FORWARD VOLTAGE (V)
1.2
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
FDMC2610 Rev.C
3
www.fairchildsemi.com
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
VGS, GATE TO SOURCE VOLTAGE(V)
10
VDD =50V
1000
Ciss
8
VDD = 100V
6
VDD = 150V
CAPACITANCE (pF)
100
Coss
4 2 0
0
3
6 9 Qg, GATE CHARGE(nC)
12
15
10 0.1
f = 1MHz VGS = 0V
Crss
1 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
100
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
10 ID, DRAIN CURRENT (A) 8
VGS = 10V
4
IAS, AVALANCHE CURRENT(A)
3
TJ = 25oC
6
VGS = 6V
2
TJ = 125oC
4 2
RJC = 3 C/W
o
1 -3 10
10 10 tAV, TIME IN AVALANCHE(ms)
-2
-1
10
0
0
25
50 75 100 125 o TC, CASE TEMPERATURE ( C)
150
Figure 9. Unclamped Inductive Switching Capability
P(PK), PEAK TRANSIENT POWER (W)
40
Figure 10. Maximum Continuous Drain Current vs Case Temperature
500
VGS = 10V
TA = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 150 - T A ----------------------125
10
ID, DRAIN CURRENT (A)
rDS(on)LIMITED
100
1
100us 1ms
0.1
SINGLE PULSE TJ = MAX RATED RJA=135OC TA = 25OC
10ms 100ms
10
0.01
1s DC
SINGLE PULSE
1
R
0.001 0.1
1
10
100
700
0.5 -4 10
JA
=135 C
O
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
VDS, DRAIN to SOURCE VOLTAGE (V)
t, PULSE WIDTH (s)
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power Dissipation
FDMC2610 Rev.C
4
www.fairchildsemi.com
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
2
1
NORMALIZED THERMAL IMPEDANCE, ZJA
DUTY CYCLE-DESCENDING ORDER
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1 t2
0.01
SINGLE PULSE
0.003 -3 10
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
-2
10
10 10 10 t, RECTANGULAR PULSE DURATION(s)
-1
0
1
10
2
10
3
Figure 13. Transient Thermal Response Curve
FDMC2610 Rev.C
5
www.fairchildsemi.com
FDMC2610 N-Channel UltraFET Trench(R) MOSFET
FDMC2610 Rev.C
6
www.fairchildsemi.com
FDMC2610 N-Channel UItraFET Trench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design First Production
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I22 FDMC2610 Rev. C
7
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMC261007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X