Part Number Hot Search : 
DB104 V300B28 IRHNJ MM5246 V300B28 MMBD71 M8708120 ANALO
Product Description
Full Text Search
 

To Download FCPS-24F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 July13, 2004
DF-51401 D-100
Volt, Remote Power 24 Volt, 6 Amp Remote Power Supply
www.firelite.com Section: Power Supplies/Accessories
FCPS-24F(E) FCPS-24F(E)
GENERAL
The FireLite FCPS-24F(E) is a compact, cost-effective, 6amp remote power supply with battery charger. The FCPS24F(E) may be connected to any 12- or 24-volt Fire Alarm Control Panel (FACP) or may stand alone. Primary applications include Notification Appliance (bell) Circuit (NAC) expansion (to support ADA requirements) or auxiliary power to support 24-volt system accessories. The FCPS provides regulated and filtered 24 VDC power to four Notification Appliance Circuits (two Class A [Style Z] and two Class B [Style Y] or four Class B only). Alternately, the four outputs may be configured as any combination of resettable/non-resettable power outputs (optimal for powering four-wire smoke detectors). The FCPS-24F(E) also contains a battery charger capable of charging up to 7.0 Amp Hour batteries. CS868
California State Fire Marshal 7315-0075:176
(FCPS-24F)
(FCPS-24F FCPS-24FE)
S2424 S1287
(FCPS-24F)
MEA
(FCPS-24F)
387-94-E
FEATURES FEATURES
Requires input trigger voltage of 9.0 - 32 VDC. Contains two, fully-isolated input/control circuits (triggered from FACP Notification Appliance Circuit [NAC expander mode] or jumpered permanently on [standalone mode]). Two Class A (Style Z) or Class B (Style Y) Notification Appliance Circuits (circuits 1 & 3). Two additional NACs that may be individually configured for Class B (Style Y) operation only (circuits 2 & 4). 6 Amp full load output (3 amps max./ckt.) in NAC expander mode (UL 864). 4 Amp continuous output in stand-alone mode (UL 1481). In stand-alone mode, output power circuits may be configured as resettable (reset line from FACP required) or non-resettable. Fully regulated and filtered power output (optimal for powering four-wire smoke detectors, annunciators and other system peripherals requiring regulated/filtered power). Fuseless, power-limited technology meets new UL powerlimiting requirements, effective May 1, 1995. Normally closed trouble contact. Fully supervised power supply, battery and Notification Appliance Circuits. Selectable earth fault detection. AC trouble report selectable for immediate, 8 or 16 hour delay. Optional ammeter/voltmeter. Works with virtually any UL 864 fire alarm control which utilizes an industry-standard reverse-polarity notification circuit.
Self-contained in compact, lockable cabinet (15" [381 mm] H x 14.5" [368 mm] W x 2.75" [70 mm] D). Includes integral battery charger capable of charging up to 7.0 AH batteries. Fixed, clamp-type terminal blocks accommodate up to 12 AWG (3.25 mm) wire.
STAND ANDARDS STANDARDS and CODES
The FCPS-24F complies with the following standards: NFPA 72 National Fire Alarm Code. UL 864 Standard for Control Units for Fire Alarm Systems (NAC expander mode). UL 1481 Power Supplies for Fire Alarm Systems (stand-alone mode).
FireLite(R) Alarms is a Honeywell company. This document is not intended to be used for installation purposes. We try to keep our product information up-to-date and accurate. We cannot cover all specific applications or anticipate all requirements. All specifications are subject to change without notice. For more information, contact FireLite Alarms, One Fire-Lite Place, Northford, Connecticut 06472. Phone: (800) 627-3473, Toll-Free FAX: (877) 699-4105.
DF-51401 07/13/04 Page 1 of 3
SPECIFICATIONS SPECIFICATIONS
Primary (AC) Power FCPS-24F: 120 VAC 50/60 Hz, 2.0 A max. FCPS-24FE: 220/240 VAC 50/60 Hz, 1.0 A max. Wire size: minimum #14 AWG (2.0 mm) with 600V insulation. Control Input Circuit Trigger Input Voltage: 9.0 to 32 VDC. Trigger Current: 2.0 mA (16 - 32 V). (per input) 1.0 mA (9 - 16 V). Trouble Contact Rating 5 amps at 24 VDC.
Auxiliary Power Output Specific Application Power - 45 mA Short Circuit. Output Circuits +24 VDC (19.1 - 26.4) filtered, regulated. 3.0 amps maximum for any one circuit. 4.0 amps maximum total continuous current for all outputs (Stand-alone mode). 6.0 amps maximum total short-term current for all outputs (NAC Expander mode). Secondary Power (Battery) Charging Circuit Supports lead acid batteries only. Float Charge Voltage: 27.6V. Maximum Charge Current: 250 mA. Maximum Battery Capacity: 7.0 AH.
DESIGNATIONS TERMINAL DESIGNATIONS
Notes: 1) Cut JP1 to use a UL listed external battery charger, or MPM-4F ammeter/ voltmeter. 2) Cut R134 to delay AC loss reporting for 8 hours (24-hour standby), or cut R134 and R76 to delay AC loss reporting 16 hours (60-hour standby). 3) Cut R175 to make output #2 nonresettable in stand-alone mode. 4) Cut R176 to make output #4 nonresettable in stand-alone mode.
INFORMATION ORDERING INFORMATION
FCPS-24F Remote charger power supply (120 VAC). Includes main printed circuit board, transformers, red enclosure, and installation instructions. Remote charger power supply (220/240 VAC). Includes main printed circuit board, transformers, red enclosure, and installation instructions.
MPM-4F
A77-716B BAT-1270 MPM-4F
FCPS-24FE
12/24 VDC end-of-line relay for monitoring 4-wire smoke detector power. Battery, 12 volt, 7.0 AH (two required). Optional ammeter/voltmeter. Mounts in FCPS backbox.
Page 2 of 3 DF-51401 07/13/04
Application Examples
Example 1.0: Expand notification appliance power an additional 6.0 amps. Use up to 4 Class B (Style Y) outputs or 2 Class A (Style Z) and 2 Class B (Style Y) outputs.
In this example, the FACP notification appliance circuits will activate the FCPS-24F(E) when reverse polarity activation occurs. Trouble conditions on the FCPS-24F(E) are sensed by the FACP through Notification Appliance Circuit #1.
Example 2.0:
Use the FCPS-24F(E) to expand auxiliary regulated 24 volt system power up to 4 amps. Both non-resettable and resettable power options are available.
Resettable outputs are created by connecting the resettable output from the FACP to one or both of the FCPS24F(E) inputs. Non-resettable outputs are created simply by cutting on board resistors. For addressable panel applications, use a monitor module to sense the trouble status of the FCPS-24F(E) via the trouble relay contacts.
Example 3.0:
Use addressable control modules to activate the FCPS-24F(E) versus the FACP Notification Appliance Circuits. This typically allows for mounting the FCPS-24F(E) at greater distances* away from the FACP while expanding system architecture in various applications.
In this example, an addressable control module is used to activate the FCPS-24F(E) and an addressable monitor module is used to sense FCPS-24F(E) trouble conditions. Local auxiliary power output from the FCPS-24F(E) provides power to the addressable control module. *The FireLite MS-9200, 198-point Addressable FACP has the capability of locating control and monitor modules up to 10,000 feet away.
DF-51401 07/13/04 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of FCPS-24F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X